Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC87C52-33CJD Datasheet(PDF) 5 Page - TEMIC Semiconductors

Part # TSC87C52-33CJD
Description  CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC87C52-33CJD Datasheet(HTML) 5 Page - TEMIC Semiconductors

  TSC87C52-33CJD Datasheet HTML 1Page - TEMIC Semiconductors TSC87C52-33CJD Datasheet HTML 2Page - TEMIC Semiconductors TSC87C52-33CJD Datasheet HTML 3Page - TEMIC Semiconductors TSC87C52-33CJD Datasheet HTML 4Page - TEMIC Semiconductors TSC87C52-33CJD Datasheet HTML 5Page - TEMIC Semiconductors TSC87C52-33CJD Datasheet HTML 6Page - TEMIC Semiconductors TSC87C52-33CJD Datasheet HTML 7Page - TEMIC Semiconductors TSC87C52-33CJD Datasheet HTML 8Page - TEMIC Semiconductors TSC87C52-33CJD Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TSC87C52
5
MATRA MHS
Rev. C – 10 Sept 1997
Preliminary
Port 3 also serves the functions of various special features of the TEMIC’s C51 Family, as listed below:
Port Pin
Alternate Function
P3.0
P3.1
P3.2
P3.3
P3.4
P3.5
P3.6
P3.7
RxD (serial input port)
TxD (serial output port)
INT0 (external interrupt 0)
INT1 (external interrupt 1)
T0 (Timer 0 external input)
T1 (Timer 1 external input)
WR (external Data Memory write strobe)
RD (external Data Memory read strobe)
Port 3 can sink/source three LS TTL inputs. It can drive CMOS inputs without external pullups.
Some Port 3 pins receive control signals during EPROM programming and program verification.
RST
A high level on this pin for two machine cycles while the oscillator is running resets the device. An internal pull-down
resistor permits Power-On reset using only a capacitor connected to VCC. The port pins will be driven to their reset
condition when a minimum VIH1 voltage is applied whether the oscillator is started or not (asynchronous reset).
ALE/PROG
Address Latch Enable output for latching the low byte of the address during accesses to external memory. ALE is
activated as though for this purpose at a constant rate of 1/6 the oscillator frequency except during an external data
memory access at which time one ALE pulse is skipped.
ALE can sink/source 8 LS TTL inputs. It can drive CMOS inputs without external pullup.
If desired, to reduce EMI, ALE operation can be disabled by setting bit 0 of SFR location 8Eh (MSCON). With this
bit set, the pin is weakly pulled high. However, ALE remains active during MOVX, MOVC instructions and external
fetches. Setting the ALE disable bit has no effect if the microcontroller is in external execution mode (EA=0).
Throughout the remainder of this datasheet, ALE will refer to the signal coming out of the ALE/PROG pin, and the
pin will be referred to as the ALE/PROG pin.
PSEN
Program Store Enable output is the read strobe to external Program Memory. PSEN is activated twice each machine
cycle during fetches from external Program Memory. (However, when executing out of external Program Memory, two
activations of PSEN are skipped during each access to external Data Memory). PSEN is not activated during fetches
from internal Program Memory. PSEN can sink/source 8 LS TTL inputs. It can drive CMOS inputs without an external
pullup.
EA/VPP
External Access enable. EA must be strapped to VSS in order to enable the device to fetch code from external Program
Memory locations 0000h to FFFFh. Note however, that if any of the Security bits are programmed, EA will be internally
latched on reset.
EA should be strapped to VCC for internal program execution.
This pin also receives the programming supply voltage (VPP) during EPROM programming.
XTAL1
Input to the inverting amplifier that forms the oscillator. Receives the external oscillator signal when an external
oscillator is used.
XTAL2
Output from the inverting amplifier that forms the oscillator. This pin should be floated when an external oscillator
is used.


Similar Part No. - TSC87C52-33CJD

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC87C52-12CA TEMIC-TSC87C52-12CA Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
TSC87C52-12CB TEMIC-TSC87C52-12CB Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
TSC87C52-16CA TEMIC-TSC87C52-16CA Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
TSC87C52-16CB TEMIC-TSC87C52-16CB Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
More results

Similar Description - TSC87C52-33CJD

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
logo
ATMEL Corporation
T89C51RD2 ATMEL-T89C51RD2_03 Datasheet
1Mb / 104P
   0 to 40 MHz Flash Programmable 8-bit Microcontroller
logo
TEMIC Semiconductors
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
TSC80C31 TEMIC-TSC80C31 Datasheet
205Kb / 19P
   CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com