Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC87C52-33CJD Datasheet(PDF) 6 Page - TEMIC Semiconductors

Part # TSC87C52-33CJD
Description  CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC87C52-33CJD Datasheet(HTML) 6 Page - TEMIC Semiconductors

Back Button TSC87C52-33CJD Datasheet HTML 2Page - TEMIC Semiconductors TSC87C52-33CJD Datasheet HTML 3Page - TEMIC Semiconductors TSC87C52-33CJD Datasheet HTML 4Page - TEMIC Semiconductors TSC87C52-33CJD Datasheet HTML 5Page - TEMIC Semiconductors TSC87C52-33CJD Datasheet HTML 6Page - TEMIC Semiconductors TSC87C52-33CJD Datasheet HTML 7Page - TEMIC Semiconductors TSC87C52-33CJD Datasheet HTML 8Page - TEMIC Semiconductors TSC87C52-33CJD Datasheet HTML 9Page - TEMIC Semiconductors TSC87C52-33CJD Datasheet HTML 10Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
TSC87C52
6
Rev. C – 10 Sept 1997
Preliminary
MATRA MHS
New and Enhanced Features
In comparison to the original 80C52, the TSC87C52 implements some new and enhanced features. The new features
are the Power Off Flag, the ONCE mode and the ALE disabling. The enhanced features are located in the UART and
the Timer 2.
Power Off Flag
The Power Off Flag allows the user to distinguish between a ‘cold start’ reset and a ‘warm start’ reset.
A cold start reset is one that is coincident with VCC being turned on to the device after it was turned off. A warm start
reset occurs while VCC is still applied to the device and could be generated for example by an exit from Power Down.
The Power Off Flag (POF) is located in PCON at bit location 4 (see Table 1). POF is set by hardware when VCC rises
from 0 to its nominal voltage. The POF can be set or cleared by software allowing the user to determine the type of
reset.
Table 1 PCON – Power Control Register (87h)
765432
10
SMOD1
SMOD0
POF
GF1
GF0
PD
IDL
Symbol
Description
SMOD1
Serial Port Mode bit 1, new name of SMOD bit
Set to select double baud rate in mode 1,2 or 3.
SMOD0
Serial Port Mode bit 0
Set to to select FE bit in SCON.
Clear to select SM0 bit in SCON.
Reserved
Do not write 1 in this bit.
POF
Power Off Flag
Set by hardware when VCC rises from 0 to its nominal voltage. Can also be set by software.
Clear by software to recognize next reset type.
GF1
General purpose Flag
Set by software for general purpose usage.
Clear by software for general purpose usage.
GF0
General purpose Flag
Set by software for general purpose usage.
Clear by software for general purpose usage.
PD
Power Down mode bit
Set to enter power down mode.
Clear by hardware when reset occurs.
IDL
Idle mode bit
Set to enter idle mode.
Clear by hardware when interrupt or reset occur.
The reset value of PCON is 00XX 0000b.
ONCE Mode
The ONCE mode facilitates testing and debugging of systems using TSC87C52 without the TSC87C52 having to be
removed from the circuit. The ONCE mode is invoked by driving certain pins of the TSC87C52, the following sequence
must be exercised.
D Pull ALE low while the device is in reset (RST high) and PSEN is high.
D Hold ALE low as RST is deactivated.


Similar Part No. - TSC87C52-33CJD

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC87C52-12CA TEMIC-TSC87C52-12CA Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
TSC87C52-12CB TEMIC-TSC87C52-12CB Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
TSC87C52-16CA TEMIC-TSC87C52-16CA Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
TSC87C52-16CB TEMIC-TSC87C52-16CB Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
More results

Similar Description - TSC87C52-33CJD

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
logo
ATMEL Corporation
T89C51RD2 ATMEL-T89C51RD2_03 Datasheet
1Mb / 104P
   0 to 40 MHz Flash Programmable 8-bit Microcontroller
logo
TEMIC Semiconductors
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
TSC80C31 TEMIC-TSC80C31 Datasheet
205Kb / 19P
   CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com