Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

222203734332 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 222203734332
Description  Aluminum Capacitors Radial Standard Miniature
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

222203734332 Datasheet(HTML) 1 Page - Vishay Siliconix

  222203734332 Datasheet HTML 1Page - Vishay Siliconix 222203734332 Datasheet HTML 2Page - Vishay Siliconix 222203734332 Datasheet HTML 3Page - Vishay Siliconix 222203734332 Datasheet HTML 4Page - Vishay Siliconix 222203734332 Datasheet HTML 5Page - Vishay Siliconix 222203734332 Datasheet HTML 6Page - Vishay Siliconix 222203734332 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.vishay.com
For technical questions contact: aluminumcaps1@vishay.com
Document Number: 28310
102
Revision: 16-Nov-05
037 RSM
Vishay BCcomponents
Aluminum Capacitors
Radial Standard Miniature
FEATURES
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte.
• Radial leads, cylindrical aluminum case,
insulated with a blue vinyl sleeve.
• Pressure relief for case ∅D ≥ 6.3 mm.
• Charge and discharge proof.
• Miniaturized, high CV-product per unit volume.
• Lead (Pb)-Free versions are RoHS compliant.
APPLICATIONS
• General purpose, industrial, automotive and audio-video.
• Coupling, decoupling, timing, smoothing, filtering,
buffering in SMPS.
• Portable and mobile equipment (small size, low mass).
037 RSM
013 RLC
038 RSU
036 RSP
longer
life
lower
leakage
current
high
voltage
lower
height
miniaturized
047 RMS
097 RLP 7
134 RLP 5
044 RSH
036 RSP
Fig.1 Component outline.
MARKING
The capacitors are marked (where possible)
with the following information:
• Rated capacitance (in µF).
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (M for ± 20 %).
• Rated voltage (in V).
• Date code in accordance with IEC 60062.
• Code indicating factory of origin.
• Name of manufacturer.
• Negative terminal identification.
• Series number (037).
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes (
∅D × L in mm)
5
× 11 to 16 × 31
Rated capacitance range, CR
0.47 to 10000 µF
Tolerance on CR
± 20 %; ± 10 % on request
Rated voltage range, UR
6.3to100 V
Category temperature range
− 40 to + 85 °C
Endurance test at 85
°C
2000 hours
Useful life at 85
°C
2500 hours
Useful life at 40
°C, 1.4 × I
R applied
70000 hours
Shelf life at 0 V, 85
°C
500 hours
Based on sectional specification
IEC 60384-4/EN130300
Climatic category IEC 60068
40/085/56
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (ØD x L in mm)
CR
(µF)
UR (V)
6.3
10162535405063
100
0.47
−−−
−−−
5
× 11
5
× 11
1.0
−−−
−−−
5
× 11
5
× 11
2.2
−−−
−−−
5
× 11
5
× 11
3.3
−−−
−−−
5
× 11
5
× 11
4.7
−−−
−−−
5
× 11
5
× 11
10
−−−
−−
5
× 11
5
× 11
6.3
× 11
22
−−−
−−
5
× 11
6.3
× 11
8
× 12
33
−−−
5
× 11
−−
6.3
× 11
10
× 12
47
−−
5
× 11
−−
6.3
× 11
8
× 12
10
× 16
68
−−
5
× 11
6.3
× 11
−−
8
× 12
10
× 12
100
5
× 11
6.3
× 11
6.3
× 11
−−
8
× 12
10
× 12
10
× 20
150
6.3
× 11
8
× 12
10
× 12
10
× 16
220
6.3
× 11
8
× 12
8
× 12
10
× 12
10
× 16
10
× 20
12.5
× 2
Available
Pb-free
RoHS*
COMPLIANT
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - 222203734332

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
222203851101 VISHAY-222203851101 Datasheet
116Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 05-May-08
More results

Similar Description - 222203734332

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
037RSM VISHAY-037RSM_08 Datasheet
114Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 14-Nov-07
038RSU VISHAY-038RSU Datasheet
133Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 05-May-08
222203851101 VISHAY-222203851101 Datasheet
116Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 05-May-08
038RSU VISHAY-038RSU_12 Datasheet
124Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 14-Mar-12
038RSU VISHAY-038RSU_17 Datasheet
133Kb / 8P
   Aluminum Electrolytic Capacitors Radial Standard Ultra Miniature
Revision: 28-Feb-17
038RSU VISHAY-038RSU_V01 Datasheet
112Kb / 8P
   Aluminum Electrolytic Capacitors Radial Standard Ultra Miniature
01-Jan-2023
021ASM VISHAY-021ASM_12 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
021ASM VISHAY-021ASM Datasheet
117Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
222202115222 VISHAY-222202115222 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
048RML VISHAY-048RML Datasheet
111Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-May-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com