Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3901SEJTR-T Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A3901SEJTR-T
Description  Dual Full Bridge Low Voltage Motor Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3901SEJTR-T Datasheet(HTML) 2 Page - Allegro MicroSystems

  A3901SEJTR-T Datasheet HTML 1Page - Allegro MicroSystems A3901SEJTR-T Datasheet HTML 2Page - Allegro MicroSystems A3901SEJTR-T Datasheet HTML 3Page - Allegro MicroSystems A3901SEJTR-T Datasheet HTML 4Page - Allegro MicroSystems A3901SEJTR-T Datasheet HTML 5Page - Allegro MicroSystems A3901SEJTR-T Datasheet HTML 6Page - Allegro MicroSystems A3901SEJTR-T Datasheet HTML 7Page - Allegro MicroSystems A3901SEJTR-T Datasheet HTML 8Page - Allegro MicroSystems A3901SEJTR-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Dual Full Bridge Low Voltage Motor Driver
A3901
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Load Supply Voltage
VBB
––7
V
Output Current per Channel*
IOUT
400
mA
Logic Input Voltage Range
VIN
–0.3
6
V
Junction Temperature
TJ
150
°C
Storage Temperature Range
TS
–40
150
°C
Operating Temperature Range
TA
–20
85
°C
*Output current rating may be limited by duty cycle, ambient temperature, and heat sinking. Under any set of conditions, do not exceed the specified
current rating or a junction temperature of 150
°C.
Selection Guide
Part Number
Packing
A3901SEJTR-T
Tape and reel, 1500 pieces/reel
Absolute Maximum Ratings


Similar Part No. - A3901SEJTR-T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
A39015C0GL5 VISHAY-A39015C0GL5 Datasheet
104Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 20-Aug-13
logo
Allegro MicroSystems
A3901 ALLEGRO-A3901_16 Datasheet
378Kb / 12P
   Dual Full Bridge Low Voltage Motor Driver
More results

Similar Description - A3901SEJTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3901 ALLEGRO-A3901_16 Datasheet
378Kb / 12P
   Dual Full Bridge Low Voltage Motor Driver
A3909 ALLEGRO-A3909 Datasheet
267Kb / 10P
   Dual Full Bridge Motor Driver
logo
Microchip Technology
MTS2916A MICROCHIP-MTS2916A Datasheet
387Kb / 20P
   Dual Full-Bridge Motor Driver
11/29/12 2010-2013
logo
Allegro MicroSystems
2998 ALLEGRO-2998 Datasheet
165Kb / 6P
   DUAL FULL-BRIDGE MOTOR DRIVER
logo
Microchip Technology
MTS62C19A MICROCHIP-MTS62C19A Datasheet
395Kb / 20P
   Dual Full-Bridge Motor Driver
11/29/12 2010-2013
logo
Allegro MicroSystems
A3909 ALLEGRO-A3909_16 Datasheet
313Kb / 10P
   Dual Full Bridge Motor Driver
A1444EEWLT-P ALLEGRO-A1444EEWLT-P Datasheet
405Kb / 9P
   Low-Voltage Full-Bridge Brushless DC Motor Driver
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com