Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29LV640BUTI-12G Datasheet(PDF) 4 Page - Macronix International

Part # MX29LV640BUTI-12G
Description  64M-BIT [4M x 16] CMOS EQUAL SECTOR FLASH MEMORY
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV640BUTI-12G Datasheet(HTML) 4 Page - Macronix International

  MX29LV640BUTI-12G Datasheet HTML 1Page - Macronix International MX29LV640BUTI-12G Datasheet HTML 2Page - Macronix International MX29LV640BUTI-12G Datasheet HTML 3Page - Macronix International MX29LV640BUTI-12G Datasheet HTML 4Page - Macronix International MX29LV640BUTI-12G Datasheet HTML 5Page - Macronix International MX29LV640BUTI-12G Datasheet HTML 6Page - Macronix International MX29LV640BUTI-12G Datasheet HTML 7Page - Macronix International MX29LV640BUTI-12G Datasheet HTML 8Page - Macronix International MX29LV640BUTI-12G Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
4
P/N:PM1081
REV. 1.0, MAR. 08, 2005
MX29LV640BU
SYMBOL
PIN NAME
A0~A21
Address Input
Q0~Q15
8 Data Inputs/Outputs
CE#
Chip Enable Input
WE#
Write Enable Input
OE#
Output Enable Input
RESET#
Hardware Reset Pin, Active Low
WP#
Hardware Write Protect Input
RY/BY#
Read/Busy Output
VCC
+3.0V single power supply
ACC
Hardware Acceleration Pin
GND
Device Ground
NC
Pin Not Connected Internally
V I/O
Input/Output buffer (2.7V~3.6V) this
input should be tied directly to VCC
PIN DESCRIPTION
LOGIC SYMBOL
16
Q0-Q15
RY/BY#
A0-A21
V I/O
ACC
WP#
CE#
OE#
WE#
RESET#
22


Similar Part No. - MX29LV640BUTI-12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV640BB MCNIX-MX29LV640BB Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BBTC-12 MCNIX-MX29LV640BBTC-12 Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BBTC-12G MCNIX-MX29LV640BBTC-12G Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BBTC-90 MCNIX-MX29LV640BBTC-90 Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BBTC-90G MCNIX-MX29LV640BBTC-90G Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV640BUTI-12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LAA641D MCNIX-MX29LAA641D Datasheet
638Kb / 63P
   64M-BIT [4M x 16/8M x 8] CMOS EQUAL SECTOR
MX29LV065 MCNIX-MX29LV065 Datasheet
747Kb / 64P
   64M-BIT [8M x 8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F4000 MCNIX-MX29F4000 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F040 MCNIX-MX29F040 Datasheet
592Kb / 40P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV033A ETC1-MX29LV033A Datasheet
348Kb / 56P
   32M-BIT [4M x 8] CMOS EQUAL SECTOR FLASH MEMORY
logo
Macronix International
MX29LV040C MCNIX-MX29LV040C Datasheet
484Kb / 52P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29F080 MCNIX-MX29F080 Datasheet
664Kb / 38P
   8M-BIT [1024K x 8] CMOS EQUAL SECTOR FLASH MEMORY
MX29LV040 MCNIX-MX29LV040 Datasheet
713Kb / 51P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29F040C MCNIX-MX29F040C Datasheet
581Kb / 38P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 5V ONLY EQUAL SECTOR FLASH MEMORY
MX29F016 MCNIX-MX29F016 Datasheet
868Kb / 37P
   16M-BIT [2M X 8] CMOS EQUAL SECTOR FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com