Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS1086S Datasheet(PDF) 8 Page - STMicroelectronics

Part # ACS1086S
Description  AC switch family Transient voltage protected AC Switch (ACSTM)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS1086S Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ACS1086S Datasheet HTML 3Page - STMicroelectronics ACS1086S Datasheet HTML 4Page - STMicroelectronics ACS1086S Datasheet HTML 5Page - STMicroelectronics ACS1086S Datasheet HTML 6Page - STMicroelectronics ACS1086S Datasheet HTML 7Page - STMicroelectronics ACS1086S Datasheet HTML 8Page - STMicroelectronics ACS1086S Datasheet HTML 9Page - STMicroelectronics ACS1086S Datasheet HTML 10Page - STMicroelectronics ACS1086S Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
3 Ordering information scheme
ACS108-6S
8/11
3
Ordering information scheme
4
Package information
4.1
TO-92 Mechanical data
REF
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.35
0.053
B
4.70
0.185
C
2.54
0.100
D
4.40
0.173
E
12.70
0.500
F
3.70
0.146
a
0.50
0.019
ACS
1
08 - 6
S
A -TR
AC Switch series
Number of switches
Current
Voltage
Sensitivity
Package
Packing
08 = 0.8 A
6 = 600 V
S = 10 mA
A = TO-92
N = SOT-223
TR = Tape and reel
AP = Ammopack (TO-92)
Blank = (TO-92) Bulk
(SOT-223) Tube
RMS
A
F
C
B
a
DE


Similar Part No. - ACS1086S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS1086S STMICROELECTRONICS-ACS1086S Datasheet
173Kb / 11P
   AC switch family Transient voltage protected AC Switch (ACS)
More results

Similar Description - ACS1086S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS102-6T STMICROELECTRONICS-ACS102-6T Datasheet
166Kb / 11P
   AC switch family Transient protected AC switch ACSTM
ACS108-6S_0606 STMICROELECTRONICS-ACS108-6S_0606 Datasheet
173Kb / 11P
   AC switch family Transient voltage protected AC Switch (ACS)
ACS102-6T_0606 STMICROELECTRONICS-ACS102-6T_0606 Datasheet
173Kb / 11P
   AC switch family Transient protected AC switch (ACS)
ACS108-8TN STMICROELECTRONICS-ACS108-8TN Datasheet
548Kb / 14P
   Overvoltage protected AC switch (ACSTM)
June 2016 Rev 1
ACST12 STMICROELECTRONICS-ACST12 Datasheet
184Kb / 12P
   Transient protected AC power switch
ACST10 STMICROELECTRONICS-ACST10 Datasheet
173Kb / 12P
   Transient protected AC power switch
ACS108-8SN STMICROELECTRONICS-ACS108-8SN Datasheet
302Kb / 14P
   0.8 A - 800 V overvoltage protected AC switch (ACSTM)
August 2019 - Rev 2
AN1172 STMICROELECTRONICS-AN1172 Datasheet
287Kb / 23P
   A logic-level transient-voltage protected AC switch
ACST8-8C STMICROELECTRONICS-ACST8-8C Datasheet
86Kb / 8P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
ACST6-7S STMICROELECTRONICS-ACST6-7S Datasheet
122Kb / 10P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com