Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29LV400CBXEC-55R Datasheet(PDF) 11 Page - Macronix International

Part # MX29LV400CBXEC-55R
Description  4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV400CBXEC-55R Datasheet(HTML) 11 Page - Macronix International

Back Button MX29LV400CBXEC-55R Datasheet HTML 7Page - Macronix International MX29LV400CBXEC-55R Datasheet HTML 8Page - Macronix International MX29LV400CBXEC-55R Datasheet HTML 9Page - Macronix International MX29LV400CBXEC-55R Datasheet HTML 10Page - Macronix International MX29LV400CBXEC-55R Datasheet HTML 11Page - Macronix International MX29LV400CBXEC-55R Datasheet HTML 12Page - Macronix International MX29LV400CBXEC-55R Datasheet HTML 13Page - Macronix International MX29LV400CBXEC-55R Datasheet HTML 14Page - Macronix International MX29LV400CBXEC-55R Datasheet HTML 15Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
11
P/N:PM1155
MX29LV400C T/B
REV. 1.5, APR. 24, 2006
gram or erase operation is completed within a time of
tREADY (not during Embedded Algorithms).The system
can read data tRH after the RESET# pin returns to VIH.
Refer to the AC Characteristics tables for RESET# pa-
rameters and to Figure 24 for the timing diagram.
READ/RESET COMMAND
The read or reset operation is initiated by writing the read/
reset command sequence into the command register.
Microprocessor read cycles retrieve array data. The de-
vice remains enabled for reads until the command regis-
ter contents are altered.
If program-fail or erase-fail happen, the write of F0H will
reset the device to abort the operation. A valid com-
mand must then be written to place the device in the
desired state.
SILICON-ID READ COMMAND
Flash memories are intended for use in applications where
the local CPU alters memory contents. As such, manu-
facturer and device codes must be accessible while the
device resides in the target system. PROM program-
mers typically access signature codes by raising A9 to
a high voltage (VID). However, multiplexing high voltage
onto address lines is not generally desired system de-
sign practice.
The MX29LV400C T/B contains a Silicon-ID-Read op-
eration to supple traditional PROM programming meth-
odology. The operation is initiated by writing the read
silicon ID command sequence into the command regis-
ter. Following the command write, a read cycle with
A1=VIL, A0=VIL retrieves the manufacturer code of C2H/
00C2H. A read cycle with A1=VIL, A0=VIH returns the
device code of B9H/22B9H for MX29LV400CT, BAH/
22BAH for MX29LV400CB.
SET-UP AUTOMATIC CHIP/SECTOR ERASE COM-
MANDS
Chip erase is a six-bus cycle operation. There are two
"unlock" write cycles. These are followed by writing the
"set-up" command 80H. Two more "unlock" write cycles
are then followed by the chip erase command 10H or
sector erase command 30H.
The Automatic Chip Erase does not require the device to
be entirely pre-programmed prior to executing the Auto-
matic Chip Erase. Upon executing the Automatic Chip
Erase, the device will automatically program and verify
the entire memory for an all-zero data pattern. When the
device is automatically verified to contain an all-zero pat-
tern, a self-timed chip erase and verify begin. The erase
and verify operations are completed when the data on
Q7 is "1" at which time the device returns to the Read
mode. The system is not required to provide any control
or timing during these operations.
When using the Automatic Chip Erase algorithm, note
that the erase automatically terminates when adequate
erase margin has been achieved for the memory array
(no erase verification command is required).
If the Erase operation was unsuccessful, the data on Q5
is "1"(see Table 7), indicating the erase operation ex-
ceed internal timing limit.
The automatic erase begins on the rising edge of the last
WE# or CE# pulse, whichever happens first in the com-
mand sequence and terminates when the data on Q7 is
"1" at which time the device returns to the Read mode,
or the data on Q6 stops toggling for two consecutive read
cycles at which time the device returns to the Read mode.


Similar Part No. - MX29LV400CBXEC-55R

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV400CBXEC55Q MCNIX-MX29LV400CBXEC55Q Datasheet
3Mb / 76P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CBXEC70G MCNIX-MX29LV400CBXEC70G Datasheet
3Mb / 76P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CBXEC90G MCNIX-MX29LV400CBXEC90G Datasheet
3Mb / 76P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV400CBXEC-55R

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV400T MCNIX-MX29LV400T Datasheet
1Mb / 59P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV401T MCNIX-MX29LV401T Datasheet
986Kb / 56P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004T MCNIX-MX29LV004T Datasheet
724Kb / 54P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004CT MCNIX-MX29LV004CT Datasheet
517Kb / 59P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
SPANSION
MBM29LV400TC-55 SPANSION-MBM29LV400TC-55 Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
MBM29F400TC SPANSION-MBM29F400TC Datasheet
566Kb / 48P
   FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
logo
Macronix International
MX29LV040C MCNIX-MX29LV040C Datasheet
484Kb / 52P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
logo
Elite Semiconductor Mem...
F49L400UA ESMT-F49L400UA Datasheet
387Kb / 47P
   4 Mbit (512K x 8/256K x 16) 3V Only CMOS Flash Memory
logo
Macronix International
MX29LV040 MCNIX-MX29LV040 Datasheet
713Kb / 51P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29LV002CT MCNIX-MX29LV002CT Datasheet
512Kb / 58P
   2M-BIT [256K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com