Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBI6001N2N Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MBI6001N2N
Description  Transformerless AC/DC Constant Current Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MBI6001N2N Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MBI6001N2N Datasheet HTML 1Page - List of Unclassifed Manufacturers MBI6001N2N Datasheet HTML 2Page - List of Unclassifed Manufacturers MBI6001N2N Datasheet HTML 3Page - List of Unclassifed Manufacturers MBI6001N2N Datasheet HTML 4Page - List of Unclassifed Manufacturers MBI6001N2N Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MBI6001N2N
Transformerless AC/DC Constant Current Driver
February, 2003, V1.2
- 2 -
Pin Configuration
Pin Description (DIP14)
Pin
Name
I/O
Function
1
AC IN ~
In
AC voltage input node1.
2
PC
In
Peak current adjust.
3
OUT+
Out
Connected to LED anode (+).
4
DA
In
Duty adjust
5
NC
-
No connection
6
OUT-
Out
Connected to LED cathode (-).
7
NC
-
No connection
8
HV
-
High voltage (Note 1)
9
HV
-
High voltage (Note 1)
10
HV
-
High voltage. (Note 1)
11
NC
-
No connection
12
REF
-
Internal reference voltage low (Formerly named V-.)
13
NC
-
No connection
14
AC IN ~
In
AC voltage input node2
Note 1: These Pins should be kept away from being touched by hands. (High voltage 220VAC)
Environmental Specification
Operation Temperature Range ---- −20°C to 50°C
Storage Temperature Range ----- −40°C to 150°C
Cooling ------------------------------------------ Free Air or Thermally Conductive Adhesive
Absolute Maximum Ratings
AC Input Voltage -------------------------- 400V, transient
Power Dissipation ------------------------- 1.5 W
Junction Temperature ---------------------120°C
AC IN ~
PC
1
2
3
4
5
6
7
10
11
12
13
9
8
14
OUT+
DA
OUT-
NC
HV
HV
HV
REF
NC
AC IN ~
MBI6001N2N
NC
NC
Ordering Information
Part
Blink
VAC Range
Package
MBI6001N2N
NA
200V ~ 260V
DIP14


Similar Part No. - MBI6001N2N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI6001N1D ETC1-MBI6001N1D Datasheet
197Kb / 6P
   TRANSFORMERLESS AC / DC CONSTANT CURRENT DRIVER
More results

Similar Description - MBI6001N2N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI6001 ETC1-MBI6001 Datasheet
197Kb / 6P
   TRANSFORMERLESS AC / DC CONSTANT CURRENT DRIVER
logo
AIMTEC
AMEPR25D-24100AZ AIMTEC-AMEPR25D-24100AZ Datasheet
213Kb / 4P
   AC-DC Constant Current LED Driver
AMEPR30D-AZ AIMTEC-AMEPR30D-AZ_16 Datasheet
404Kb / 5P
   AC-DC Constant current LED Driver
AMEPR60-AZ AIMTEC-AMEPR60-AZ_16 Datasheet
701Kb / 14P
   AC-DC Constant Current or Constant Voltage LED Driver
AMEPR30-AZ AIMTEC-AMEPR30-AZ_16 Datasheet
1Mb / 15P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER150-AZ AIMTEC-AMER150-AZ_16 Datasheet
640Kb / 11P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER90-AZ AIMTEC-AMER90-AZ_16 Datasheet
632Kb / 11P
   AC-DC Constant Current or Constant Voltage LED Driver
AMEPR30C-AZ AIMTEC-AMEPR30C-AZ_16 Datasheet
760Kb / 17P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER120-AZ AIMTEC-AMER120-AZ_16 Datasheet
641Kb / 10P
   AC-DC Constant Current or Constant Voltage LED Driver
AMEPR60C-AZ AIMTEC-AMEPR60C-AZ_16 Datasheet
645Kb / 13P
   AC-DC Constant Current or Constant
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com