Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS1086SN Datasheet(PDF) 4 Page - STMicroelectronics

Part # ACS1086SN
Description  AC switch family Transient voltage protected AC Switch (ACSTM)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS1086SN Datasheet(HTML) 4 Page - STMicroelectronics

  ACS1086SN Datasheet HTML 1Page - STMicroelectronics ACS1086SN Datasheet HTML 2Page - STMicroelectronics ACS1086SN Datasheet HTML 3Page - STMicroelectronics ACS1086SN Datasheet HTML 4Page - STMicroelectronics ACS1086SN Datasheet HTML 5Page - STMicroelectronics ACS1086SN Datasheet HTML 6Page - STMicroelectronics ACS1086SN Datasheet HTML 7Page - STMicroelectronics ACS1086SN Datasheet HTML 8Page - STMicroelectronics ACS1086SN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
1 Characteristics
ACS108-6S
4/11
Figure 3.
Relative variation of junction to
ambient thermal impedance vs
pulse duration and package
Figure 4.
Relative variation of gate trigger
current, holding current and
latching current vs junction
temperature
Figure 5.
Non repetitive surge peak on-state
current vs number of cycles .
Figure 6.
Non repetitive surge peak on-state
current for a sinusoidal pulse with
width tp < 10 ms, and corresponding
value of I²t (Tj initial = 25 °C).
1.E-02
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
K=[Z
th(j-a)/Rth(j-a)]
TO-92
t (S)
P
SOT-223
I
GT,IH,IL [Tj]/IGT,IH,IL [Tj=25°C]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
-40 -30 -20 -10
0
10 20 30 40 50 60 70 80 90 100 110 120 130
Tj(°C)
I
L & IH
I
GT
0
1
2
3
4
5
6
7
8
9
10
1
10
100
1000
Number of cycles
ITSM(A)
Non repetitive
Tj initial = 25 °C
Repetitive
T
amb = 75 °C
One cycle
t=20ms
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
0.01
0.10
1.00
10.00
I
TSM(A), I²t (A²s)
Tj initial=25°C
I
TSM
I²t
(ms)
tp


Similar Part No. - ACS1086SN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS1086S STMICROELECTRONICS-ACS1086S Datasheet
173Kb / 11P
   AC switch family Transient voltage protected AC Switch (ACS)
More results

Similar Description - ACS1086SN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS102-6T STMICROELECTRONICS-ACS102-6T Datasheet
166Kb / 11P
   AC switch family Transient protected AC switch ACSTM
ACS108-6S_0606 STMICROELECTRONICS-ACS108-6S_0606 Datasheet
173Kb / 11P
   AC switch family Transient voltage protected AC Switch (ACS)
ACS102-6T_0606 STMICROELECTRONICS-ACS102-6T_0606 Datasheet
173Kb / 11P
   AC switch family Transient protected AC switch (ACS)
ACS108-8TN STMICROELECTRONICS-ACS108-8TN Datasheet
548Kb / 14P
   Overvoltage protected AC switch (ACSTM)
June 2016 Rev 1
ACST12 STMICROELECTRONICS-ACST12 Datasheet
184Kb / 12P
   Transient protected AC power switch
ACST10 STMICROELECTRONICS-ACST10 Datasheet
173Kb / 12P
   Transient protected AC power switch
ACS108-8SN STMICROELECTRONICS-ACS108-8SN Datasheet
302Kb / 14P
   0.8 A - 800 V overvoltage protected AC switch (ACSTM)
August 2019 - Rev 2
AN1172 STMICROELECTRONICS-AN1172 Datasheet
287Kb / 23P
   A logic-level transient-voltage protected AC switch
ACST8-8C STMICROELECTRONICS-ACST8-8C Datasheet
86Kb / 8P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
ACST6-7S STMICROELECTRONICS-ACST6-7S Datasheet
122Kb / 10P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com