Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

222203736331 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 222203736331
Description  Aluminum Capacitors Radial Standard Miniature
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

222203736331 Datasheet(HTML) 6 Page - Vishay Siliconix

  222203736331 Datasheet HTML 1Page - Vishay Siliconix 222203736331 Datasheet HTML 2Page - Vishay Siliconix 222203736331 Datasheet HTML 3Page - Vishay Siliconix 222203736331 Datasheet HTML 4Page - Vishay Siliconix 222203736331 Datasheet HTML 5Page - Vishay Siliconix 222203736331 Datasheet HTML 6Page - Vishay Siliconix 222203736331 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Document Number: 28310
For technical questions contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 16-Nov-05
107
037 RSM
Aluminum Capacitors
Radial Standard Miniature
Vishay BCcomponents
RIPPLE CURRENT AND USEFUL LIFE
3.3
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.5
0.0
3.1
40
50
60
70
80
90
100
Tamb (°C)
lifetime multiplier
(1)
IA
IR
CCC205
Fig.9 Multiplier of useful life as a function of ambient temperature and ripple current load.
IA = actual ripple current at 100 Hz.
IR = rated ripple current at 100 Hz, 85 °C.
(1) Useful life at 85
°C and I
R applied: 2 500 hours.
Table 3
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY
(Hz)
IR MULTIPLIER
UR = 6.3 to 10 V
UR = 16 to 35 V
UR = 40 to 100 V
50
0.90
0.85
0.80
100
1.00
1.00
1.00
500
1.12
1.20
1.25
1000
1.20
1.30
1.40
3000
1.25
1.35
1.50
≥ 10000
1.30
1.40
1.60
Table 4
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
Name of test
Reference
Endurance
IEC 60384-4/
EN130300
subclause 4.13
Tamb =85 °C; UR applied;
2000 hours
UR ≤ 6.3 V; ΔC/C: + 15 /− 30 %
UR > 6.3 V; ΔC/C: ± 20 %
tan
δ≤ 1.5 × spec. limit
Z
≤ 3 × spec. limit
IL5 ≤ spec. limit
Useful life
CECC 30301
subclause 1.8.1
Tamb =85 °C; UR and IR applied;
2500 hours
UR ≤ 6.3 V; ΔC/C: + 45 /− 50 %
UR > 6.3 V; ΔC/C: ± 50 %
tan
δ≤ 3 × spec. limit
Z
≤ 3 × spec. limit
IL5 ≤ spec. limit
no short or open circuit
total failure percentage:
≤ 3 %
Shelf life
(storage at high
temperature)
IEC 60384-4/
EN130300
subclause 4.17
Tamb =85 °C; no voltage applied;
500 hours
after test: UR to be applied for 30 minutes,
24 to 48 hours before measurement
ΔC/C, tan δ,Z:
for requirements see
‘Endurance test’ above
IL5 ≤ 2 × spec. limit


Similar Part No. - 222203736331

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
222203851101 VISHAY-222203851101 Datasheet
116Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 05-May-08
More results

Similar Description - 222203736331

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
037RSM VISHAY-037RSM_08 Datasheet
114Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 14-Nov-07
038RSU VISHAY-038RSU Datasheet
133Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 05-May-08
222203851101 VISHAY-222203851101 Datasheet
116Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 05-May-08
038RSU VISHAY-038RSU_12 Datasheet
124Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 14-Mar-12
038RSU VISHAY-038RSU_17 Datasheet
133Kb / 8P
   Aluminum Electrolytic Capacitors Radial Standard Ultra Miniature
Revision: 28-Feb-17
038RSU VISHAY-038RSU_V01 Datasheet
112Kb / 8P
   Aluminum Electrolytic Capacitors Radial Standard Ultra Miniature
01-Jan-2023
021ASM VISHAY-021ASM_12 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
021ASM VISHAY-021ASM Datasheet
117Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
222202115222 VISHAY-222202115222 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
048RML VISHAY-048RML Datasheet
111Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-May-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com