Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2400DK Datasheet(PDF) 2 Page - Texas Instruments

Part # CC2400DK
Description  2.4 GHz Low-Power RF Transceiver
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2400DK Datasheet(HTML) 2 Page - Texas Instruments

  CC2400DK Datasheet HTML 1Page - Texas Instruments CC2400DK Datasheet HTML 2Page - Texas Instruments CC2400DK Datasheet HTML 3Page - Texas Instruments CC2400DK Datasheet HTML 4Page - Texas Instruments CC2400DK Datasheet HTML 5Page - Texas Instruments CC2400DK Datasheet HTML 6Page - Texas Instruments CC2400DK Datasheet HTML 7Page - Texas Instruments CC2400DK Datasheet HTML 8Page - Texas Instruments CC2400DK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
CC2400
SWRS042A
Page 2 of 83
Table of contents
1
ABBREVIATIONS.............................................................................................................. 4
2
FEATURES ........................................................................................................................5
3
ABSOLUTE MAXIMUM RATINGS.................................................................................... 6
4
OPERATING CONDITIONS .............................................................................................. 6
5
ELECTRICAL SPECIFICATIONS ..................................................................................... 7
6
GENERAL CHARACTERISTICS ...................................................................................... 7
7
RF TRANSMIT SECTION .................................................................................................. 8
8
RF RECEIVE SECTION..................................................................................................... 9
9
AFC SECTION ................................................................................................................. 10
10
RSSI / CARRIER SENSE SECTION............................................................................ 11
11
IF SECTION.................................................................................................................. 11
12
FREQUENCY SYNTHESIZER SECTION.................................................................... 11
13
DIGITAL INPUTS/OUTPUTS....................................................................................... 12
14
PIN ASSIGNMENT....................................................................................................... 13
15
CIRCUIT DESCRIPTION ............................................................................................. 15
16
APPLICATION CIRCUIT.............................................................................................. 17
16.1
INPUT / OUTPUT MATCHING ....................................................................................... 17
16.2
BIAS RESISTOR ........................................................................................................ 17
16.3
CRYSTAL................................................................................................................. 17
16.4
DIGITAL I/O ............................................................................................................. 17
16.5
POWER SUPPLY DECOUPLING AND FILTERING ............................................................ 17
16.6
POWER SUPPLY SWITCHING...................................................................................... 17
17
CONFIGURATION OVERVIEW................................................................................... 20
18
CONFIGURATION SOFTWARE.................................................................................. 20
19
4-WIRE SERIAL CONFIGURATION INTERFACE...................................................... 21
20
OVERVIEW OF CONFIGURATIONS AND HARDWARE SUPPORT ........................ 24
21
MICROCONTROLLER INTERFACE AND PIN CONFIGURATION ........................... 25
21.1
CONFIGURATION INTERFACE..................................................................................... 25
21.2
SIGNAL INTERFACE IN UN-BUFFERED MODE................................................................ 25
21.3
GENERAL CONTROL AND STATUS PINS....................................................................... 25
22
DATA BUFFERING...................................................................................................... 27
22.1
BUFFERED MODE ..................................................................................................... 27
22.2
BUFFERED MODE HARDWARE SUPPORT..................................................................... 27
23
PACKET HANDLING HARDWARE SUPPORT.......................................................... 29
23.1
DATA PACKET FORMAT ............................................................................................. 29
23.2
ERROR DETECTION .................................................................................................. 29
23.3
HARDWARE INTERFACE ............................................................................................ 31
24
DATA / LINE ENCODING ............................................................................................ 31
24.1
DATA ENCODING IN BUFFERED MODE......................................................................... 31
24.2
DATA ENCODING IN UN-BUFFERED MODE ................................................................... 32
25
RADIO CONTROL STATE MACHINE ........................................................................ 34
26
POWER MANAGEMENT FLOW CHART ................................................................... 36
27
FSK MODULATION FORMATS .................................................................................. 38
28
BUILT-IN TEST PATTERN GENERATOR .................................................................. 38
29
RECEIVER CHANNEL BANDWIDTH ......................................................................... 39
30
DATA RATE PROGRAMMING.................................................................................... 40
31
DEMODULATOR, BIT SYNCHRONIZER AND DATA DECISION ............................. 41
32
AUTOMATIC FREQUENCY CONTROL ..................................................................... 42
33
LINEAR IF AND AGC SETTINGS ............................................................................... 43
34
RSSI.............................................................................................................................. 44
35
CARRIER SENSE ........................................................................................................ 45
36
INTERFACING AN EXTERNAL LNA OR PA ............................................................. 45
37
GENERAL PURPOSE / TEST OUTPUT CONTROL PINS ......................................... 45
38
FREQUENCY PROGRAMMING.................................................................................. 47


Similar Part No. - CC2400DK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2400DK TI-CC2400DK Datasheet
862Kb / 83P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400DK TI1-CC2400DK Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
More results

Similar Description - CC2400DK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400_07 Datasheet
862Kb / 83P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI1-CC2400_08 Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2500 TI-CC2500_11 Datasheet
2Mb / 96P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2500RGPR TI1-CC2500RGPR Datasheet
2Mb / 99P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
logo
Murata Manufacturing Co...
TRC104 MURATA-TRC104 Datasheet
1,023Kb / 33P
   2.4 GHz RF Transceiver
logo
List of Unclassifed Man...
BT2577 ETC-BT2577 Datasheet
311Kb / 4P
   2.4 GHZ RF TRANSCEIVER
logo
RF Monolithics, Inc
TRC104 RFM-TRC104 Datasheet
1,023Kb / 33P
   2.4 GHz RF Transceiver
logo
Murata Manufacturing Co...
XDM2510HC MURATA-XDM2510HC Datasheet
931Kb / 16P
   2.4 GHz Ultra-low Power WirelessHART RF Transceiver Module
logo
Anaren Microwave
A20737A ANAREN-A20737A Datasheet
724Kb / 2P
   2.4-GHz RF transceiver incorporating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com