Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX69F1602C3TXBI-90 Datasheet(PDF) 7 Page - Macronix International

Part # MX69F1602C3TXBI-90
Description  16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX69F1602C3TXBI-90 Datasheet(HTML) 7 Page - Macronix International

Back Button MX69F1602C3TXBI-90 Datasheet HTML 3Page - Macronix International MX69F1602C3TXBI-90 Datasheet HTML 4Page - Macronix International MX69F1602C3TXBI-90 Datasheet HTML 5Page - Macronix International MX69F1602C3TXBI-90 Datasheet HTML 6Page - Macronix International MX69F1602C3TXBI-90 Datasheet HTML 7Page - Macronix International MX69F1602C3TXBI-90 Datasheet HTML 8Page - Macronix International MX69F1602C3TXBI-90 Datasheet HTML 9Page - Macronix International MX69F1602C3TXBI-90 Datasheet HTML 10Page - Macronix International MX69F1602C3TXBI-90 Datasheet HTML 11Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
7
P/N:PM0954
MX69F1602/1604C3T/B
REV. 0.5, JUL. 09, 2003
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
Operating Temperature
During Read, Sector Erase, Word
Write . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC
Storage Temperature . . . . . . . . . . . . . .-65oC to +125oC
Voltage on Any Ball (except VCCf, VCCs, VCCQ and
VPP) with respect to GND . . . . . . . . .-0.5 V to VCC+0.5(1)
VPP Supply Voltage (for Sector Erase and Word Write)
with respect to GND . . . . . . . . . .-0.5V to +13.5V(1,2,4)
VCCf, VCCs and VCCQ Supply Voltage
with respect to GND. . . . . . . . . . . . . . . . .-0.2V to +4.0V(1)
Output Short Circuit Voltage . . . . . . . . . . . . .100mA(3)
WARNING: Stressing the device beyond the "Absolute
Maximum Ratings" may cause permanent damage.
These are stress ratings only. Operation beyond the
"Operating Conditions" is not recommended and ex-
tended exposure beyond the "Operation Conditions" may
affect device reliability.
Capacitance (1) (TA=+25oC, f=1MHz)
Symbol
Parameter
Min.
Max.
Unit
Notes
TA
Operating Temperature
-40
+85
oC
VCCf
Flash VCC Supply Voltage
2.7
3.6
V
1
VCCs
SRAM VCC Supply Voltage
2.7
3.6
V
VCCQ
Flash I/O Supply Voltage
2.7
3.6
V
1
VPP1
Supply Voltage
1.65
3.6
V
1
VPP2
Supply Voltage
11.4
12.6
V
1,2
Cycling
Sector Erase Cycling
100,000
2
Operating Conditions (Temperature and VCC Operating Conditions)
Symbol
Parameter
Typ.
Max.
Unit
Test Condition
CIN
Input Capacitance
16
18
pF
VIN=0.0V
COUT
Output Capacitance
20
22
pF
VOUT=0.0V
NOTE:
1.Sampled, not 100% tested.
1. Minimum DC voltage is -0.5V on input/output pins.
During transitions, this level may undershoot to -2.0V
for periods <20ns. Maximum DC voltage on input/out-
put balls to VCCf/VCCs/VCCQ+0.5V which during tran-
sition; may overshoot to VCCf/VCCs/VCCQ+2.0V for
periods <20ns.
2. Maximum DC voltage on VPP may overshoot to
+14.0V for periods <20ns.
3. Output shorted for no more than one second. No more
than one output shorted at a time.
4. VPP voltage is normally 1.65V~3.6V. Connection to
supply of 11.4V~12.6V can only be done for 1000
cycles on the main sectors and 2500 cycles on the
parameter sectors during program/erase. VPP may
be connected to 12V for a total of 80 hours maximum.
NOTE:
1.VCCf and VCCQ must share the same supply.
2.Applying VPP=11.4~12.6V during a program/erase can only be done for a maximum of 1000 cycles on the main
sectors and 2500 cycles on the parameter sectors. VPP may be connected to 12V for a total of 80 hours maximum.


Similar Part No. - MX69F1602C3TXBI-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX69F162 MCNIX-MX69F162 Datasheet
299Kb / 51P
   16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
MX69F162C3BB MCNIX-MX69F162C3BB Datasheet
299Kb / 51P
   16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
MX69F162C3BBXBI-70 MCNIX-MX69F162C3BBXBI-70 Datasheet
299Kb / 51P
   16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
MX69F162C3BBXBI-90 MCNIX-MX69F162C3BBXBI-90 Datasheet
299Kb / 51P
   16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
MX69F162C3BT MCNIX-MX69F162C3BT Datasheet
299Kb / 51P
   16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
More results

Similar Description - MX69F1602C3TXBI-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX69F162 MCNIX-MX69F162 Datasheet
299Kb / 51P
   16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
logo
Samsung semiconductor
K8D1716UTB SAMSUNG-K8D1716UTB Datasheet
482Kb / 40P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
K8D1716UTC SAMSUNG-K8D1716UTC Datasheet
1Mb / 41P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
logo
SPANSION
MB84VD22386EJ SPANSION-MB84VD22386EJ Datasheet
1Mb / 63P
   32M (X16) FLASH MEMORY 16M (X16) SRAM Interface FCRAM
logo
Fujitsu Component Limit...
MB84VD2108X FUJITSU-MB84VD2108X Datasheet
850Kb / 55P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
Samsung semiconductor
K8S6415ETB SAMSUNG-K8S6415ETB Datasheet
905Kb / 39P
   64M Bit (4M x16) Muxed Burst , Multi Bank NOR Flash Memory
logo
SPANSION
MB84VD2108XEM-70 SPANSION-MB84VD2108XEM-70 Datasheet
859Kb / 53P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
Macronix International
MX29F1610A MCNIX-MX29F1610A Datasheet
669Kb / 39P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
MX29F1615 MCNIX-MX29F1615 Datasheet
337Kb / 26P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
logo
Sharp Corporation
LRS1383F SHARP-LRS1383F Datasheet
3Mb / 44P
   FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com