Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29LV640TXBI-90 Datasheet(PDF) 10 Page - Macronix International

Part # MX29LV640TXBI-90
Description  64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV640TXBI-90 Datasheet(HTML) 10 Page - Macronix International

Back Button MX29LV640TXBI-90 Datasheet HTML 6Page - Macronix International MX29LV640TXBI-90 Datasheet HTML 7Page - Macronix International MX29LV640TXBI-90 Datasheet HTML 8Page - Macronix International MX29LV640TXBI-90 Datasheet HTML 9Page - Macronix International MX29LV640TXBI-90 Datasheet HTML 10Page - Macronix International MX29LV640TXBI-90 Datasheet HTML 11Page - Macronix International MX29LV640TXBI-90 Datasheet HTML 12Page - Macronix International MX29LV640TXBI-90 Datasheet HTML 13Page - Macronix International MX29LV640TXBI-90 Datasheet HTML 14Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
10
P/N:PM0920
REV. 1.2, NOV. 05, 2003
MX29LV640T/B
Sector
Sector
Sector Address
Sector Size
(x8)
(x16)
Group
A21-A12
(Kbytes/Kwords)
Address Range
Address Range
1
SA0
0000000000
8/4
000000h-001FFFh
000000h-000FFFh
2
SA1
0000000001
8/4
002000h-003FFFh
001000h-001FFFh
3
SA2
0000000010
8/4
004000h-005FFFh
002000h-002FFFh
4
SA3
0000000011
8/4
006000h-007FFFh
003000h-003FFFh
5
SA4
0000000100
8/4
008000h-009FFFh
004000h-004FFFh
6
SA5
0000000101
8/4
00A000h-00BFFFh
005000h-005FFFh
7
SA6
0000000110
8/4
00C000h-00DFFFh
006000h-006FFFh
8
SA7
0000000111
8/4
00E000h-00FFFFh
007000h-007FFFh
9
SA8
0000001xxx
64/32
010000h-01FFFFh
008000h-00FFFFh
9
SA9
0000010xxx
64/32
020000h-02FFFFh
010000h-017FFFh
9
SA10
0000011xxx
64/32
030000h-03FFFFh
018000h-01FFFFh
10
SA11
0000100xxx
64/32
040000h-04FFFFh
020000h-027FFFh
10
SA12
0000101xxx
64/32
050000h-05FFFFh
028000h-02FFFFh
10
SA13
0000110xxx
64/32
060000h-06FFFFh
030000h-037FFFh
10
SA14
0000111xxx
64/32
070000h-07FFFFh
038000h-03FFFFh
11
SA15
0001000xxx
64/32
080000h-08FFFFh
040000h-047FFFh
11
SA16
0001001xxx
64/32
090000h-09FFFFh
048000h-04FFFFh
11
SA17
0001010xxx
64/32
0A0000h-0AFFFFh
050000h-057FFFh
11
SA18
0001011xxx
64/32
0B0000h-0BFFFFh
058000h-05FFFFh
12
SA19
0001100xxx
64/32
0C0000h-0CFFFFh
060000h-067FFFh
12
SA20
0001101xxx
64/32
0D0000h-0DFFFFh
068000h-06FFFFh
12
SA21
0001110xxx
64/32
0E0000h-0EFFFFh
070000h-077FFFh
12
SA22
0001111xxx
64/32
0F0000h-0FFFFFh
078000h-07FFFFh
13
SA23
0010000xxx
64/32
100000h-10FFFFh
080000h-087FFFh
13
SA24
0010001xxx
64/32
110000h-11FFFFh
088000h-08FFFFh
13
SA25
0010010xxx
64/32
120000h-12FFFFh
090000h-097FFFh
13
SA26
0010011xxx
64/32
130000h-13FFFFh
098000h-09FFFFh
14
SA27
0010100xxx
64/32
140000h-14FFFFh
0A0000h-0A7FFFh
14
SA28
0010101xxx
64/32
150000h-15FFFFh
0A8000h-0AFFFFh
14
SA29
0010110xxx
64/32
160000h-16FFFFh
0B0000h-0B7FFFh
14
SA30
0010111xxx
64/32
170000h-17FFFFh
0B8000h-0BFFFFh
15
SA31
0011000xxx
64/32
180000h-18FFFFh
0C0000h-0C7FFFh
15
SA32
0011001xxx
64/32
190000h-19FFFFh
0C8000h-0CFFFFh
15
SA33
0011010xxx
64/32
1A0000h-1AFFFFh
0D0000h-0D7FFFh
15
SA34
0011011xxx
64/32
1B0000h-1BFFFFh
0D8000h-0DFFFFh
16
SA35
0011100xxx
64/32
1C0000h-1CFFFFh
0E0000h-0E7FFFh
16
SA36
0011101xxx
64/32
1D0000h-1DFFFFh
0E8000h-0EFFFFh
16
SA37
0011110xxx
64/32
1E0000h-1EFFFFh
0F0000h-0F7FFFh
16
SA38
0011111xxx
64/32
1F0000h-1FFFFFh
0F8000h-0FFFFFh
MX29LV640B SECTOR GROUP ARCHITECTURE


Similar Part No. - MX29LV640TXBI-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV640BB MCNIX-MX29LV640BB Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BBTC-12 MCNIX-MX29LV640BBTC-12 Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BBTC-12G MCNIX-MX29LV640BBTC-12G Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BBTC-90 MCNIX-MX29LV640BBTC-90 Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BBTC-90G MCNIX-MX29LV640BBTC-90G Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV640TXBI-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV640BT MCNIX-MX29LV640BT Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640MT MCNIX-MX29LV640MT Datasheet
647Kb / 74P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640E MCNIX-MX29LV640E_14 Datasheet
1Mb / 65P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640E MCNIX-MX29LV640E Datasheet
728Kb / 61P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V
MX29LV640D MCNIX-MX29LV640D Datasheet
798Kb / 62P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V
MX29LV128D MCNIX-MX29LV128D Datasheet
886Kb / 73P
   128M-BIT [16M x 8/8M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LA32XMT MCNIX-MX29LA32XMT Datasheet
913Kb / 72P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320MTB MCNIX-MX29LV320MTB Datasheet
984Kb / 71P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320AT MCNIX-MX29LV320AT Datasheet
603Kb / 60P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320T MCNIX-MX29LV320T Datasheet
949Kb / 63P
   32 BIT 4M X 8 / 2M X 16 ] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com