Selected language     English  â–¼


LA73050 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part No. LA73050
Description  Monolithic Linear IC 6ch 75ohm Video Driver
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 6 page
background image
LA73050
PS No.A0241-6/6
Continued from preceding page.
Pin No.
Pin Name
Terminal Explanation
Equivalent Circuit
18
19
27
28
–VCC.
–VCC of using ±power supply.
Using +power supply, it is GND.
20
22
24
29
31
33
VOUT6
VOUT5
VOUT4
VOUT3
VOUT2
VOUT1
Output terminal.
Using
±power supply, in case of the mode with DC offset, it is
possible to use without capacitor of output by setting pins 3, 8,
12 to 0.3V-bias and by setting pins 6, 15, 17 to 0.6V-bias.
And in case of the mode without DC offset, it is possible to use
without capacitor of output by setting each input to zero-bias.
When using +power supply, both of the modes needs coupling
capacitor.
25
34
+VCC
Both
±power supply and +power supply are +VCC.
This catalog provides information as of March, 2006. Specifications and information herein are subject
to change without notice.
Specifications of any and all SANYO products described or contained herein stipulate the performance,
characteristics, and functions of the described products in the independent state, and are not guarantees of
the performance, characteristics, and functions of the described products as mounted in the customer's
products or equipment. To verify symptoms and states that cannot be evaluated in an independent device,
the customer should always evaluate and test devices mounted in the customer's products or equipment.
SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all
semiconductor products fail with some probability. It is possible that these probabilistic failures could give
rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that
could cause damage to other property. When designing equipment, adopt safety measures so that these
kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits
and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO products (including technical data, services) described or contained
herein are controlled under any of applicable local export control laws and regulations, such products must
not be exported without obtaining the export license from the authorities concerned in accordance with the
above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, of
otherwise, without the prior written permission of SANYO Electric Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for
the SANYO product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not
guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no
guarantees are made or implied regarding its use or any infringements of intellectual property rights or other
rights of third parties.




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NJM22433-INPUT VIDEO SWITCH WITH 75OHM DRIVER 1 2 3 4 5 New Japan Radio
NJM2267DUAL VIDEO 6dB AMPLIFIER WITH 75OHM DRIVER 1 2 3 4 5 MoreNew Japan Radio
T6L24TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC SOURCE DRIVER FOR TFT LCD PANELS 1 2 3 4 5 MoreToshiba Semiconductor
LA6570Monolithic Linear IC 5CH Driver BTL : 4CH H-Bridge : 1CH for CD 1 2 3 Sanyo Semicon Device
TA8409SGTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic Bridge Driver 1 2 3 4 5 MoreToshiba Semiconductor
TA8429HTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic Full-bridge Driver H-Switch for DC Motor Driver for Switching between Forward and Reve 1 2 3 4 5 MoreToshiba Semiconductor
LA730524ch 75ohm Video Driver 1 2 3 4 5 MoreSanyo Semicon Device
KIA2092NBIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC POWER DRIVER IC FOR CD PLAYER 1 2 3 4 5 KEC(Korea Electronics)
BD7905BFS6CH Power Driver for CD-ROM DVD-ROM 1 2 3 4 5 MoreRohm
BD7998EFS6ch Power Driver for CD-ROM DVD-ROM 1 2 3 4 5 Rohm

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl