Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29LV400CTXEC-70G Datasheet(PDF) 7 Page - Macronix International

Part # MX29LV400CTXEC-70G
Description  4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV400CTXEC-70G Datasheet(HTML) 7 Page - Macronix International

Back Button MX29LV400CTXEC-70G Datasheet HTML 3Page - Macronix International MX29LV400CTXEC-70G Datasheet HTML 4Page - Macronix International MX29LV400CTXEC-70G Datasheet HTML 5Page - Macronix International MX29LV400CTXEC-70G Datasheet HTML 6Page - Macronix International MX29LV400CTXEC-70G Datasheet HTML 7Page - Macronix International MX29LV400CTXEC-70G Datasheet HTML 8Page - Macronix International MX29LV400CTXEC-70G Datasheet HTML 9Page - Macronix International MX29LV400CTXEC-70G Datasheet HTML 10Page - Macronix International MX29LV400CTXEC-70G Datasheet HTML 11Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
7
P/N:PM1155
MX29LV400C T/B
REV. 1.5, APR. 24, 2006
TABLE 3. MX29LV400C T/B AUTO SELECT MODE OPERATION
NOTE:SA=Sector Address, X=Don't Care, L=Logic Low, H=Logic High
A17 A11
A8
A5
Description
Mode CE# OE# WE# RE-
|
| A9
|
A6
|
A1 A0
Q15~Q0
SET# A12 A10
A7
A2
Manufacture
L
L
H
H
X
X VID X
L
X
L
L
C2H
Code
Read
Device ID
Word
L
L
H
H
X
X VID X
L
X
L
H
22B9H
Silicon
(Top Boot Block)
Byte
L
L
H
H
X
X VID X
L
X
L
H
XXB9H
ID
Device ID (Bottom
Word
L
L
H
H
X
X VID X
L
X
L
H
22BAH
Boot Block)
Byte
L
L
H
H
X
X VID X
L
X
L
H
XXBAH
XX01H
Sector Protection
L
L
H
H
SA
X VID X
L
X
H
L
(protected)
Verification
XX00H
(unprotected)
address bit (see Table 1 and Table 2).The rest of address
bits, as shown in table3, are don't care. Once all neces-
sary bits have been set as required, the programming
equipment may read the corresponding identifier code on
Q7~Q0.


Similar Part No. - MX29LV400CTXEC-70G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV400CTXEC55Q MCNIX-MX29LV400CTXEC55Q Datasheet
3Mb / 76P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CTXEC70G MCNIX-MX29LV400CTXEC70G Datasheet
3Mb / 76P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CTXEC90G MCNIX-MX29LV400CTXEC90G Datasheet
3Mb / 76P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV400CTXEC-70G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV400T MCNIX-MX29LV400T Datasheet
1Mb / 59P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV401T MCNIX-MX29LV401T Datasheet
986Kb / 56P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004T MCNIX-MX29LV004T Datasheet
724Kb / 54P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004CT MCNIX-MX29LV004CT Datasheet
517Kb / 59P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
SPANSION
MBM29LV400TC-55 SPANSION-MBM29LV400TC-55 Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
MBM29F400TC SPANSION-MBM29F400TC Datasheet
566Kb / 48P
   FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
logo
Macronix International
MX29LV040C MCNIX-MX29LV040C Datasheet
484Kb / 52P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
logo
Elite Semiconductor Mem...
F49L400UA ESMT-F49L400UA Datasheet
387Kb / 47P
   4 Mbit (512K x 8/256K x 16) 3V Only CMOS Flash Memory
logo
Macronix International
MX29LV040 MCNIX-MX29LV040 Datasheet
713Kb / 51P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29LV002CT MCNIX-MX29LV002CT Datasheet
512Kb / 58P
   2M-BIT [256K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com