Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29LV640TXCI-12 Datasheet(PDF) 9 Page - Macronix International

Part # MX29LV640TXCI-12
Description  64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV640TXCI-12 Datasheet(HTML) 9 Page - Macronix International

Back Button MX29LV640TXCI-12 Datasheet HTML 5Page - Macronix International MX29LV640TXCI-12 Datasheet HTML 6Page - Macronix International MX29LV640TXCI-12 Datasheet HTML 7Page - Macronix International MX29LV640TXCI-12 Datasheet HTML 8Page - Macronix International MX29LV640TXCI-12 Datasheet HTML 9Page - Macronix International MX29LV640TXCI-12 Datasheet HTML 10Page - Macronix International MX29LV640TXCI-12 Datasheet HTML 11Page - Macronix International MX29LV640TXCI-12 Datasheet HTML 12Page - Macronix International MX29LV640TXCI-12 Datasheet HTML 13Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
9
P/N:PM0920
REV. 1.2, NOV. 05, 2003
MX29LV640T/B
Top Boot Security Sector Addresses
Sector Address
Sector Size
(x8)
(x16)
A21~A12
(bytes/words)
Address Range
Address Range
1111111111
256/128
7FFF00h-7FFFFFh
3FFF70h-3FFFFFh
Note:The address range is A21:A-1 in byte mode (BYTE=VIL) or A20:A0 in word mode (BYTE=VIH)
Sector
Sector
Sector Address
Sector Size
(x8)
(x16)
Group
A21-A12
(Kbytes/Kwords)
Address Range
Address Range
31
SA120
1111000xxx
64/32
780000h-78FFFFh
3C0000h-3C7FFFh
31
SA121
1111001xxx
64/32
790000h-79FFFFh
3C8000h-3CFFFFh
31
SA122
1111010xxx
64/32
7A0000h-7AFFFFh
3D0000h-3D7FFFh
31
SA123
1111011xxx
64/32
7B0000h-7BFFFFh
3D8000h-3DFFFFh
32
SA124
1111100xxx
64/32
7C0000h-7CFFFFh
3E0000h-3E7FFFh
32
SA125
1111101xxx
64/32
7D0000h-7DFFFFh
3E8000h-3EFFFFh
32
SA126
1111110xxx
64/32
7E0000h-7EFFFFh
3F0000h-3F7FFFh
33
SA127
1111111000
8/4
7F0000h-7F1FFFh
3F8000h-3FFFFFh
34
SA128
1111111001
8/4
7F2000h-7F3FFFh
3F9000h-3F9FFFh
35
SA129
1111111010
8/4
7F4000h-7F5FFFh
3FA000h-3FAFFFh
36
SA130
1111111011
8/4
7F6000h-7F7FFFh
3FB000h-3FBFFFh
37
SA131
1111111100
8/4
7F8000h-7F9FFFh
3FC000h-3FCFFFh
38
SA132
1111111101
8/4
7FA000h-7FBFFFh
3FD000h-3FDFFFh
39
SA133
1111111110
8/4
7FC000h-7FDFFFh
3FE000h-3FEFFFh
40
SA134
1111111111
8/4
7FE000h-7FFFFFh
3FF000h-3FFFFFh


Similar Part No. - MX29LV640TXCI-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV640BB MCNIX-MX29LV640BB Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BBTC-12 MCNIX-MX29LV640BBTC-12 Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BBTC-12G MCNIX-MX29LV640BBTC-12G Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BBTC-90 MCNIX-MX29LV640BBTC-90 Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BBTC-90G MCNIX-MX29LV640BBTC-90G Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV640TXCI-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV640BT MCNIX-MX29LV640BT Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640MT MCNIX-MX29LV640MT Datasheet
647Kb / 74P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640E MCNIX-MX29LV640E_14 Datasheet
1Mb / 65P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640E MCNIX-MX29LV640E Datasheet
728Kb / 61P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V
MX29LV640D MCNIX-MX29LV640D Datasheet
798Kb / 62P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V
MX29LV128D MCNIX-MX29LV128D Datasheet
886Kb / 73P
   128M-BIT [16M x 8/8M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LA32XMT MCNIX-MX29LA32XMT Datasheet
913Kb / 72P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320MTB MCNIX-MX29LV320MTB Datasheet
984Kb / 71P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320AT MCNIX-MX29LV320AT Datasheet
603Kb / 60P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320T MCNIX-MX29LV320T Datasheet
949Kb / 63P
   32 BIT 4M X 8 / 2M X 16 ] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com