Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA210NJ60C Datasheet(PDF) 1 Page - International Rectifier

Part # HFA210NJ60C
Description  Ultrafast, Soft Recovery Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HFA210NJ60C Datasheet(HTML) 1 Page - International Rectifier

  HFA210NJ60C Datasheet HTML 1Page - International Rectifier HFA210NJ60C Datasheet HTML 2Page - International Rectifier HFA210NJ60C Datasheet HTML 3Page - International Rectifier HFA210NJ60C Datasheet HTML 4Page - International Rectifier HFA210NJ60C Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PD -2.448 rev. B 02/99
• Reduced RFI and EMI
• Reduced Snubbing
• Extensive Characterization of
Recovery Parameters
Features
Description
HEXFREDTMdiodes are optimized to reduce losses and EMI/RFI in high frequency
power conditioning systems. An extensive characterization of the recovery
behavior for different values of current, temperature and di/dt simplifies the
calculations of losses in the operating conditions. The softness of the recovery
eliminates the need for a snubber in most applications. These devices are ideally
suited for power converters, motors drives and other applications where
switching losses are significant portion of the total losses.
Ultrafast, Soft Recovery Diode
HEXFREDTM
HFA210NJ60C
BASE COMMON CATHODE
LUG
TERMINAL
ANODE 1
LUG
TERMINAL
ANODE 2
VR = 600V
VF(typ.)ƒ = 1.2V
IF(AV) = 210A
Qrr (typ.) = 450nC
IRRM(typ.) = 10A
trr(typ.) = 35ns
di(rec)M/dt (typ.)ƒ = 240A/µs
TO-244AB
Thermal - Mechanical Characteristics
Absolute Maximum Ratings (per Leg)
lbf•in
(N•m)
°C/W
K/W
Parameter
Min.
Typ.
Max.
Units
RthJC
Junction-to-Case, Single Leg Conducting
––––
––––
0.27
Junction-to-Case, Both Legs Conducting
––––
––––
0.135
RthCS
Case-to-Sink, Flat, Greased Surface
––––
0.10
––––
Wt
Weight
––––
79 (2.8)
––––
g (oz)
Mounting Torque „
30 (3.4)
––––
40 (4.6)
Mounting Torque Center Hole
12 (1.4)
––––
18 (2.1)
Terminal Torque
30 (3.4)
––––
40 (4.6)
Vertical Pull
––––
––––
80
2 inch Lever Pull
––––
––––
35
Parameter
Max.
Units
V R
Cathode-to-Anode Voltage
600
V
IF @ TC = 25°C
Continuous Forward Current
171
IF @ TC = 100°C
Continuous Forward Current
85
IFSM
Single Pulse Forward Current 
600
EAS
Non-Repetitive Avalanche Energy ‚
220
µJ
PD @ TC = 25°C
Maximum Power Dissipation
463
PD @ TC = 100°C
Maximum Power Dissipation
185
TJ
Operating Junction and
TSTG
Storage Temperature Range
-55 to +150
W
A
C
lbf•in
Note:  Limited by junction temperature
„ Mounting surface must be smooth, flat, free or burrs or other
‚ L = 100µH, duty cycle limited by max TJ
protrusions. Apply a thin even film or thermal grease to mounting
ƒ 125°C
surface. Gradually tighten each mounting bolt in 5-10 lbf•in steps
until desired or maximum torque limits are reached. Module
1


Similar Part No. - HFA210NJ60C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA210NJ60CPBF VISHAY-HFA210NJ60CPBF Datasheet
143Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 210 A
Revision: 01-Aug-08
More results

Similar Description - HFA210NJ60C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA25TB60 IRF-HFA25TB60 Datasheet
263Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA80NC40C IRF-HFA80NC40C Datasheet
192Kb / 5P
   Ultrafast, Soft Recovery Diode
150EBU04 IRF-150EBU04 Datasheet
150Kb / 6P
   Ultrafast Soft Recovery Diode
80EBU04 IRF-80EBU04 Datasheet
147Kb / 7P
   Ultrafast Soft Recovery Diode
HFA120MD40C IRF-HFA120MD40C Datasheet
298Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA15TB60 IRF-HFA15TB60 Datasheet
205Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA70NH60 IRF-HFA70NH60 Datasheet
325Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA40HF120C IRF-HFA40HF120C_15 Datasheet
142Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA45HI60C IRF-HFA45HI60C_15 Datasheet
137Kb / 3P
   Ultrafast, Soft Recovery Diode
HFB50HC20C IRF-HFB50HC20C_15 Datasheet
137Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA140NJ60D IRF-HFA140NJ60D Datasheet
319Kb / 5P
   Ultrafast, Soft Recovery Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com