Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PNZ263L Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # PNZ263L
Description  Darlington Phototransistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PNZ263L Datasheet(HTML) 2 Page - Panasonic Semiconductor

  PNZ263L Datasheet HTML 1Page - Panasonic Semiconductor PNZ263L Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
PNZ263L
Darlington Phototransistors
PC — Ta
120
100
80
60
40
20
Ambient temperature
Ta (˚C )
0
20406080
100
0
– 20
ICE(L) — VCE
32
24
16
8
0
Collector to emitter voltage
V
CE (V)
020
16
812
424
Ta = 25˚C
T = 2856K
ICE(L) — L
10 2
10
1
Illuminance
L (lx)
10
10 2
10 3
10 –2
10 –1
1
VCE = 10V
Ta = 25˚C
T = 2856K
Spectral sensitivity characteristics
100
80
60
40
20
Wavelength
λ (nm)
700
800
900
1000
1100
1200
0
600
VCE = 10V
Ta = 25˚C
ICEO — Ta
10 2
1
10 –1
10
Ambient temperature
Ta (˚C )
VCE = 10V
10 –2
– 20
0
40
80
20
60
100
ICE(L) — Ta
10
10 –1
1
Ambient temperature
Ta (˚C )
– 40
0
40
80
120
10 –2
Directivity characteristics
10˚
20˚
30˚
40˚
50˚
60˚
70˚
80˚
90˚
tr — ICE(L)
10 3
10 2
Collector photo current
I
CE(L) (mA)
10 –1
110
10
10 –2
VCC = 10V
Ta = 25˚C
tf — ICE(L)
10 3
10 2
Collector photo current
I
CE(L) (mA)
10 –1
110
10
10 –2
VCC = 10V
Ta = 25˚C
120
80
60
40
PC = 100mW
10 lx
30 lx
50 lx
L =100 lx
50
10%
90%
Sig.IN
td
tr
tf
RL
VCC
Sig.
OUT
Sig.
OUT
RL = 1kΩ
500
100
50
10%
90%
Sig.IN
td
tr
tf
RL
VCC
Sig.
OUT
Sig.
OUT
RL = 1kΩ
500
100
VCE = 10V
T = 2856K


Similar Part No. - PNZ263L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PNZ0300 PANASONIC-PNZ0300 Datasheet
103Kb / 4P
   Silicon PIN Photodiodes
PNZ0334 PANASONIC-PNZ0334 Datasheet
42Kb / 2P
   PIN Photodiode For optical fiber communication systems
PNZ102 PANASONIC-PNZ102 Datasheet
82Kb / 3P
   Silicon planar type
PNZ102F PANASONIC-PNZ102F Datasheet
50Kb / 3P
   Silicon NPN Phototransistors
PNZ106 PANASONIC-PNZ106 Datasheet
340Kb / 3P
   Silicon NPN Phototransistor
More results

Similar Description - PNZ263L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PN205 PANASONIC-PN205 Datasheet
203Kb / 4P
   DARLINGTON PHOTOTRANSISTOR
PNA2602M PANASONIC-PNA2602M Datasheet
50Kb / 2P
   Darlington Phototransistor
PNA2602 PANASONIC-PNA2602 Datasheet
49Kb / 2P
   Darlington Phototransistor
PNA2803M PANASONIC-PNA2803M Datasheet
48Kb / 2P
   Darlington Phototransistor
PN208 PANASONIC-PN208 Datasheet
64Kb / 2P
   DARLINGTON PHOTOTRANSISTOR
PNA2W01M PANASONIC-PNA2W01M Datasheet
38Kb / 2P
   Darlington Phototransistor
logo
OPTEK Technologies
OP525 OPTEK-OP525 Datasheet
380Kb / 5P
   Silicon Phototransistor and Photo Darlington
logo
Panasonic Semiconductor
PN268 PANASONIC-PN268 Datasheet
117Kb / 2P
   DARLINGTON PHOTOTRANSISTOR FOR OPTICAL CONTROL SYSTEMS
logo
NTE Electronics
NTE3045 NTE-NTE3045 Datasheet
22Kb / 2P
   Optoisolator Silicon NPN Darlington Phototransistor Output
logo
NEC
PH101 NEC-PH101 Datasheet
66Kb / 2P
   NPN EPITXIAL DARLINGTON PHOTOTRANSISTOR PHOTO DETECTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com