Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29LV400CBXBI-90G Datasheet(PDF) 3 Page - Macronix International

Part # MX29LV400CBXBI-90G
Description  4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV400CBXBI-90G Datasheet(HTML) 3 Page - Macronix International

  MX29LV400CBXBI-90G Datasheet HTML 1Page - Macronix International MX29LV400CBXBI-90G Datasheet HTML 2Page - Macronix International MX29LV400CBXBI-90G Datasheet HTML 3Page - Macronix International MX29LV400CBXBI-90G Datasheet HTML 4Page - Macronix International MX29LV400CBXBI-90G Datasheet HTML 5Page - Macronix International MX29LV400CBXBI-90G Datasheet HTML 6Page - Macronix International MX29LV400CBXBI-90G Datasheet HTML 7Page - Macronix International MX29LV400CBXBI-90G Datasheet HTML 8Page - Macronix International MX29LV400CBXBI-90G Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
3
P/N:PM1155
MX29LV400C T/B
REV. 1.5, APR. 24, 2006
48-Ball CSP (Balls Facing Down, 4 x 6 mm)
48-Ball CSP (Ball Pitch = 0.8 mm, Top View, Balls Facing Down, 6 x 8 mm)
A13
6
5
4
3
2
1
AB
C
D
E
F
G
H
A9
A7
A3
WE#
RY/
BY#
A12
A8
NC
A17
A4
A14
A10
NC
NC
A6
A2
A15
A11
RE-
SET#
NC
NC
A5
A1
A16
Q7
Q5
Q2
Q0
A0
BYTE#
Q15/
A-1
Q14
Q12
Q10
Q8
Q13
VCC
Q11
Q9
GND
Q6
Q4
Q3
Q1
GND
CE#
OE#
A2
6
5
4
3
2
1
AB
C
D
E
F
G
H
A1
GND
A0
CE#
A4
A3
Q8
OE#
Q0
A6
A7
A18
Q10
Q9
Q1
A17
NC
A5
NC
Q2
NC
Q3
NC
WE#
NC
NC
NC
Q13
VCC
Q12
JK
L
A9
A10
A8
Q4
Q5
A11
A13
A12
Q11
Q6
Q15
A14
A15
A16
Q7
GND
Q14


Similar Part No. - MX29LV400CBXBI-90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV400CBXBI55Q MCNIX-MX29LV400CBXBI55Q Datasheet
3Mb / 76P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CBXBI70G MCNIX-MX29LV400CBXBI70G Datasheet
3Mb / 76P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CBXBI90G MCNIX-MX29LV400CBXBI90G Datasheet
3Mb / 76P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV400CBXBI-90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV400T MCNIX-MX29LV400T Datasheet
1Mb / 59P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV401T MCNIX-MX29LV401T Datasheet
986Kb / 56P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004T MCNIX-MX29LV004T Datasheet
724Kb / 54P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004CT MCNIX-MX29LV004CT Datasheet
517Kb / 59P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
SPANSION
MBM29LV400TC-55 SPANSION-MBM29LV400TC-55 Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
MBM29F400TC SPANSION-MBM29F400TC Datasheet
566Kb / 48P
   FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
logo
Macronix International
MX29LV040C MCNIX-MX29LV040C Datasheet
484Kb / 52P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
logo
Elite Semiconductor Mem...
F49L400UA ESMT-F49L400UA Datasheet
387Kb / 47P
   4 Mbit (512K x 8/256K x 16) 3V Only CMOS Flash Memory
logo
Macronix International
MX29LV040 MCNIX-MX29LV040 Datasheet
713Kb / 51P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29LV002CT MCNIX-MX29LV002CT Datasheet
512Kb / 58P
   2M-BIT [256K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com