Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS95V847YGLF-T Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS95V847YGLF-T
Description  2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS95V847YGLF-T Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS95V847YGLF-T Datasheet HTML 1Page - Integrated Circuit Systems ICS95V847YGLF-T Datasheet HTML 2Page - Integrated Circuit Systems ICS95V847YGLF-T Datasheet HTML 3Page - Integrated Circuit Systems ICS95V847YGLF-T Datasheet HTML 4Page - Integrated Circuit Systems ICS95V847YGLF-T Datasheet HTML 5Page - Integrated Circuit Systems ICS95V847YGLF-T Datasheet HTML 6Page - Integrated Circuit Systems ICS95V847YGLF-T Datasheet HTML 7Page - Integrated Circuit Systems ICS95V847YGLF-T Datasheet HTML 8Page - Integrated Circuit Systems ICS95V847YGLF-T Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
ICS95V847
0718D—04/08/05
Pin Descriptions
This PLL Clock Buffer is designed for a VDD of 2.5V, an AVDD of 2.5V and differential data input and output levels.
ICS95V847 is a zero delay buffer that distributes a differential clock input pair (CLK_INT, CLK_INC) to five differential
pair of clock outputs (CLKT[4:0], CLKC[4:0]) and one differential pair feedback clock output (FB_OUT, FB_OUTC).The
clock outputs are controlled by input clock (CLK_INT, CLK_INC), the feedback clock (FB_INT, FB_INC) and the analog
power input (AVDD). When AVDD is grounded, the PLL is turned off and bypassed for test purposes.
The PLL in ICS95V847 clock driver uses the input clock (CLK_INC, CLK_INT) and the feedback clock (FB_INT,
FB_INC) to provide high-performance, low-skew, low-jitter differential output clocks (CLKT[4:0], CLKC[4:0]). ICS95V847
is also able to track Spread Spectrum Clock (SSC) for reduced EMI.
ICS95V847 is characterized for operation from 0°C to 85°C.
R
E
B
M
U
N
N
I
PE
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
0
2
,
2
1
,
5D
D
VR
W
PV
5
.
2
,
y
l
p
p
u
s
r
e
w
o
P
3
1
,
4
,
1D
N
GR
W
Pd
n
u
o
r
G
8D
D
V
AR
W
PV
5
.
2
,
y
l
p
p
u
s
r
e
w
o
p
g
o
l
a
n
A
9D
N
G
AR
W
Pd
n
u
o
r
g
g
o
l
a
n
A
4
2
,
1
2
,
5
1
,
1
1
,
3]
4
:
0
[
T
K
L
CT
U
Os
t
u
p
t
u
o
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
f
o
k
c
o
l
C
"
e
u
r
T
"
3
2
,
2
2
,
4
1
,
0
1
,
2]
4
:
0
[
C
K
L
CT
U
Os
t
u
p
t
u
o
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
f
o
s
k
c
o
l
c
"
y
r
a
t
n
e
m
e
l
p
m
o
C
"
6T
N
I
_
K
L
CN
It
u
p
n
i
k
c
o
l
c
e
c
n
e
r
e
f
e
r
"
e
u
r
T
"
7C
N
I
_
K
L
CN
It
u
p
n
i
k
c
o
l
c
e
c
n
e
r
e
f
e
r
"
y
r
a
t
n
e
m
e
l
p
m
o
C
"
6
1T
T
U
O
_
B
FT
U
O
s
e
h
c
t
i
w
s
t
I
.
k
c
a
b
d
e
e
f
l
a
n
r
e
t
x
e
r
o
f
d
e
t
a
c
i
d
e
d
,
t
u
p
t
u
o
k
c
a
b
d
e
e
F
"
"
e
u
r
T
"
o
t
d
e
r
i
w
e
b
t
s
u
m
t
u
p
t
u
o
s
i
h
T
.
K
L
C
e
h
t
s
a
y
c
n
e
u
q
e
r
f
e
m
a
s
e
h
t
t
a
T
N
I
_
B
F
7
1C
T
U
O
_
B
FT
U
O
t
I
.
k
c
a
b
d
e
e
f
l
a
n
r
e
t
x
e
r
o
f
d
e
t
a
c
i
d
e
d
,
t
u
p
t
u
o
k
c
a
b
d
e
e
F
"
y
r
a
t
n
e
m
e
l
p
m
o
C
"
d
e
r
i
w
e
b
t
s
u
m
t
u
p
t
u
o
s
i
h
T
.
K
L
C
e
h
t
s
a
y
c
n
e
u
q
e
r
f
e
m
a
s
e
h
t
t
a
s
e
h
c
t
i
w
s
C
N
I
_
B
F
o
t
9
1T
N
I
_
B
FN
I
r
o
f
L
L
P
l
a
n
r
e
t
n
i
e
h
t
o
t
l
a
n
g
i
s
k
c
a
b
d
e
e
f
s
e
d
i
v
o
r
p
,
t
u
p
n
i
k
c
a
b
d
e
e
F
"
e
u
r
T
"
r
o
r
r
e
e
s
a
h
p
e
t
a
n
i
m
il
e
o
t
T
N
I
_
K
L
C
h
t
i
w
n
o
i
t
a
z
i
n
o
r
h
c
n
y
s
8
1C
N
I
_
B
FN
I
L
L
P
l
a
n
r
e
t
n
i
e
h
t
o
t
l
a
n
g
i
s
s
e
d
i
v
o
r
p
,
t
u
p
n
i
k
c
a
b
d
e
e
F
"
y
r
a
t
n
e
m
e
l
p
m
o
C
"
r
o
r
r
e
e
s
a
h
p
e
t
a
n
i
m
il
e
o
t
C
N
I
_
K
L
C
h
t
i
w
n
o
i
t
a
z
i
n
o
r
h
c
n
y
s
r
o
f


Similar Part No. - ICS95V847YGLF-T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS95V847 IDT-ICS95V847 Datasheet
78Kb / 9P
   Spread Spectrum tolerant inputs
logo
Renesas Technology Corp
ICS95V847 RENESAS-ICS95V847 Datasheet
271Kb / 10P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
More results

Similar Description - ICS95V847YGLF-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS95V857 ICST-ICS95V857 Datasheet
116Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
logo
Renesas Technology Corp
ICS95V2F857A RENESAS-ICS95V2F857A Datasheet
361Kb / 14P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
logo
Integrated Circuit Syst...
ICS95V857 ICST-ICS95V857_09 Datasheet
134Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
ICS95V857C ICST-ICS95V857C Datasheet
136Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
logo
Renesas Technology Corp
95V857 RENESAS-95V857 Datasheet
2Mb / 14P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
ICS95V857C RENESAS-ICS95V857C Datasheet
141Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
12/16/05
logo
Integrated Device Techn...
ICS95V857 IDT-ICS95V857 Datasheet
134Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
logo
Renesas Technology Corp
ICS95V847 RENESAS-ICS95V847 Datasheet
271Kb / 10P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
ICS95VLP857 RENESAS-ICS95VLP857 Datasheet
293Kb / 14P
   2.5V Low Power Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
logo
Integrated Circuit Syst...
ICS93V857 ICST-ICS93V857 Datasheet
82Kb / 10P
   2.5V Wide Range Frequency Clock Driver (33MHz - 233MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com