Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-B4541 Datasheet(PDF) 4 Page - Yellow Stone Corp

Part # BL-B4541
Description  STANDARD LED LAMPS (ROUND TYPES)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BL-B4541 Datasheet(HTML) 4 Page - Yellow Stone Corp

  BL-B4541 Datasheet HTML 1Page - Yellow Stone Corp BL-B4541 Datasheet HTML 2Page - Yellow Stone Corp BL-B4541 Datasheet HTML 3Page - Yellow Stone Corp BL-B4541 Datasheet HTML 4Page - Yellow Stone Corp BL-B4541 Datasheet HTML 5Page - Yellow Stone Corp BL-B4541 Datasheet HTML 6Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
STANDARD LED LAMPS (ROUND TYPES)
L-013
BL-BxxV1T Series
L-014
BL-Bxx32 Series
L-015
BL-Bxx33 Series
L-016
BL-Bxx34B Series
L-017
BL-Bxx33N Series
L-018
BL-Bxx14 Series
L-019
BL-Bxx24 Series
L-020
BL-Bxx34 Series
Notes: 1. All Dimensions are in millimeters (inches).
2. Tolerance is
±0.25mm (.010″)


Similar Part No. - BL-B4541

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-B4541 YSTONE-BL-B4541 Datasheet
1,003Kb / 2P
   STANDARD LED LAMPS(ROUND TYPES)
BL-B4541 YSTONE-BL-B4541 Datasheet
459Kb / 6P
   STANDARD LED LAMPS (ROUND TYPES)
logo
BRIGHT LED ELECTRONICS ...
BL-B4541 BRIGHT-BL-B4541 Datasheet
281Kb / 5P
   T-1 STANDARD 1.0" LEAD 3??LED LAMP
logo
Yellow Stone Corp
BL-B4541-L YSTONE-BL-B4541-L Datasheet
183Kb / 2P
   LOW-CURRENT LED LAMPS (ROUND TYPES)
BL-B4541N YSTONE-BL-B4541N Datasheet
1Mb / 2P
   STANDARD LED LAMPS
More results

Similar Description - BL-B4541

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-B4541 YSTONE-BL-B4541 Datasheet
459Kb / 6P
   STANDARD LED LAMPS (ROUND TYPES)
BL-B2441 YSTONE-BL-B2441 Datasheet
1,003Kb / 2P
   STANDARD LED LAMPS(ROUND TYPES)
BL-B1132 YSTONE-BL-B1132 Datasheet
513Kb / 2P
   STANDARD LED LAMPS(ROUND TYPES)
BL-B1134M YSTONE-BL-B1134M Datasheet
500Kb / 2P
   STANDARD LED LAMPS(ROUND TYPES)
BB-B5171-C YSTONE-BB-B5171-C Datasheet
114Kb / 1P
   BLINKING LED LAMPS(ROUND TYPES)
BR-B51V1-05V YSTONE-BR-B51V1-05V Datasheet
67Kb / 1P
   RESISTOR LED LAMPS (ROUND TYPES)
BL-R1138A YSTONE-BL-R1138A Datasheet
372Kb / 2P
   STANDARD LED LAMPS (RECTANGULAR TYPES)
BL-R1115 YSTONE-BL-R1115 Datasheet
505Kb / 2P
   STANDARD LED LAMPS(RECTANGULAR TYPES)
BL-R5131 YSTONE-BL-R5131 Datasheet
401Kb / 4P
   STANDARD LED LAMPS (RECTANGULAR TYPES)
BL-C5121 YSTONE-BL-C5121 Datasheet
400Kb / 5P
   STANDARD LED LAMPS (CYLINDRICAL TYPES)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com