Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM61-20471 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HM61-20471
Description  Low Cost Miniature Surface Mount Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HM61-20471 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HM61-20471 Datasheet HTML 1Page - List of Unclassifed Manufacturers HM61-20471 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2006 EDITION
We reserve the right to change specifications without prior notice.
24
HM61-101R0
1.0
4.0
120
0.015
4.95
01
43
1
HM61-101R5
1.5
3.3
60
0.021
4.95
02
44
1
HM61-102R2
2.2
2.5
56
0.028
4.95
03
45
1
HM61-102R7
2.7
1.0
47
0.033
4.95
41
46
1
HM61-103R3
3.3
2.2
38
0.040
4.95
04
47
1
HM61-104R7
4.7
1.4
34
0.040
4.95
42
48
1
Specifications
Inductance, Lo
Rated
Self-Resonating
Ht
Marking
Part
@100kHz, 0.1V
Current (1)
Frequency (SRF)
DCR
Height
Code
Number
µH
±20%
Amps
MHz Typ.
Typ.
mm Max.
Std
LF
Fig.
HM61-10100
10
1.3
30
0.12
4.7
05
49
1
HM61-10220
22
0.8
20
0.26
4.7
06
50
1
HM61-10470
47
0.6
12
0.50
4.7
07
51
1
HM61-10101
100
0.4
7
1.0
4.7
08
52
1
HM61-10221
220
0.27
3.5
2.2
4.7
09
53
1
HM61-10471
470
0.18
2.2
5.0
4.7
10
54
1
HM61-20100
10
2.7
25
0.065
5.7
11
55
2
HM61-20120
12
2.5
22
0.07
5.7
12
56
2
HM61-20150
15
2.2
20
0.09
5.7
13
57
2
HM61-20180
18
2.0
16
0.1
5.7
14
58
2
HM61-20220
22
1.8
15
0.11
5.7
15
59
2
HM61-20270
27
1.6
14
0.13
5.7
16
60
2
HM61-20330
33
1.5
13
0.15
5.7
17
61
2
HM61-20390
39
1.3
12
0.18
5.7
18
62
2
HM61-20470
47
1.2
11
0.2
5.7
19
63
2
HM61-20560
56
1.1
9
0.25
5.7
20
64
2
HM61-20680
68
1.0
8
0.28
5.7
21
65
2
HM61-20820
82
0.9
7.5
0.35
5.7
22
66
2
HM61-20101
100
0.84
7
0.45
5.7
23
67
2
HM61-20121
120
0.77
6.5
0.5
5.7
24
68
2
HM61-20151
150
0.69
6.2
0.65
5.7
25
69
2
HM61-20181
180
0.62
6
0.75
5.7
26
70
2
HM61-20221
220
0.57
5.2
0.95
5.7
27
71
2
HM61-20271
270
0.51
4.5
1.1
5.7
28
72
2
HM61-20331
330
0.46
4
1.35
5.7
29
73
2
HM61-20391
390
0.43
3.5
1.6
5.7
30
74
2
HM61-20471
470
0.39
2.8
2
5.7
31
75
2
HM61-20561
560
0.36
2.7
2.4
5.7
32
76
2
HM61-20681
680
0.32
2.6
2.7
5.7
33
77
2
HM61-20821
820
0.30
1.7
3.6
5.7
34
78
2
HM61-20102
1000
0.27
1.6
4.3
5.7
35
79
2
HM61-20122
1200
0.25
1.5
5.6
5.7
36
80
2
HM61-20152
1500
0.22
1.45
6.5
5.7
37
81
2
HM61-20182
1800
0.20
1.4
7
5.7
38
82
2
HM61-20222
2200
0.18
1.3
9.2
5.7
39
83
2
HM61-20272
2700
0.16
1.2
10.5
5.7
40
84
2
Specifications
Inductance, Lo
Rated
Self-Resonating
Ht
Marking
Part
@1kHz, 0.1V
Current (1)
Frequency (SRF)
DCR
Height
Code
Number
µH
±10%
Amps
MHz Typ.
Typ.
mm Max.
Std
LF
Fig.
Notes:
(1) Rated Current is the maximum DC current at which inductance will be increased by 10% from its initial (zero DC) value or
the current at which ∆T = 40°C, whichever is lower.
(2) Electrical specifications at 25°C.
Electrical / Environmental
• Operating Temperature Range
-40°C to +155°C
Low Cost Miniature Surface Mount Inductors
RoHS
Compliant
for
‘LF’ Models



Similar Part No. - HM61-20471

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM61-20471 BITECH-HM61-20471 Datasheet
252Kb / 2P
   Low Cost Miniature Surface Mount Inductors
logo
TT Electronics.
HM61-20471LF TTELEC-HM61-20471LF Datasheet
434Kb / 2P
   Injection Moulded Surface Mount Inductors
More results

Similar Description - HM61-20471

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM61 BITECH-HM61 Datasheet
252Kb / 2P
   Low Cost Miniature Surface Mount Inductors
logo
Nuvotem Talema
LCP1-3.00-2.2 TALEMA-LCP1-3.00-2.2 Datasheet
74Kb / 2P
   Miniature Low Cost Toroidal Inductors
LC1-3.00-2.2 TALEMA-LC1-3.00-2.2 Datasheet
56Kb / 1P
   Miniature Low Cost Toroidal Inductors
logo
Bi technologies
HM71 BITECH-HM71_15 Datasheet
648Kb / 2P
   High Performance Low Cost Surface Mount Inductors
logo
TT Electronics.
HM79 TTELEC-HM79 Datasheet
301Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
logo
Bi technologies
HM79 BITECH-HM79_15 Datasheet
277Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
HM71 BITECH-HM71 Datasheet
584Kb / 3P
   High Performance Low Cost Surface Mount Inductors
HM79 BITECH-HM79 Datasheet
429Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
logo
TT Electronics.
HM71 TTELEC-HM71 Datasheet
671Kb / 2P
   High Performance Low Cost Surface Mount Inductors
logo
List of Unclassifed Man...
HM66 ETC-HM66 Datasheet
81Kb / 8P
   Miniature Low Profile, Shielded Surface Mount Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com