Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-HXXXXX3B-TRB Datasheet(PDF) 3 Page - Yellow Stone Corp

Part # BL-HXXXXX3B-TRB
Description  TAPE AND REEL SURFACE MOUNT CHIP LED LAMPS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BL-HXXXXX3B-TRB Datasheet(HTML) 3 Page - Yellow Stone Corp

  BL-HXXXXX3B-TRB Datasheet HTML 1Page - Yellow Stone Corp BL-HXXXXX3B-TRB Datasheet HTML 2Page - Yellow Stone Corp BL-HXXXXX3B-TRB Datasheet HTML 3Page - Yellow Stone Corp BL-HXXXXX3B-TRB Datasheet HTML 4Page - Yellow Stone Corp BL-HXXXXX3B-TRB Datasheet HTML 5Page - Yellow Stone Corp BL-HXXXXX3B-TRB Datasheet HTML 6Page - Yellow Stone Corp BL-HXXXXX3B-TRB Datasheet HTML 7Page - Yellow Stone Corp BL-HXXXXX3B-TRB Datasheet HTML 8Page - Yellow Stone Corp BL-HXXXXX3B-TRB Datasheet HTML 9Page - Yellow Stone Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TAPE AND REEL SURFACE MOUNT CHIP LED LAMPS
l DEVICE NUMBER: BL-Hxxx6D-TRB
l FEATURES:
Ÿ Compatible with automatic placement equipment
Ÿ Surface Mount assembly lamp
Ÿ High efficiency low power consumption
Ÿ Long life solid state reliability
l TAPING AND PACKAGING SPECIFICATION
SPECIFICATION
Minimun
Maximun
ITEM
SYMBOL
mm
inch
mm
inch
Tape Feed Hole Diameter (DIA)
D0
1.40
0.055
1.60
0.063
Feed Hole Location
E
1.65
0.064
1.85
0.073
Centers Line Dimensions Length Direction
F
3.45
0.135
3.55
0.139
Compartment Depth
K0
0.94
0.037
1.14
0.045
Compartment Pitch
P
3.90
0.153
4.10
0.161
Sprocket Hole Diameter
P0
3.90
0.153
4.10
0.161
Centers Line Dimensions Length Direction
P2
1.95
0.076
2.05
0.080
Carrier Tape Thickness
t
0.30
0.012
Carrier Tape Width
W
7.70
0.303
8.30
0.326
Flange Diameter
A
178.0
7.008
180.0
7.087
Hub Spindle Hole
C
12.50
0.492
13.50
0.531
Hub Diameter
D2
70.00
2.755
72.00
2.830
Fixing Tape Width
W1
5.25
0.206
5.35
0.210
Flange Space Between Flanges
T
12.50
0.492
13.50
0.531
Compartment Length
A0
0.98
0.039
1.18
0.046
Compartment Width
B0
1.78
0.070
1.98
0.078


Similar Part No. - BL-HXXXXX3B-TRB

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-HXXX5A YSTONE-BL-HXXX5A Datasheet
399Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
BL-HXXX5A YSTONE-BL-HXXX5A Datasheet
249Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
More results

Similar Description - BL-HXXXXX3B-TRB

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L3WK9Q53-T150-TR1-WW-A02 LIGITEK-L3WK9Q53-T150-TR1-WW-A02 Datasheet
400Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
LDGM9553-TR1-A01 LIGITEK-LDGM9553-TR1-A01 Datasheet
342Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
LDUV9553Z-TR1 LIGITEK-LDUV9553Z-TR1 Datasheet
402Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
L3DGM5050-TR1 LIGITEK-L3DGM5050-TR1 Datasheet
258Kb / 11P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-T150-TR1-CW-A01 LIGITEK-L3WK9Q53-T150-TR1-CW-A01 Datasheet
285Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-T150-TR1-NW-A01 LIGITEK-L3WK9Q53-T150-TR1-NW-A01 Datasheet
417Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-P-WW LIGITEK-L3WK9Q53-TR1-P-WW Datasheet
234Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-P-WW-A01 LIGITEK-L3WK9Q53-TR1-P-WW-A01 Datasheet
232Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-WW LIGITEK-L3WK9Q53-TR1-WW Datasheet
406Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L9SEFWK9553 LIGITEK-L9SEFWK9553 Datasheet
352Kb / 15P
   SURFACE MOUNT LED TAPE AND REEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com