Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM-C1601M-1TNNC Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # WM-C1601M-1TNNC
Description  SPECIFICATIONS FOR LCD MODULE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WM-C1601M-1TNNC Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  WM-C1601M-1TNNC Datasheet HTML 1Page - List of Unclassifed Manufacturers WM-C1601M-1TNNC Datasheet HTML 2Page - List of Unclassifed Manufacturers WM-C1601M-1TNNC Datasheet HTML 3Page - List of Unclassifed Manufacturers WM-C1601M-1TNNC Datasheet HTML 4Page - List of Unclassifed Manufacturers WM-C1601M-1TNNC Datasheet HTML 5Page - List of Unclassifed Manufacturers WM-C1601M-1TNNC Datasheet HTML 6Page - List of Unclassifed Manufacturers WM-C1601M-1TNNC Datasheet HTML 7Page - List of Unclassifed Manufacturers WM-C1601M-1TNNC Datasheet HTML 8Page - List of Unclassifed Manufacturers WM-C1601M-1TNNC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
WM-C1601M-1TNNC
5/23
1.3 Interface Pin Function
CN1:
NO
SYMBOL
I/O
FUNCTION
1
VSS
P
GND ( 0V )
2
VDD
P
VDD ( +5V ± 5% )
3
V0
I
CONTRAST ADJUSTMENT
4
RS
I
REGISTER SELECT SIGNAL
5
R/W
I
READ / WRITE SELECTION
6
E
I
ENABLE SIGNAL
7
DB0
I/O
8
DB1
I/O
9
DB2
I/O
10
DB3
I/O
11
DB4
I/O
12
DB5
I/O
13
DB6
I/O
14
DB7
I/O
DATA BUS
15
NC
-
NO CONNECTION
16
NC
-
NO CONNECTION


Similar Part No. - WM-C1601M-1TNNC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WM-C1602Q ETC1-WM-C1602Q Datasheet
123Kb / 1P
   16x2 CHARACTERS
More results

Similar Description - WM-C1601M-1TNNC

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com