Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29LV800CTXHC-70G Datasheet(PDF) 9 Page - Macronix International

Part # MX29LV800CTXHC-70G
Description  8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV800CTXHC-70G Datasheet(HTML) 9 Page - Macronix International

Back Button MX29LV800CTXHC-70G Datasheet HTML 5Page - Macronix International MX29LV800CTXHC-70G Datasheet HTML 6Page - Macronix International MX29LV800CTXHC-70G Datasheet HTML 7Page - Macronix International MX29LV800CTXHC-70G Datasheet HTML 8Page - Macronix International MX29LV800CTXHC-70G Datasheet HTML 9Page - Macronix International MX29LV800CTXHC-70G Datasheet HTML 10Page - Macronix International MX29LV800CTXHC-70G Datasheet HTML 11Page - Macronix International MX29LV800CTXHC-70G Datasheet HTML 12Page - Macronix International MX29LV800CTXHC-70G Datasheet HTML 13Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 69 page
background image
9
P/N:PM1183
MX29LV800C T/B
REV. 1.4, APR. 24, 2006
QUERY COMMAND AND COMMON FLASH
INTERFACE (CFI) MODE
MX29LV800C T/B is capable of operating in the CFI mode.
This mode all the host system to determine the manu-
facturer of the device such as operating parameters and
configuration. Two commands are required in CFI mode.
Query command of CFI mode is placed first, then the
Reset command exits CFI mode.These are described in
Table 4.
TABLE 4-1. CFI mode: Identification Data Values
(All values in these tables are in hexadecimal)
Description
Address
Address
Data
(Byte Mode)
(Word Mode)
Query-unique ASCII string "QRY"
20
10
0051
22
11
0052
24
12
0059
Primary vendor command set and control interface ID code
26
13
0002
28
14
0000
Address for primary algorithm extended query table
2A
15
0040
2C
16
0000
Alternate vendor command set and control interface ID code (none)
2E
17
0000
30
18
0000
Address for secondary algorithm extended query table (none)
32
19
0000
34
1A
0000
TABLE 4-2. CFI Mode: System Interface Data Values
(All values in these tables are in hexadecimal)
Description
Address
Address
Data
(Byte Mode)
(Word Mode)
VCC supply, minimum (2.7V)
36
1B
0027
VCC supply, maximum (3.6V)
38
1C
0036
VPP supply, minimum (none)
3A
1D
0000
VPP supply, maximum (none)
3C
1E
0000
Typical timeout for single word/byte write (2N us)
3E
1F
0004
Typical timeout for Minimum size buffer write (2N us)
40
20
0000
Typical timeout for individual block erase (2N ms)
42
21
000A
Typical timeout for full chip erase (2N ms)
44
22
0000
Maximum timeout for single word/byte write times (2N X Typ)
46
23
0005
Maximum timeout for buffer write times (2N X Typ)
48
24
0000
Maximum timeout for individual block erase times (2N X Typ)
4A
25
0004
Maximum timeout for full chip erase times (not supported)
4C
26
0000
The single cycle Query command is valid only when the
device is in the Read mode, including Erase Suspend,
Standby mode, and Read ID mode; however, it is ignored
otherwise.
The Reset command exits from the CFI mode to the
Read mode, or Erase Suspend mode, or read ID mode.
The command is valid only when the device is in the CFI
mode.


Similar Part No. - MX29LV800CTXHC-70G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV800CTXHI70G MCNIX-MX29LV800CTXHI70G Datasheet
3Mb / 76P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV800CTXHC-70G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV800BT MCNIX-MX29LV800BT Datasheet
749Kb / 63P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800T MCNIX-MX29LV800T Datasheet
1Mb / 60P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29SL800CT MCNIX-MX29SL800CT Datasheet
734Kb / 64P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 1.8V ONLY FLASH MEMORY
MX26LV800AT MCNIX-MX26LV800AT Datasheet
558Kb / 50P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV800T MCNIX-MX26LV800T Datasheet
553Kb / 48P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX28F640C3BT MCNIX-MX28F640C3BT Datasheet
295Kb / 41P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3T MCNIX-MX28F640C3T Datasheet
638Kb / 44P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F160C3T MCNIX-MX28F160C3T Datasheet
417Kb / 44P
   16M-BIT [1M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29F800T MCNIX-MX29F800T Datasheet
693Kb / 42P
   8M-BIT [1Mx8/512Kx16] CMOS FLASH MEMORY
MX29LV008T MCNIX-MX29LV008T Datasheet
471Kb / 52P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com