Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-BXXV1M Datasheet(PDF) 1 Page - Yellow Stone Corp

Part # BL-BXXV1M
Description  STANDARD LED LAMPS (ROUND TYPES)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BL-BXXV1M Datasheet(HTML) 1 Page - Yellow Stone Corp

  BL-BXXV1M Datasheet HTML 1Page - Yellow Stone Corp BL-BXXV1M Datasheet HTML 2Page - Yellow Stone Corp BL-BXXV1M Datasheet HTML 3Page - Yellow Stone Corp BL-BXXV1M Datasheet HTML 4Page - Yellow Stone Corp BL-BXXV1M Datasheet HTML 5Page - Yellow Stone Corp BL-BXXV1M Datasheet HTML 6Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STANDARD LED LAMPS (ROUND TYPES)
Chip
Absolute Maximum
Ratings
Electro-optical
Data (At 20mA)
Vf
(V)
Iv
(mcd)
Package
Part No.
Material/Emitted
Color
Peak
Wave
Length
λp
(nm)
Lens
Appearance
∆λ
(nm)
Pd
(mw)
If
(mA)
Peak
(mA)
Typ Max Typ.
Viewing
Angle
2
θ 1/2
(deg)
Drawing
No.
BL-B4541
GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
40.0
BL-B2141
GaP/GaP/Green
568
Green Diffused
30
80
30
150
2.2
2.6
40.0
BL-B3141
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
30.0
35
BL-B2441
GaP/GaP/Green
568
Green Trans
30
80
30
150
2.2
2.6
80.0
BL-B3441
GaAsP/GaP/Yellow
585
Yellow Trans
35
80
30
150
2.1
2.6
65.0
BL-B2341
GaP/GaP/Green
568
30
80
30
150
2.2
2.6
80.0
T-1
Standard
1.0
″ Lead
3
φ
BL-BX1341
GaP/GaP/Hi-Eff Green
568
Water Clear
35
80
30
150
2.1
2.6
120.0
30
L-005
BL-B45V1
GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
40
BL-B21V1
GaP/GaP/Green
568
Green Diffused
30
80
30
150
2.2
2.6
40
BL-B31V1
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
30
35
BL-B24V1
GaP/GaP/Green
568
Green Trans
30
80
30
150
2.2
2.6
80
BL-B34V1
GaAsP/GaP/Yellow
585
Yellow Trans
35
80
30
150
2.1
2.6
65
BL-B43V1
GaAsP/GaP/Hi-Eff Red
635
45
80
30
150
2.0
2.6
80
T-1
Standard
1.0
″ Lead
3
φ
BL-BX13V1
GaP/GaP/Hi-Eff Green
568
Water Clear
35
80
30
150
2.1
2.6
120
30
L-006
BL-B45V1G
GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
40
BL-B21V1G
GaP/GaP/Green
568
Green Diffused
30
80
30
150
2.2
2.6
40
BL-B31V1G
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
30
35
BL-B24V1G
GaP/GaP/Green
568
Green Trans
30
80
30
150
2.2
2.6
80
BL-B34V1G
GaAsP/GaP/Yellow
585
Yellow Trans
35
80
30
150
2.1
2.6
65
BL-B43V1G
GaAsP/GaP/Hi-Eff Red
635
45
80
30
150
2.0
2.6
80
T-1
1.0
″ Lead
3
φ
BL-BX13V1G
GaP/GaP/Hi-Eff Green
568
Water Clear
35
80
30
150
2.1
2.6
120
30
L-007
BL-B51V1H
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
13.0
BL-B45V1H
GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
40.0
BL-B21V1H
GaP/GaP/Green
568
Green Diffused
30
80
30
150
2.2
2.6
50.0
BL-B31V1H
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
30.0
30
BL-B24V1H
GaP/GaP/Green
568
Green Trans
30
80
30
150
2.2
2.6
100
1.0 Lead
High
Flangeless
3.4
φ
BL-B46V1H
GaAsP/GaP/Hi-Eff Red
635
Red Trans
45
80
30
150
2.0
2.6
100
25
L-008
BL-B51V1J
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
13.0
BL-B45V1J
GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
40.0
BL-B21V1J
GaP/GaP/Green
568
Green Diffused
30
80
30
150
2.2
2.6
50.0
BL-B31V1J
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
30.0
35
T-1
1.0
Lead High
Flangeless
3.0
φ
BL-B24V1J
GaP/GaP/Green
568
Green Trans
30
80
30
150
2.0
2.6
100
30
L-009
BL-B43V1M
GaAsP/GaP/Hi-Eff Red
635
45
80
30
150
2.0
2.6
100
BL-B23V1M
GaP/GaP/Green
568
30
80
30
150
2.0
2.6
100
BL-B33V1M
GaAsP/GaP/Yellow
585
Water Clear
35
80
30
150
2.1
2.6
30
BL-B44V1M
GaAsP/GaP/Hi-Eff Red
635
Orange Trans
45
80
30
150
2.0
2.6
100
T-1
1.0 Lead
3.0
φ
BL-B24V1M
GaP/GaP/Green
568
Green Trans
30
80
30
150
2.0
2.6
100
15
L-010
BL-B2141P
GaP/GaP/Green
568
Green Diffused
30
80
30
150
2.2
2.6
35
BL-B3141P
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
30
BL-B4541P
GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
35
40
BL-B2341P
GaP/GaP/Green
568
30
80
30
150
2.2
2.6
80
BL-B3341P
GaAsP/GaP/Yellow
585
35
80
30
150
2.1
2.6
60
T-1
1.0 Lead
3.0
φ
BL-B4341P
GaAsP/GaP/Hi-Eff Red
635
Water Clear
45
80
30
150
2.0
2.6
80
30
L-011
BL-B4541Q
GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
60.0
BL-B2141Q
GaP/GaP/Green
568
Green Diffused
30
80
30
150
2.2
2.6
60.0
BL-B3141Q
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
50.0
BL-B4141Q
GaAsP/GaP/Orange
635
Orange Diffused
45
80
30
150
2.0
2.6
60.0
40
BL-B3341Q
GaAsP/GaP/Yellow
585
35
80
30
150
2.1
2.6
90.0
BL-B2341Q
GaP/GaP/Green
568
30
80
30
150
2.2
2.6
110.0
T-1
Standard
1.0 Lead
3.1
φ
BL-BX1341Q
GaP/GaP/Hi-Eff Green
568
Water Clear
30
80
30
150
2.1
2.6
150.0
35
L-012
Remark: 1. Hi-Eff Red/High-Efficiency Red.
2. Trans/Transparent.
3. 2
θ 1/2 The off-axis angle at which the luminous intensity is half the axial luminous intensity.


Similar Part No. - BL-BXXV1M

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-BXX30A YSTONE-BL-BXX30A Datasheet
203Kb / 2P
   BIGGER SIZE LED LAMPS (ROUND TYPES)
BL-BXX32C YSTONE-BL-BXX32C Datasheet
178Kb / 2P
   STANDARD LED LAMPS(RECTANGULAR TYPES)
BL-BXX39 YSTONE-BL-BXX39 Datasheet
203Kb / 2P
   BIGGER SIZE LED LAMPS (ROUND TYPES)
BL-BXX39B YSTONE-BL-BXX39B Datasheet
203Kb / 2P
   BIGGER SIZE LED LAMPS (ROUND TYPES)
BL-BXX3C YSTONE-BL-BXX3C Datasheet
203Kb / 2P
   BIGGER SIZE LED LAMPS (ROUND TYPES)
More results

Similar Description - BL-BXXV1M

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-B4541 YSTONE-BL-B4541 Datasheet
459Kb / 6P
   STANDARD LED LAMPS (ROUND TYPES)
BL-B2441 YSTONE-BL-B2441 Datasheet
1,003Kb / 2P
   STANDARD LED LAMPS(ROUND TYPES)
BL-B1132 YSTONE-BL-B1132 Datasheet
513Kb / 2P
   STANDARD LED LAMPS(ROUND TYPES)
BL-B1134M YSTONE-BL-B1134M Datasheet
500Kb / 2P
   STANDARD LED LAMPS(ROUND TYPES)
BB-B5171-C YSTONE-BB-B5171-C Datasheet
114Kb / 1P
   BLINKING LED LAMPS(ROUND TYPES)
BR-B51V1-05V YSTONE-BR-B51V1-05V Datasheet
67Kb / 1P
   RESISTOR LED LAMPS (ROUND TYPES)
BL-R1138A YSTONE-BL-R1138A Datasheet
372Kb / 2P
   STANDARD LED LAMPS (RECTANGULAR TYPES)
BL-R1115 YSTONE-BL-R1115 Datasheet
505Kb / 2P
   STANDARD LED LAMPS(RECTANGULAR TYPES)
BL-R5131 YSTONE-BL-R5131 Datasheet
401Kb / 4P
   STANDARD LED LAMPS (RECTANGULAR TYPES)
BL-C5121 YSTONE-BL-C5121 Datasheet
400Kb / 5P
   STANDARD LED LAMPS (CYLINDRICAL TYPES)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com