Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVCTCQO7050 Datasheet(PDF) 1 Page - auris-GmbH

Part # AVCTCQO7050
Description  Oscillator SMD, voltage-controlled, temperature-compensated
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AURIS [auris-GmbH]
Direct Link  http://www.auris-gmbh.de
Logo AURIS - auris-GmbH

AVCTCQO7050 Datasheet(HTML) 1 Page - auris-GmbH

  AVCTCQO7050 Datasheet HTML 1Page - auris-GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4.7
AVCTCQO 7050
Remarks: All specifications subject to change without notice!
Features:
- Small Size 7x5mm
- For cellular telephones and GPS
- High accuracy
Oscillator SMD, voltage-controlled, temperature-compensated
Drawing
AVCTCQO 7050
Soldering Pattern
Dimensions in mm
Specifications
Remarks
Frequency range
Please specify
Nominal frequency
Frequency tolerance
Frequency vs temperature
Frequency vs aging
Frequency vs supply voltage
External control voltage Vc =
Frequency tuning range
Operating temperature
Storage temperature
Supply voltage
Current
Max
Output load
Output voltage
Min
12.8 / 13.0 / 14.4 / 15.36 / 19.2 / 19.68 MHz
±0.5 ppm
± 0.3 ppm / (+3.0V ±5%)
± 2.5 ppm (-30°C ~ +75°C)
± 1.0 ppm / year (25°C)
AVCTCQO 7050
12 ~ 20MHz
±4.0 x10-6 ppm min (positive)
+1.5V ± 1.0Vdc
0.8Vp-p
-30°C ~ +75°C
-40°C ~ +85°C
+2.8V ~ +5.0V
2mA
10K Ohm / 10pF
Order key
O
- 20.000000M
- AVCTCQO 7050
- 0.5
- 5.0
- D
- TR
Part
Frequency
Type/Package
Tolerance
Voltage
Temperature
Opion
O=Oscillator
M=MHz
AVCTCQO=Voltage compensated,
+/-ppm
5,0=5,0Volt
A=
0°C - 70°C
TR=Tape and reeled
Temperature controlled QO
2,7=2,7Volt
B=-10°C - 60°C
7050=7x5mm
3,0=3,0Volt
C=-10°C - 70°C
D=-20°C - 70°C
X=Special options


Similar Part No. - AVCTCQO7050

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
AVCTCQO7050 AURIS-AVCTCQO7050 Datasheet
179Kb / 1P
   Oscillator SMD, voltage-controlled, temperature-compensated
AVCTCQO7050 AURIS-AVCTCQO7050_1 Datasheet
179Kb / 1P
   Oscillator SMD, voltage-controlled, temperature-compensated
More results

Similar Description - AVCTCQO7050

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
AVCTCQO5032 AURIS-AVCTCQO5032 Datasheet
85Kb / 1P
   Oscillator SMD, voltage-controlled, temperature-compensated
AVCTCQO5032 AURIS-AVCTCQO5032_1 Datasheet
205Kb / 1P
   Oscillator SMD, voltage-controlled, temperature-compensated
AVCTCQO7050 AURIS-AVCTCQO7050_1 Datasheet
179Kb / 1P
   Oscillator SMD, voltage-controlled, temperature-compensated
logo
Abracon Corporation
ASTX11_ASVTX11 ABRACON-ASTX11_ASVTX11 Datasheet
959Kb / 2P
   VOLTAGE CONTROLLED TEMPERATURE COMPENSATED SMD CRYSTAL OSCILLATOR
07.27.11-K
logo
TEMEX
CFPT9050 TEMEX-CFPT9050 Datasheet
688Kb / 9P
   SMD Temperature Compensated Voltage Controlled Crystal Oscillator
logo
Abracon Corporation
ASTX-11 ABRACON-ASTX-11_08 Datasheet
206Kb / 2P
   VOLTAGE CONTROLLED TEMPERATURE COMPENSATED SMD CRYSTAL OSCILLATOR
02.25.08
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Abracon Corporation
ASTX-12 ABRACON-ASTX-12 Datasheet
2Mb / 2P
   TEMPERATURE COMPENSATED/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
03.01.07
ASVTX-09 ABRACON-ASVTX-09 Datasheet
154Kb / 2P
   VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
5.03.07
logo
RF Monolithics, Inc
XVT9009 RFM-XVT9009 Datasheet
564Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com