Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAZ4390N-M Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # MAZ4390N-M
Description  Silicon planar type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ4390N-M Datasheet(HTML) 5 Page - Panasonic Semiconductor

  MAZ4390N-M Datasheet HTML 1Page - Panasonic Semiconductor MAZ4390N-M Datasheet HTML 2Page - Panasonic Semiconductor MAZ4390N-M Datasheet HTML 3Page - Panasonic Semiconductor MAZ4390N-M Datasheet HTML 4Page - Panasonic Semiconductor MAZ4390N-M Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
Zener Diodes
MAZ4000N Series
IZ  VZ
Zth  tW
IZ  VZ
•Comparison (1) of rise performance between MAZ4000N and MAZ4000 series
•Comparison (2) of rise performance between MAZ4000N and MAZ4000 series
3
2
1
0.03
0.05
0.1
0.2
0.3
0.5
100
10
1
0.1
0.5
5
50
0.3
30
Pulse width t
W
(s)
Heat sink
Thickness t
= 1.6 mm
Copper foil t
= 0.035 mm
Land diameter
φ 3 mm
Pitch distance 5 mm
14
12
10
8
6
4
2
0
10−2
10−3
10−4
10−5
10−6
10−7
10−8
Zener voltage V
Z
(V)
10−8
10−2
10−3
10−4
10−5
10−6
10−7
20
22.5
27.5
25
30
32.5
35
40
37.5
Zener voltage V
Z
(V)


Similar Part No. - MAZ4390N-M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ4390N PANASONIC-MAZ4390N Datasheet
92Kb / 6P
   Silicon planar type
MAZ4390N0H PANASONIC-MAZ4390N0H Datasheet
92Kb / 6P
   Silicon planar type
MAZ4390N0L PANASONIC-MAZ4390N0L Datasheet
92Kb / 6P
   Silicon planar type
MAZ4390N0M PANASONIC-MAZ4390N0M Datasheet
92Kb / 6P
   Silicon planar type
More results

Similar Description - MAZ4390N-M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
MA4039 PANASONIC-MA4039 Datasheet
107Kb / 7P
   Silicon planar type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com