Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMM5057X Datasheet(PDF) 5 Page - Eudyna Devices Inc

Part # FMM5057X
Description  C-Band Power Amplifier MMIC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5057X Datasheet(HTML) 5 Page - Eudyna Devices Inc

  FMM5057X Datasheet HTML 1Page - Eudyna Devices Inc FMM5057X Datasheet HTML 2Page - Eudyna Devices Inc FMM5057X Datasheet HTML 3Page - Eudyna Devices Inc FMM5057X Datasheet HTML 4Page - Eudyna Devices Inc FMM5057X Datasheet HTML 5Page - Eudyna Devices Inc FMM5057X Datasheet HTML 6Page - Eudyna Devices Inc FMM5057X Datasheet HTML 7Page - Eudyna Devices Inc FMM5057X Datasheet HTML 8Page - Eudyna Devices Inc FMM5057X Datasheet HTML 9Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
Output Power, Drain Current
vs. Input Power by Drain Current
C-Band Power Amplifier MMIC
FMM5057X
Output Power, Drain Current
vs. Input Power by Drain Current
Output Power, Drain Current
vs. Input Power by Drain Current
Output Power, Gain vs. Drain Current
VDD=10V, f=7.1GHz
20
22
24
26
28
30
32
34
36
-4
-2
02468
10
12
14
16
Input Pow er [dBm]
700
900
1100
1300
1500
1700
1900
2100
2300
800m A
1200mA
1600mA
Drain Current
Pout
VDD=10V, f=7.7GHz
20
22
24
26
28
30
32
34
36
-4
-2
02
46
8
10
12
14
16
Input Pow er [dBm]
700
900
1100
1300
1500
1700
1900
2100
2300
800mA
1200mA
1600mA
Drain Current
Pout
VDD=10V, f=8.5GHz
20
22
24
26
28
30
32
34
36
-4
-2
0
2
4
6
8
10
12
14
16
Input Pow er [dBm]
700
900
1100
1300
1500
1700
1900
2100
2300
800mA
1200mA
1600mA
Drain Current
Pout
VDD=10V
22
24
26
28
30
32
34
36
400
600
800
1000 1200
1400
1600
1800
Drain Current [mA]
22
24
26
28
30
32
34
36
7.1GHz
7.7GHz
8.5GHz
P1dB
G1dB


Similar Part No. - FMM5057X

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FMM5057VF FUJI-FMM5057VF Datasheet
300Kb / 8P
   7.1-8.5GHz Power Amplifier MMIC
More results

Similar Description - FMM5057X

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASX0837HG ASB-ASX0837HG Datasheet
899Kb / 14P
   X Band Power Amplifier MMIC
June 2017
logo
Eudyna Devices Inc
FMM5007VF EUDYNA-FMM5007VF Datasheet
155Kb / 7P
   Ku Band Power Amplifier MMIC
FMM5822X EUDYNA-FMM5822X Datasheet
299Kb / 14P
   K-Band Power Amplifier MMIC
ESM5832VU EUDYNA-ESM5832VU Datasheet
195Kb / 13P
   K-Band Power Amplifier MMIC
FMM5051VU EUDYNA-FMM5051VU Datasheet
138Kb / 8P
   Ku band Power Amplifier MMIC
FMM5063X EUDYNA-FMM5063X Datasheet
584Kb / 14P
   Ku-Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1536 ASB-ASX1536 Datasheet
602Kb / 13P
   Ku Band Power Amplifier MMIC
January 2017
ABX0618M ASB-ABX0618M Datasheet
861Kb / 18P
   Wide Band Power Amplifier MMIC
July 2017
logo
Eudyna Devices Inc
FMM5829X EUDYNA-FMM5829X Datasheet
259Kb / 14P
   K-Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1436 ASB-ASX1436 Datasheet
916Kb / 20P
   Ku Band Power Amplifier MMIC
January 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com