Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMM5116X Datasheet(PDF) 2 Page - Eudyna Devices Inc

Part # FMM5116X
Description  20-32GHz Upconverter MMIC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5116X Datasheet(HTML) 2 Page - Eudyna Devices Inc

  FMM5116X Datasheet HTML 1Page - Eudyna Devices Inc FMM5116X Datasheet HTML 2Page - Eudyna Devices Inc FMM5116X Datasheet HTML 3Page - Eudyna Devices Inc FMM5116X Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
FMM5116X
20-32GHz Upconverter MMIC
fLO=13GHz
IF RETURN LOSS vs. FREQUENCY
2.5
3
3.5
1
0.5
2
1.5
4
-8
-6
-4
-2
IF Frequency (GHz)
RF Return Loss; fIF=1GHz
RF RETURN LOSS vs. FREQUENCY
28
30
32
22
20
26
24
-25
-20
-15
-10
-5
RF Frequency (GHz)
CONVERSION GAIN vs. FREQUENCY
CONVERSION GAIN vs. FREQUENCY
22
23
24
25
26
27
28
29
30
31
32
14 16 18 20 22 24 26 28 30 32 34 36 38
-2
-4
-6
-8
-10
-12
-14
-5
-10
-15
-20
-25
-30
RF Frequency (GHz)
RF Frequency (GHz)
IM3 vs. FREQUENCY
13
11
15
-40
-50
-60
-30
-20
-10
0
10
20
30
LO Frequency (GHz)
VDD1,2=5V,
∆f=10MHz,
PLO=3dBm,
PIF=0dBm
2xLO OUTPUT POWER vs. FREQUENCY
9
101112
13
14
1516
1718
19
78
-40
-35
-30
-25
-20
-15
-10
-5
0
LO Frequency (GHz)
VDD1,2=5V,
PLO=3dBm,
PIF=0dBm,
fIF=1GHz
Input IP3
1GHz
2GHz
3GHz
IM3 Suppr.
1GHz
2GHz
3GHz
VDD1,2=5V,
LO=13.5GHz
PLO=3dBm,
PIF=0dBm
VDD1,2=5V, PLO=3dBm,
PIF=0dBm, fIF=1.0GHz
LSB
USB
2xLO=27GHz
FIXED


Similar Part No. - FMM5116X

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5117X EUDYNA-FMM5117X Datasheet
639Kb / 4P
   20-32GHz Downconverter MMIC
FMM5118X EUDYNA-FMM5118X Datasheet
677Kb / 6P
   20-32GHz Doubler MMIC
More results

Similar Description - FMM5116X

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5118X EUDYNA-FMM5118X Datasheet
677Kb / 6P
   20-32GHz Doubler MMIC
FMM5117X EUDYNA-FMM5117X Datasheet
639Kb / 4P
   20-32GHz Downconverter MMIC
FMM5703X EUDYNA-FMM5703X Datasheet
886Kb / 4P
   24-32GHz LNA MMIC
FMM5702X EUDYNA-FMM5702X Datasheet
149Kb / 4P
   27-32GHz LNA MMIC
logo
ANADIGICS, Inc
ACU2109S3 ANADIGICS-ACU2109S3 Datasheet
213Kb / 6P
   CATV/TV Cable modem Upconverter MMIC
logo
RF Micro Devices
RFUV1703 RFMD-RFUV1703 Datasheet
662Kb / 14P
   21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
logo
ANADIGICS, Inc
ACU50752S3C ANADIGICS-ACU50752S3C Datasheet
211Kb / 4P
   CATV/TV Cable modem Upconverter MMIC
logo
NEC
UPC8125GR NEC-UPC8125GR Datasheet
67Kb / 5P
   SILICON MMIC UPCONVERTER WITH AGC IQ MODULATOR
UPC8125GR NEC-UPC8125GR_99 Datasheet
176Kb / 15P
   SILICON MMIC UPCONVERTER WITH AGC IQ MODULATOR
logo
Hittite Microwave Corpo...
HMC924LC5 HITTITE-HMC924LC5 Datasheet
1Mb / 14P
   GaAs MMIC I/Q UPCONVERTER 10 - 16 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com