Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMM5118X Datasheet(PDF) 3 Page - Eudyna Devices Inc

Part # FMM5118X
Description  20-32GHz Doubler MMIC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5118X Datasheet(HTML) 3 Page - Eudyna Devices Inc

  FMM5118X Datasheet HTML 1Page - Eudyna Devices Inc FMM5118X Datasheet HTML 2Page - Eudyna Devices Inc FMM5118X Datasheet HTML 3Page - Eudyna Devices Inc FMM5118X Datasheet HTML 4Page - Eudyna Devices Inc FMM5118X Datasheet HTML 5Page - Eudyna Devices Inc FMM5118X Datasheet HTML 6Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
FMM5118X
20-32GHz Doubler MMIC
SMALL SIGNAL RETURN LOSS vs. FREQUENCY
10
5
152025303540
–5
–10
–15
–20
–25
0
Frequency (GHz)
S22
S11
VDD1,2=5V,
Pin=-10dBm
VDD2=5V
2 x fo OUT
VDD1=5V
VGG=0V (GND)
fo IN
X2
Block Diagram


Similar Part No. - FMM5118X

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5116X EUDYNA-FMM5116X Datasheet
831Kb / 4P
   20-32GHz Upconverter MMIC
FMM5117X EUDYNA-FMM5117X Datasheet
639Kb / 4P
   20-32GHz Downconverter MMIC
More results

Similar Description - FMM5118X

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5116X EUDYNA-FMM5116X Datasheet
831Kb / 4P
   20-32GHz Upconverter MMIC
FMM5117X EUDYNA-FMM5117X Datasheet
639Kb / 4P
   20-32GHz Downconverter MMIC
FMM5703X EUDYNA-FMM5703X Datasheet
886Kb / 4P
   24-32GHz LNA MMIC
FMM5702X EUDYNA-FMM5702X Datasheet
149Kb / 4P
   27-32GHz LNA MMIC
logo
Marki Microwave
MMD-1030HSM MARKIMICROWAVE-MMD-1030HSM Datasheet
561Kb / 5P
   GaAs MMIC DOUBLER
MMD-1030H MARKIMICROWAVE-MMD-1030H Datasheet
529Kb / 7P
   GaAs MMIC DOUBLER
ADA-1030 MARKIMICROWAVE-ADA-1030 Datasheet
470Kb / 6P
   MMIC AMPLIFIER/DOUBLER/AMPLIFIER
ADA-0416 MARKIMICROWAVE-ADA-0416 Datasheet
469Kb / 6P
   MMIC AMPLIFIER/DOUBLER/AMPLIFIER
MMD-2050HSM MARKIMICROWAVE-MMD-2050HSM Datasheet
661Kb / 9P
   GaAs MMIC Millimeter Wave Doubler
MMD-2060H MARKIMICROWAVE-MMD-2060H Datasheet
432Kb / 10P
   GaAs MMIC Millimeter Wave Doubler
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com