Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-B4634 Datasheet(PDF) 3 Page - Yellow Stone Corp

Part # BL-B4634
Description  STANDARD LED LAMPS (ROUND TYPES)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BL-B4634 Datasheet(HTML) 3 Page - Yellow Stone Corp

  BL-B4634 Datasheet HTML 1Page - Yellow Stone Corp BL-B4634 Datasheet HTML 2Page - Yellow Stone Corp BL-B4634 Datasheet HTML 3Page - Yellow Stone Corp BL-B4634 Datasheet HTML 4Page - Yellow Stone Corp BL-B4634 Datasheet HTML 5Page - Yellow Stone Corp BL-B4634 Datasheet HTML 6Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
STANDARD LED LAMPS (ROUND TYPES)
Chip
Absolute Maximum
Ratings
Electro-optical
Data (At 20mA)
Vf
(V)
Iv
(mcd)
Package
Part No.
Material/Emitted
Color
Peak
Wave
Length
λp
(nm)
Lens
Appearance
∆λ
(nm)
Pd
(mw)
If
(mA)
Peak
(mA)
Typ
Max
Typ.
Viewing
Angle
2
θ 1/2
(deg)
Drawing
No.
BL-B51V1T
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
6.0
BL-B45V1T GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
70.0
BL-B21V1T
GaP/GaP/Green
568
Green Diffused
30
80
30
150
2.2
2.6
70.0
BL-B31V1T
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
60.0
35
BL-B24V1T
GaP/GaP/Green
568
Green Trans
30
80
30
150
2.2
2.6
120.0
T-1
1.0
Lead
3.55
φ
BL-B34V1T
GaAsP/GaP/Yellow
585
Yellow Trans
35
80
30
150
2.1
2.6
100.0
30
L-013
BL-B5132
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
12.0
BL-B4532
GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
70.0
BL-B2132
GaP/GaP/Green
568
Green Diffused
30
80
30
150
2.2
2.6
70.0
BL-B3132
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
60.0
BL-B4132
GaAsP/GaP/Orange
635
Orange Diffused
45
80
30
150
2.0
2.6
70.0
55
Standard
1.0
″ Lead
4.0
φ
BL-B4632
GaAsP/GaP/Hi-Eff Red
635
Red Trans
45
80
30
150
2.0
2.6
120.0
35
L-014
BL-B4533
GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
80.0
BL-B2133
GaP/GaP/Green
568
Green Diffused
30
80
30
150
2.2
2.6
80.0
BL-B3133
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
70.0
BL-B4133
GaAsP/GaP/Orange
635
Orange Diffused
45
80
30
150
2.0
2.6
80.0
40
BL-B3333
GaAsP/GaP/Yellow
585
35
80
30
150
2.1
2.6
100.0
BL-B2333
GaP/GaP/Green
568
30
80
30
150
2.2
2.6
130.0
Medium
Profile
Flangeless
1.0
″ Lead
4.7
φ
BL-B4333
GaAsP/GaP/Orange
635
Water Clear
45
80
30
150
2.0
2.6
130.0
30
L-015
BL-B5134B
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
4.0
BL-B4534B GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
25.0
BL-B2134B
GaP/GaP/Green
568
Green Diffused
30
80
30
150
2.2
2.6
25.0
BL-B3134B
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
20
30
BL-B2434B
GaP/GaP/Green
568
Green Trans
30
80
30
150
2.2
2.6
100
1.0
Lead
4.8
φ
BL-B4634B
GaAsP/GaP/Orange
635
Red Trans
45
80
30
150
2.0
2.6
100
20
L-016
BL-B5133N
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
25.0
BL-B4533N GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
80.0
BL-B2133N
GaP/GaP/Green
568
Green Diffused
30
80
30
150
2.2
2.6
80.0
BL-B3133N
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
70.0
40
BL-B2433N
GaP/GaP/Green
568
Green Trans
30
80
30
150
2.2
2.6
130.0
Medium
Profile
Flangeless
1.0
Lead
4.8
φ
BL-B3433N
GaAsP/GaP/Yellow
585
Yellow Trans
35
80
30
150
2.1
2.6
100.0
35
L-017
BL-B5114
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
6.0
BL-B4114
GaAsP/GaP/Orange
635
Red Diffused
45
80
30
150
2.0
2.6
50.0
BL-B2114
GaP/GaP/Green
568
Green Diffused
30
80
30
150
2.2
2.6
50.0
BL-B3114
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
40.0
45
BL-B2414
GaP/GaP/Green
568
Green Trans
30
80
30
150
2.0
2.6
55.0
T-13/4
Standard
0.8
″ Lead
5.0
φ
BL-B4614
GaAsP/GaP/Hi-Eff Red
635
Red Trans
45
80
30
150
2.0
2.6
55.0
35
L-018
BL-B4524
GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
25.0
BL-B2124
GaP/GaP/Green
568
Green Diffused
30
80
30
150
2.2
2.6
25.0
BL-B3124
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
20.0
BL-B4124
GaAsP/GaP/Orange
635
Orange Diffused
45
80
30
150
2.0
2.6
25.0
40
BL-B2424
GaP/GaP/Green
568
Green Trans
30
80
30
150
2.2
2.6
65.0
BL-B3424
GaAsP/GaP/Yellow
585
Yellow Trans
35
80
30
150
2.1
2.6
50.0
T-13/4
Standard
0.5
″ Lead
5.0
φ
BL-B2324
GaP/GaP/Green
568
Water Clear
30
80
30
150
2.2
2.6
65.0
30
L-019
BL-B5134
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
12.0
BL-B4534
GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
80.0
BL-B2134
GaP/GaP/Green
568
Green Diffused
30
80
30
150
2.2
2.6
80.0
BL-B3134
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
70.0
35
BL-B2434
GaP/GaP/Green
568
Green Trans
30
80
30
150
2.0
2.6
200
T-13/4
Standard
1.0
″ Lead
5.0
φ
BL-B4634
GaAsP/GaP/Yellow
635
Red Trans
45
80
30
150
2.0
2.6
200
12
L-020


Similar Part No. - BL-B4634

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-B4634 YSTONE-BL-B4634 Datasheet
513Kb / 2P
   STANDARD LED LAMPS(ROUND TYPES)
BL-B4634 YSTONE-BL-B4634 Datasheet
459Kb / 6P
   STANDARD LED LAMPS (ROUND TYPES)
logo
BRIGHT LED ELECTRONICS ...
BL-B4634 BRIGHT-BL-B4634 Datasheet
157Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement.
BL-B4634 BRIGHT-BL-B4634 Datasheet
291Kb / 5P
   T-1 3/4 STANDARD 1.0" LEAD 5.0??LED LAMP
logo
American Bright OPTOELE...
BL-B4634 AMERICANBRIGHT-BL-B4634 Datasheet
388Kb / 4P
   5mm (T1 3/4) LED Components
Ver.1.2
More results

Similar Description - BL-B4634

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-B4541 YSTONE-BL-B4541 Datasheet
459Kb / 6P
   STANDARD LED LAMPS (ROUND TYPES)
BL-B2441 YSTONE-BL-B2441 Datasheet
1,003Kb / 2P
   STANDARD LED LAMPS(ROUND TYPES)
BL-B1132 YSTONE-BL-B1132 Datasheet
513Kb / 2P
   STANDARD LED LAMPS(ROUND TYPES)
BL-B1134M YSTONE-BL-B1134M Datasheet
500Kb / 2P
   STANDARD LED LAMPS(ROUND TYPES)
BB-B5171-C YSTONE-BB-B5171-C Datasheet
114Kb / 1P
   BLINKING LED LAMPS(ROUND TYPES)
BR-B51V1-05V YSTONE-BR-B51V1-05V Datasheet
67Kb / 1P
   RESISTOR LED LAMPS (ROUND TYPES)
BL-R1138A YSTONE-BL-R1138A Datasheet
372Kb / 2P
   STANDARD LED LAMPS (RECTANGULAR TYPES)
BL-R1115 YSTONE-BL-R1115 Datasheet
505Kb / 2P
   STANDARD LED LAMPS(RECTANGULAR TYPES)
BL-R5131 YSTONE-BL-R5131 Datasheet
401Kb / 4P
   STANDARD LED LAMPS (RECTANGULAR TYPES)
BL-C5121 YSTONE-BL-C5121 Datasheet
400Kb / 5P
   STANDARD LED LAMPS (CYLINDRICAL TYPES)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com