Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-B4134G-1 Datasheet(PDF) 5 Page - Yellow Stone Corp

Part # BL-B4134G-1
Description  STANDARD LED LAMPS (ROUND TYPES)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BL-B4134G-1 Datasheet(HTML) 5 Page - Yellow Stone Corp

  BL-B4134G-1 Datasheet HTML 1Page - Yellow Stone Corp BL-B4134G-1 Datasheet HTML 2Page - Yellow Stone Corp BL-B4134G-1 Datasheet HTML 3Page - Yellow Stone Corp BL-B4134G-1 Datasheet HTML 4Page - Yellow Stone Corp BL-B4134G-1 Datasheet HTML 5Page - Yellow Stone Corp BL-B4134G-1 Datasheet HTML 6Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
STANDARD LED LAMPS (ROUND TYPES)
Chip
Absolute Maximum
Ratings
Electro-optical
Data (At 20mA)
Viewing
Angle
2
θ 1/2
(deg)
Drawing
No.
Vf
(V)
Iv
(mcd)
Package
Part No.
Material/Emitted
Color
Peak
Wave
Length
λp
(nm)
Lens
Appearance
∆λ
(nm)
Pd
(mw)
If
(mA)
Peak
(mA)
Typ
Max
Typ.
BL-B4534G-1 GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
65.0
BL-B2134G-1 GaP/GaP/Green
568
Green Diffused
30
80
30
150
2.2
2.6
65.0
BL-B3131G-1 GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
60.0
BL-B4134G-1 GaAsP/GaP/Orange
635
Orange Diffused
45
80
30
150
2.0
2.6
65.0
45
BL-B3334G-1 GaAsP/GaP/Yellow
585
35
80
30
150
2.1
2.6
140.0
BL-B2334G-1 GaP/GaP/Green
568
30
80
30
150
2.2
2.6
150.0
T1 3/4
Wide
Viewing
Angle
1.0
″ Lead
5.0φ
BL-B4334G-1 GaAsP/GaP/Orange
635
Water Clear
45
80
30
150
2.0
2.6
150.0
20
L-021
BL-B4534J
GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
65.0
BL-B2134J
GaP/GaP/Green
568
Green Diffused
30
80
30
150
2.2
2.6
65.0
BL-B3134J
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
60.0
BL-B4134J
GaAsP/GaP/Orange
635
Orange Diffused
45
80
30
150
2.0
2.6
65.0
40
BL-B3334J
GaAsP/GaP/Yellow
585
35
80
30
150
2.1
2.6
120.0
BL-B2334J
GaP/GaP/Green
568
30
80
30
150
2.2
2.6
140.0
T1 3/4
Wide
Viewing
Angle
1.0
″ Lead
5.0φ
BL-B4334J
GaAsP/GaP/Orange
635
Water Clear
45
80
30
150
2.0
2.6
140.0
20
L-022
BL-B5134N
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
13.0
BL-B4534N
GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
80.0
BL-B2134N
GaP/GaP/Green
568
Green Diffused
30
80
30
150
2.2
2.6
80.0
BL-B3134N
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
70.0
40
BL-B2434N
GaP/GaP/Green
568
Green Trans
30
80
30
150
2.0
2.6
140.0
T1 3/4
Flangeless
1.0
″ Lead
5.0φ
BL-B4334N
GaAsP/GaP/Orange
635
Water Clear
45
80
30
150
2.0
2.6
140.0
20
L-023
BL-B5134Q
GaP/GaP/Bright Red
700
Red Diffused
90
40
15
50
2.2
2.6
5.0
BL-B4534Q
GaAsP/GaP/Hi-Eff Red
635
45
80
30
150
2.0
2.6
55
T1 3/4
Flangeless
1.0
″ Lead
5.0φ
BL-B2134Q
GaP/Gap/Green
568
Green Diffused
30
80
30
150
2.2
2.6
55
50
L-024


Similar Part No. - BL-B4134G-1

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-B4134G-1 YSTONE-BL-B4134G-1 Datasheet
500Kb / 2P
   STANDARD LED LAMPS(ROUND TYPES)
BL-B4134G-1 YSTONE-BL-B4134G-1 Datasheet
459Kb / 6P
   STANDARD LED LAMPS (ROUND TYPES)
logo
BRIGHT LED ELECTRONICS ...
BL-B4134G-1 BRIGHT-BL-B4134G-1 Datasheet
54Kb / 1P
   LED LAMPS SPECIFICATION
More results

Similar Description - BL-B4134G-1

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-B4541 YSTONE-BL-B4541 Datasheet
459Kb / 6P
   STANDARD LED LAMPS (ROUND TYPES)
BL-B2441 YSTONE-BL-B2441 Datasheet
1,003Kb / 2P
   STANDARD LED LAMPS(ROUND TYPES)
BL-B1132 YSTONE-BL-B1132 Datasheet
513Kb / 2P
   STANDARD LED LAMPS(ROUND TYPES)
BL-B1134M YSTONE-BL-B1134M Datasheet
500Kb / 2P
   STANDARD LED LAMPS(ROUND TYPES)
BB-B5171-C YSTONE-BB-B5171-C Datasheet
114Kb / 1P
   BLINKING LED LAMPS(ROUND TYPES)
BR-B51V1-05V YSTONE-BR-B51V1-05V Datasheet
67Kb / 1P
   RESISTOR LED LAMPS (ROUND TYPES)
BL-R1138A YSTONE-BL-R1138A Datasheet
372Kb / 2P
   STANDARD LED LAMPS (RECTANGULAR TYPES)
BL-R1115 YSTONE-BL-R1115 Datasheet
505Kb / 2P
   STANDARD LED LAMPS(RECTANGULAR TYPES)
BL-R5131 YSTONE-BL-R5131 Datasheet
401Kb / 4P
   STANDARD LED LAMPS (RECTANGULAR TYPES)
BL-C5121 YSTONE-BL-C5121 Datasheet
400Kb / 5P
   STANDARD LED LAMPS (CYLINDRICAL TYPES)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com