Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM455BU Datasheet(PDF) 1 Page - auris-GmbH

Part # LTM455BU
Description  Filter THT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AURIS [auris-GmbH]
Direct Link  http://www.auris-gmbh.de
Logo AURIS - auris-GmbH

LTM455BU Datasheet(HTML) 1 Page - auris-GmbH

  LTM455BU Datasheet HTML 1Page - auris-GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7.5
LTM 450/455 U
series
Remarks: All specifications subject to change without notice!
Features:
- For communication
- 4 elements
- 450/455 KHz
Characteristics
Filter THT
Specifications
LTM 450
Part number
AU
BU
CU
DU
EU
FU
GU
HU
IU
HTU
Center frequency (KHz)
450±2.0
450±2.0
450±2.0
450±1.5
450±1.5
450±1.5
450±1.5
450±1.0
450±1.0
450±1.0
Insertion loss (dB) max
4
4
4
4
6
6
6
6
6
6
Pass band ripple (dB) max
2
2
2
2
2
2
2
2
2
2
6dB bandwidth (KHz) min
±17.5
±15
±12.5
±10
±7.5
±6
±4.5
±3
±2
±3
40dB bandwidth (KHz) max
±35
±30
±24
±20
±15
±12.5
±10
±9
±7.5
±9
Stop band att. ±100KHz (dB) min
28
28
28
28
28
28
28
28
28
35
Input/output impedance (Ohm)
1000
1500
1500
1500
1500
2000
2000
2000
2000
2000
Specifications
LTM 455
Part number
AU
BU
CU
DU
EU
FU
GU
HU
IU
HTU
Center frequency (KHz)
455±2.0
455±2.0
455±2.0
455±1.5
455±1.5
455±1.5
455±1.5
455±1.0
455±1.0
455±1.0
Insertion loss (dB) max
4
4
4
4
6
6
6
6
6
6
Pass band ripple (dB) max
2
2
2
2
2
2
2
2
2
2
6dB bandwidth (KHz) min
±17.5
±15
±12.5
±10
±7.5
±6
±4.5
±3
±2
±3
40dB bandwidth (KHz) max
±35
±30
±24
±20
±15
±12.5
±10
±9
±7.5
±9
Stop band att. ±100KHz (dB) min
28
28
28
28
28
28
28
28
28
35
Input/output impedance (Ohm)
1000
1500
1500
1500
1500
2000
2000
2000
2000
2000
Drawing
Test circuit
LTM 450/455 U
Dimensions in mm
Order key
F
- LTM 450
- AU
-
Part
Package
Individual specification
Opion
F= Ceramic filter
LTM 450
AU
FU
blanc = standard
LTM 455
BU
GU
CU
HU
DU
IU
EU
HTU
X=Special options


Similar Part No. - LTM455BU

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
LTM455BU ECS-LTM455BU Datasheet
282Kb / 1P
   4 ELEMENT CERAMIC FILTER
logo
auris-GmbH
LTM455BU AURIS-LTM455BU Datasheet
185Kb / 1P
   Filter THT, Ceramic
logo
Token Electronics Indus...
LTM455BU TOKEN-LTM455BU Datasheet
342Kb / 3P
   LTM 455/450 Ceramic Filters
logo
Shoulder Electronics Li...
LTM455BU SHOULDER-LTM455BU Datasheet
110Kb / 4P
   CENTER FREQUENCY SHALL BE DEFIED AS THE CENTRAL VALUE OF THE BAND WITH AT 6 dB
logo
Fronter Electronics Co....
LTM455BU FRONTER-LTM455BU Datasheet
182Kb / 1P
   22 PIN Version 6.5x6.5x6.2 mm
More results

Similar Description - LTM455BU

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
LT455W AURIS-LT455W Datasheet
133Kb / 1P
   Filter THT
LTZ AURIS-LTZ Datasheet
116Kb / 1P
   Filter THT
LT455U AURIS-LT455U Datasheet
130Kb / 1P
   Filter THT
LTM455W AURIS-LTM455W Datasheet
128Kb / 1P
   Filter THT
LTA10 AURIS-LTA10 Datasheet
295Kb / 1P
   Filter THT
LTP AURIS-LTP Datasheet
112Kb / 1P
   Filter THT
LTM450W AURIS-LTM450W Datasheet
270Kb / 1P
   Filter THT, Ceramic
LTA10 AURIS-LTA10_1 Datasheet
331Kb / 1P
   Filter THT, Ceramic
LTM450U AURIS-LTM450U Datasheet
185Kb / 1P
   Filter THT, Ceramic
LT450U AURIS-LT450U Datasheet
196Kb / 1P
   Filter THT, Ceramic
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com