Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UN1112 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # UN1112
Description  Silicon PNP epitaxial planer transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UN1112 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  UN1112 Datasheet HTML 1Page - Panasonic Semiconductor UN1112 Datasheet HTML 2Page - Panasonic Semiconductor UN1112 Datasheet HTML 3Page - Panasonic Semiconductor UN1112 Datasheet HTML 4Page - Panasonic Semiconductor UN1112 Datasheet HTML 5Page - Panasonic Semiconductor UN1112 Datasheet HTML 6Page - Panasonic Semiconductor UN1112 Datasheet HTML 7Page - Panasonic Semiconductor UN1112 Datasheet HTML 8Page - Panasonic Semiconductor UN1112 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
UNR111x Series
SJH00001BED
■ Electrical Characteristics T
a = 25°C ± 3°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC = −10 µA, IE = 0
−50
V
Collector-emitter voltage (Base open)
VCEO
IC = −2 mA, IB = 0
−50
V
Collector-base cutoff current (Emitter open)
ICBO
VCB
= −50 V, I
E
= 0
− 0.1
µA
Collector-emitter cutoff current (Base open)
ICEO
VCE = −50 V, IB = 0
− 0.5
µA
Emitter-base
UNR1111
IEBO
VEB = −6 V, IC = 0
− 0.5
mA
cutoff current UNR1112/1114/111D/111E
− 0.2
(Collector open) UNR1113
− 0.1
UNR1110/1115/1116/1117
− 0.01
UNR111F/111H
−1.0
UNR1119
−1.5
UNR1118/111L
−2.0
Forward current UNR1111
hFE
VCE
= −10 V, I
C
= −5 mA
35
transfer ratio
UNR1112/111E
60
UNR1113/1114
80
UNR1110 */1115 */1116 */
160
460
1117 *
UNR1118/111L
20
UNR1119/111D/111F/111H
30
Collector-emitter saturation voltage
VCE(sat)
IC = −10 mA, IB = − 0.3 mA
− 0.25
V
Output voltage high-level
VOH
VCC
= −5 V, V
B
= − 0.5 V, R
L
= 1 kΩ−4.9
V
Output voltage low-level
VOL
VCC = −5 V, VB = −2.5 V, RL = 1 kΩ− 0.2
V
UNR1113
VCC = −5 V, VB = −3.5 V, RL = 1 kΩ
UNR111D
VCC
= −5 V, V
B
= −10 V, R
L
= 1 kΩ
UNR111E
VCC = −5 V, VB = −6 V, RL = 1 kΩ
Transition frequency
fT
VCB = −10 V, IE = 2 mA, f = 200 MHz
80
MHz
Input resistance UNR1111/1114/1115
R1
−30%
10
+30%
k
UNR1112/1117
22
UNR1110/1113/111D/111E
47
UNR1116/111F/111L
4.7
UNR1118
0.51
UNR1119
1
UNR111H
2.2
Resistance ratio UNR1111/1112/1113/111L
R1/R2
0.8
1.0
1.2
UNR1114
0.17
0.21
0.25
UNR1118/1119
0.08
0.1
0.12
UNR111D
4.7
UNR111E
2.14
UNR111F
0.47
UNR111H
0.17
0.22
0.27
Rank
Q
R
S
hFE
160 to 260
210 to 340
290 to 460
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *: Rank classification (UNR1110/1115/1116/1117)


Similar Part No. - UN1112

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UN11004 PANASONIC-UN11004 Datasheet
38Kb / 2P
   Circuit Protector Elements
UN11008 PANASONIC-UN11008 Datasheet
38Kb / 2P
   Circuit Protector Elements
UN11015 PANASONIC-UN11015 Datasheet
41Kb / 2P
   Circuit Protector Elements
UN11020 PANASONIC-UN11020 Datasheet
34Kb / 2P
   Circuit Protector Elements
UN11027 PANASONIC-UN11027 Datasheet
35Kb / 2P
   Circuit Protector Elements
More results

Similar Description - UN1112

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XP1601 PANASONIC-XP1601 Datasheet
56Kb / 5P
   Silicon PNP(PNP) epitaxial planer transistor
XN1111 PANASONIC-XN1111 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN1116 PANASONIC-XN1116 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN1118 PANASONIC-XN1118 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN4114 PANASONIC-XN4114 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN4130 PANASONIC-XN4130 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN6112 PANASONIC-XN6112 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN611FH PANASONIC-XN611FH Datasheet
51Kb / 4P
   Silicon PNP epitaxial planer transistor
XP4112 PANASONIC-XP4112 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XP4115 PANASONIC-XP4115 Datasheet
32Kb / 2P
   Silicon PNP epitaxial planer transistor
XP4116 PANASONIC-XP4116 Datasheet
32Kb / 2P
   Silicon PNP epitaxial planer transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com