Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMM5715X Datasheet(PDF) 10 Page - Eudyna Devices Inc

Part # FMM5715X
Description  60GHz Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5715X Datasheet(HTML) 10 Page - Eudyna Devices Inc

Back Button FMM5715X Datasheet HTML 2Page - Eudyna Devices Inc FMM5715X Datasheet HTML 3Page - Eudyna Devices Inc FMM5715X Datasheet HTML 4Page - Eudyna Devices Inc FMM5715X Datasheet HTML 5Page - Eudyna Devices Inc FMM5715X Datasheet HTML 6Page - Eudyna Devices Inc FMM5715X Datasheet HTML 7Page - Eudyna Devices Inc FMM5715X Datasheet HTML 8Page - Eudyna Devices Inc FMM5715X Datasheet HTML 9Page - Eudyna Devices Inc FMM5715X Datasheet HTML 10Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
8
60GHz Power Amplifier MMIC
FMM5715X
Eudyna Devices Inc. reserves the right to change products and
specifications without notice.The information does not convey any
license under rights of Eudyna Devices Inc. or others.
CAUTION
Eudyna Devices Inc. products contain gallium arsenide
(GaAs) which can be hazardous to the human body and the
environment. For safety, observe the following procedures:
•Do not put these products into the mouth.
•Do not alter the form of this product into a gas, powder, or liquid
through burning, crushing, or chemical processing as these by-
products are dangerous to the human body if inhaled, ingested, or
swallowed.
•Observe government laws and company regulations when
discarding this product. This product must be discarded in
accordance with methods specified by applicable hazardous waste
procedures.
Eudyna Devices USA Inc.
2355 Zanker Rd.
San Jose, CA 95131-1138, U.S.A.
TEL: (408) 232-9500
FAX: (408) 428-9111
www.us.eudyna.com
Eudyna Devices Europe Ltd.
Network House
Norreys Drive
Maidenhead, Berkshire SL6 4FJ
United Kingdom
TEL: +44 (0) 1628 504800
FAX: +44 (0) 1628 504888
Eudyna Devices Asia Pte. Ltd.
Hong Kong Branch
Suite 1906B, Tower 6, China Hong Kong City
33 Canton Road, Tsimshatsui, Kowloon
Hong Kong
TEL: +852-2377-0227
FAX: +852-2377-3921
Eudyna Devices Inc.
Sales Division
1, Kanai-cho, Sakae-ku
Yokohama, 244-0845, Japan
TEL +81-45-853-8156
FAX +81-45-853-8170
© 2005 Eudyna Devices USA Inc.
Printed in U.S.A.


Similar Part No. - FMM5715X

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5716X EUDYNA-FMM5716X Datasheet
253Kb / 9P
   60GHz Low Noise Amplifier
More results

Similar Description - FMM5715X

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4600-EPU TRIQUINT-TGA4600-EPU Datasheet
127Kb / 8P
   60GHz Low Noise Amplifier
logo
United Monolithic Semic...
CHA2157 UMS-CHA2157_07 Datasheet
165Kb / 6P
   55-60GHz Low Noise / Medium Power Amplifier
CHA2157 UMS-CHA2157 Datasheet
112Kb / 6P
   55-60GHz Low Noise / Medium Power Amplifier
CHA2157 UMS-CHA2157_15 Datasheet
114Kb / 6P
   55-60GHz Low Noise / Medium Power Amplifier
logo
Eudyna Devices Inc
FMM5716X EUDYNA-FMM5716X Datasheet
253Kb / 9P
   60GHz Low Noise Amplifier
logo
TriQuint Semiconductor
TGA4600 TRIQUINT-TGA4600_15 Datasheet
289Kb / 8P
   60GHz Low Noise Amplifier
logo
Pasternack Enterprises,...
PEM004 PASTERNACK-PEM004 Datasheet
593Kb / 7P
   60GHz Baseboard I/Q Module
logo
Marki Microwave
MEQ6-60A MARKIMICROWAVE-MEQ6-60A Datasheet
315Kb / 5P
   Passive MMIC 60GHz Equalizer
logo
United Monolithic Semic...
CHX2190A UMS-CHX2190A Datasheet
63Kb / 4P
   30-60GHz Frequency Multiplier
CHX2190A UMS-CHX2190A_06 Datasheet
109Kb / 4P
   30-60GHz Frequency Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com