Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMM5716X Datasheet(PDF) 7 Page - Eudyna Devices Inc

Part # FMM5716X
Description  60GHz Low Noise Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5716X Datasheet(HTML) 7 Page - Eudyna Devices Inc

  FMM5716X Datasheet HTML 1Page - Eudyna Devices Inc FMM5716X Datasheet HTML 2Page - Eudyna Devices Inc FMM5716X Datasheet HTML 3Page - Eudyna Devices Inc FMM5716X Datasheet HTML 4Page - Eudyna Devices Inc FMM5716X Datasheet HTML 5Page - Eudyna Devices Inc FMM5716X Datasheet HTML 6Page - Eudyna Devices Inc FMM5716X Datasheet HTML 7Page - Eudyna Devices Inc FMM5716X Datasheet HTML 8Page - Eudyna Devices Inc FMM5716X Datasheet HTML 9Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
60GHz Low Noise Amplifier
7
FMM5716X
Assembly Diagram
RF In
RF Out
To DC Power Supply (VDD)
Z0 = 50
Z0 = 50
Single Layer Capacitor
≥100 pF
*1
*1
*2
*1; RF Wire Length = 150
µm
*2; DC Wire Length
≤ 1000 µm
To DC Power Supply (VGG)
Single Layer Capacitor
≥100 pF
MTTF vs. Backside Temperature
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
1.E+11
1.E+12
20
40
60
80
100
120
140
160
180
BacksideTemperature (degC)
Ea=1.02eV


Similar Part No. - FMM5716X

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5715X EUDYNA-FMM5715X Datasheet
276Kb / 10P
   60GHz Power Amplifier
More results

Similar Description - FMM5716X

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4600-EPU TRIQUINT-TGA4600-EPU Datasheet
127Kb / 8P
   60GHz Low Noise Amplifier
TGA4600 TRIQUINT-TGA4600_15 Datasheet
289Kb / 8P
   60GHz Low Noise Amplifier
logo
United Monolithic Semic...
CHA2157 UMS-CHA2157_07 Datasheet
165Kb / 6P
   55-60GHz Low Noise / Medium Power Amplifier
CHA2157 UMS-CHA2157 Datasheet
112Kb / 6P
   55-60GHz Low Noise / Medium Power Amplifier
CHA2157 UMS-CHA2157_15 Datasheet
114Kb / 6P
   55-60GHz Low Noise / Medium Power Amplifier
logo
Eudyna Devices Inc
FMM5715X EUDYNA-FMM5715X Datasheet
276Kb / 10P
   60GHz Power Amplifier
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com