Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMM5716X Datasheet(PDF) 1 Page - Eudyna Devices Inc

Part # FMM5716X
Description  60GHz Low Noise Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5716X Datasheet(HTML) 1 Page - Eudyna Devices Inc

  FMM5716X Datasheet HTML 1Page - Eudyna Devices Inc FMM5716X Datasheet HTML 2Page - Eudyna Devices Inc FMM5716X Datasheet HTML 3Page - Eudyna Devices Inc FMM5716X Datasheet HTML 4Page - Eudyna Devices Inc FMM5716X Datasheet HTML 5Page - Eudyna Devices Inc FMM5716X Datasheet HTML 6Page - Eudyna Devices Inc FMM5716X Datasheet HTML 7Page - Eudyna Devices Inc FMM5716X Datasheet HTML 8Page - Eudyna Devices Inc FMM5716X Datasheet HTML 9Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
60GHz Low Noise Amplifier
FEATURES
•Low Noise Figure :NF = 5 dB (Typ.) @ f = 60 GHz
•High Associated Gain: |S21| = 22 dB(Typ) @ f = 60 GHz
•Wide Frequency Band : 57 - 64 GHz
•Impedance Matched Zin/Zout = 50
Edition 1.1
Dec. 2005
1
FMM5716X
DESCRIPTION
The FMM5716X is a low noise amplifier MMIC designed for
applications in the 57-64 GHz frequency range. This product is well
suited for wireless LAN and point-to-point radio.
Eudyna’s stringent Quality Assurance Program assures the highest
reliability and consistent performance.
Device photo
ABSOLUTE MAXIMUM RATING (Case Temperature Tc=25
oC)
Item
Symbol
Unit
DC Input Voltage
VDD
V
DC Input Voltage
VGG
V
Input Power
Pin
dBm
Storage Temperature
Tstg
oC
RECOMMENDED OPERATING CONDITION (Case Temperature Tc=25
oC)
Item
Symbol
Unit
DC Input Voltage
VDD
V
Backside Temperature
TB
oC
ELECTRICAL CHARACTERISTICS (Case Temperature Tc=25
oC)
Min. Typ. Max.
Noise Figure
NF
VDD = 3V
-
5
7
dB
Linear Gain
|S21|IDD = 30 mA
16
22
-
dB
Output Power at 1dB G.C.P.
P1dB
f = 57~64 GHz
-
10
-
dBm
Gate Voltage
VGG
-0.3
-0.1
0
mA
Input Return Loss
|S11|-
10
-
dB
Output Return Loss
|S22|-
10
-
dB
ESD
Note : Based on EIAJ ED-4701 C-111A(C=100pF, R=1.5k
Ω)
-55 to +125
Condition
3
Rating
+4
-3
3
Item
Symbol
Condition
Limit
Unit
Class 0
~ 199V
-45 to +85
These values are representative for CW on chip measurements that are made without bonding wires at the RF ports.


Similar Part No. - FMM5716X

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5715X EUDYNA-FMM5715X Datasheet
276Kb / 10P
   60GHz Power Amplifier
More results

Similar Description - FMM5716X

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4600-EPU TRIQUINT-TGA4600-EPU Datasheet
127Kb / 8P
   60GHz Low Noise Amplifier
TGA4600 TRIQUINT-TGA4600_15 Datasheet
289Kb / 8P
   60GHz Low Noise Amplifier
logo
United Monolithic Semic...
CHA2157 UMS-CHA2157_07 Datasheet
165Kb / 6P
   55-60GHz Low Noise / Medium Power Amplifier
CHA2157 UMS-CHA2157 Datasheet
112Kb / 6P
   55-60GHz Low Noise / Medium Power Amplifier
CHA2157 UMS-CHA2157_15 Datasheet
114Kb / 6P
   55-60GHz Low Noise / Medium Power Amplifier
logo
Eudyna Devices Inc
FMM5715X EUDYNA-FMM5715X Datasheet
276Kb / 10P
   60GHz Power Amplifier
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com