Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMM5815GJ-1 Datasheet(PDF) 1 Page - Eudyna Devices Inc

Part # FMM5815GJ-1
Description  17.7-19.7GHz Power Amplifier MMIC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5815GJ-1 Datasheet(HTML) 1 Page - Eudyna Devices Inc

  FMM5815GJ-1 Datasheet HTML 1Page - Eudyna Devices Inc FMM5815GJ-1 Datasheet HTML 2Page - Eudyna Devices Inc FMM5815GJ-1 Datasheet HTML 3Page - Eudyna Devices Inc FMM5815GJ-1 Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FMM5815GJ-1
17.7-19.7GHz Power Amplifier MMIC
Item
Symbol
Drain-Source Voltage
VDD
10
V
Gate-Source Voltage
VGG
-7.0
V
Input Power
Pin
22
dBm
°C
Storage Temperature
-55 to +125
Tstg
Condition
Unit
Rating
ABSOLUTE MAXIMUM RATING (Ambient Temperature Ta=25
°C)
Fujitsu recommends the following conditions for the long term reliable operation of GaAs FETs:
1. The drain-source operating voltage (VDD) should not exceed 6 volts.
Operating Case Temperature
-40 to +85
°C
Top
1
Edition 1.1
April 2002
Item
Symbol
Output Return Loss
RLout
Conditions
Unit
Limits
Typ.
Max.
Min.
ELECTRICAL CHARACTERISTICS (Ambient Temperature Tc=25
°C)
Power Gain at 1 dB G.C.P.
18
20
23
-
-6
-
dB
-
800
950
mA
Input Return Loss
RLin
Iddrf
--
-10
dB
dB
3rd Order Intermodulation
Distortion
IM3
-
-35
-30
dBc
Frequency Range
f
GHz
Output Power at 1 dB G.C.P.
29
31
-
-
17.7
19.7
dBm
P1dB
G1dB
G.C.P.: Gain Compression Point, S.C.L.: Single Carrier Level
Power-Added Efficiency at 1 dB G.C.P.
Drain Current at 1 dB G.C.P.
-
-12
-15
mA
Iggrf
Gate Current at 1 dB G.C.P.
-25
-
%
ηadd
VDD = 6V
VGG = -5V
f = 17.7 ~ 19.7GHz
IDD = 600mA (Typ.)
ZS = ZL = 50Ω
∆f = 10MHz, 2-Tone Test,
Pout = 20dBm S.C.L.
CASE STYLE: GJ
DESCRIPTION
The FMM5815GJ is a packaged, high-gain, high linearity,
amplifier designed for operation in the17.7-19.7GHz
frequency range. This amplifier has an input and output
designed for use in 50
Ω systems.This device is well suited for
point-to-point communication applications.
FEATURES
• High Output Power: P1dB = 31dBm (Typ.)
• High Gain: G1dB = 20dB (Typ.)
• High PAE:
ηadd = 25% (Typ.)
• Impedance Matched Zin/Zout = 50
• 0.25µm PHEMT Technology


Similar Part No. - FMM5815GJ-1

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5815X EUDYNA-FMM5815X Datasheet
235Kb / 4P
   17.5-20GHz Power Amplifier MMIC
More results

Similar Description - FMM5815GJ-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMM5805GJ-1 ETC1-FMM5805GJ-1 Datasheet
235Kb / 4P
   17.7-19.7GHz Power Amplifier MMIC
logo
United Monolithic Semic...
CHA6362-QXG UMS-CHA6362-QXG Datasheet
1Mb / 16P
   17.7 - 19.7GHz Power Amplifier
logo
Eudyna Devices Inc
FMM5811GJ-1 EUDYNA-FMM5811GJ-1 Datasheet
132Kb / 4P
   17.7-23.6GHz Power Amplifier MMIC
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5033 AVAGO-AMMC-5033 Datasheet
398Kb / 9P
   17.7 - 32 GHz Power Amplifier
logo
United Monolithic Semic...
CHA5290 UMS-CHA5290 Datasheet
118Kb / 6P
   17.7-24GHz Medium Power Amplifier
logo
Broadcom Corporation.
AMMC-5033 BOARDCOM-AMMC-5033 Datasheet
371Kb / 9P
   17.7 - 32 GHz Power Amplifier
logo
Tyco Electronics
MAAP-000072-PKG003 MACOM-MAAP-000072-PKG003 Datasheet
207Kb / 4P
   Amplifier, Power, 1.3W 17.7-19.7 GHz
logo
RF Micro Devices
RFPA1702 RFMD-RFPA1702 Datasheet
911Kb / 9P
   17.7GHz TO 19.7GHz HIGH LINEARITY POWER AMPLIFIER
RFUV1702 RFMD-RFUV1702 Datasheet
903Kb / 11P
   17.7GHz TO 19.7GHz GaAs MMIC IQ UPCONVERTER
RFRX1702 RFMD-RFRX1702 Datasheet
1Mb / 7P
   GaAs MMIC IQ Downconverter 17.7GHz to 19.7GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com