Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZTACS Datasheet(PDF) 1 Page - auris-GmbH

Part # ZTACS
Description  Resonator SMD, 2 Pin
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AURIS [auris-GmbH]
Direct Link  http://www.auris-gmbh.de
Logo AURIS - auris-GmbH

ZTACS Datasheet(HTML) 1 Page - auris-GmbH

  ZTACS Datasheet HTML 1Page - auris-GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
6.2
ZTACC/MG
ZTACS/MT
ZTACS/MX
Features:
- Low cost
- Consumer electronics
- Microprocessor systems
- Excellent for automatotive applications
Remarks: All specifications subject to change without notice!
Drawing
ZTACC
ZTACS
Dimensions in mm
Resonator SMD, 2 Pin
Specifications
13.01 ~ 20.00
20.01 ~ 25.99
26.00 ~ 50.00
C1
30
15
5
C2
30
15
5
Part
ZTACC/MG
ZTACS/MT
ZTACS/MX
Frequency range (MHz)
1.80 ~ 8.00
6.0 ~ 13.0
Frequency accuracy (25°C)
+/-0.5%
+/-0.5%
+/-0.5%
Temp. stability (-20°C ~ +80°C)
+/-0.3%
+/-0.4%
+/-0.3%
Aging (over 10 years)
+/-0.3%
+/-0.4%
+/-0.3%
Load capacitance
( pF )
30
30
30
30
Test circuit
C1 C2 : as listed
IC :
1/6 4069UBP x 2 (MG ; MT)
1/6 74HCU04 x 2 (MX)
X :
Ceramic Resonator
Order key
R
- 5.000000M
- ZTACC/MG
- 0.5
- 0.3
- H
- 30/30
Part
Frequency
Type/Package
Frequency
Temperature
Temperature
Load
tolerance
tolerance
range
capacitance
R=Resonator
K=KHz
ZTACC/MG
+/-KHz or %
+/-%
H=-20°C ~ +80°C
pF
M=MHz
ZTACS/MT
(25°C)
(Temp. range)
C1/C2
ZTACS/MX


Similar Part No. - ZTACS

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
ZTACS ECM-ZTACS Datasheet
99Kb / 1P
   Electronics Ceramic Resonator
logo
List of Unclassifed Man...
ZTACS ETC2-ZTACS Datasheet
148Kb / 1P
   CERAMIC RESONATOR
ZTACS ETC2-ZTACS Datasheet
21Kb / 1P
   8.00MHz to 50.00MHz
logo
EUROQUARTZ limited
ZTACS EUROQUARTZ-ZTACS Datasheet
77Kb / 1P
   CERAMIC RESONATORS
logo
PETERMANN-TECHNIK
ZTACS-MT PETERMANN-ZTACS-MT Datasheet
1Mb / 5P
   SMD CERAMIC RESONATORS
More results

Similar Description - ZTACS

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
ZTY AURIS-ZTY Datasheet
59Kb / 1P
   Resonator SMD, 2 Pin
ZTACV AURIS-ZTACV Datasheet
128Kb / 1P
   Resonator SMD, 2 Pin
ZTTCR AURIS-ZTTCR Datasheet
188Kb / 1P
   Resonator SMD, 3 Pin
ZTTCC AURIS-ZTTCC Datasheet
143Kb / 1P
   Resonator SMD, 3 Pin
ZTB AURIS-ZTB Datasheet
163Kb / 1P
   Resonator THT, 2 Pin
ZTA AURIS-ZTA Datasheet
147Kb / 1P
   Resonator THT, 2 Pin
logo
Oscilent Corporation
R-685 OSCILENT-R-685 Datasheet
120Kb / 1P
   SMD Resonator
674-10.5M-33-03 OSCILENT-674-10.5M-33-03 Datasheet
143Kb / 3P
   SMD Resonator
672-12.0M-33-03 OSCILENT-672-12.0M-33-03 Datasheet
141Kb / 3P
   SMD Resonator
R-674 OSCILENT-R-674 Datasheet
143Kb / 3P
   SMD Resonator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com