Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMM5826X Datasheet(PDF) 8 Page - Eudyna Devices Inc

Part # FMM5826X
Description  Ka-Band Power Amplifier MMIC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5826X Datasheet(HTML) 8 Page - Eudyna Devices Inc

Back Button FMM5826X Datasheet HTML 4Page - Eudyna Devices Inc FMM5826X Datasheet HTML 5Page - Eudyna Devices Inc FMM5826X Datasheet HTML 6Page - Eudyna Devices Inc FMM5826X Datasheet HTML 7Page - Eudyna Devices Inc FMM5826X Datasheet HTML 8Page - Eudyna Devices Inc FMM5826X Datasheet HTML 9Page - Eudyna Devices Inc FMM5826X Datasheet HTML 10Page - Eudyna Devices Inc FMM5826X Datasheet HTML 11Page - Eudyna Devices Inc FMM5826X Datasheet HTML 12Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Ka-Band Power Amplifier MMIC
FMM5826X
S-Parameter
@VDD=6V, IDD=350mA
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
0
5
10
15
20
25
30
35
40
45
50
Frequency [GHz]
S11
S21
S22
@VDD=6V, IDD=350mA
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
25
26
27
28
29
30
31
32
33
34
35
Frequency [GHz]
S11
S21
S22


Similar Part No. - FMM5826X

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5820QH EUDYNA-FMM5820QH Datasheet
376Kb / 14P
   Ka-Band Power Amplifier MMIC
FMM5820X EUDYNA-FMM5820X Datasheet
777Kb / 13P
   Ka-Band Power Amplifier MMIC
FMM5822X EUDYNA-FMM5822X Datasheet
299Kb / 14P
   K-Band Power Amplifier MMIC
FMM5823X EUDYNA-FMM5823X Datasheet
423Kb / 15P
   K-Band Power Amplifier MMIC
FMM5829X EUDYNA-FMM5829X Datasheet
259Kb / 14P
   K-Band Power Amplifier MMIC
More results

Similar Description - FMM5826X

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5820QH EUDYNA-FMM5820QH Datasheet
376Kb / 14P
   Ka-Band Power Amplifier MMIC
FMM5820X EUDYNA-FMM5820X Datasheet
777Kb / 13P
   Ka-Band Power Amplifier MMIC
ESM5804YD EUDYNA-ESM5804YD Datasheet
240Kb / 13P
   K,Ka-Band Power Amplifier MMIC
FMM5804VY EUDYNA-FMM5804VY Datasheet
285Kb / 14P
   K / Ka Band Power Amplifier MMIC
logo
List of Unclassifed Man...
FMM5709VZ ETC1-FMM5709VZ Datasheet
207Kb / 12P
   K/ Ka Band Low Noise Amplifier MMIC
FMM5709X ETC1-FMM5709X Datasheet
106Kb / 9P
   K/Ka Band Low Noise Amplifier MMIC
logo
Eudyna Devices Inc
FMM5703VZ EUDYNA-FMM5703VZ Datasheet
208Kb / 12P
   K / Ka Band Low Noise Amplifier MMIC
logo
TriQuint Semiconductor
TGA4517-EPU TRIQUINT-TGA4517-EPU Datasheet
135Kb / 10P
   Ka-Band Power Amplifier
TGA4517 TRIQUINT-TGA4517 Datasheet
130Kb / 10P
   Ka-Band Power Amplifier
TGA4517 TRIQUINT-TGA4517_15 Datasheet
411Kb / 11P
   Ka Band Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com