Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FRM3Z121KT Datasheet(PDF) 4 Page - Eudyna Devices Inc

Part # FRM3Z121KT
Description  InGaAs-PIN/Preamp Receiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FRM3Z121KT Datasheet(HTML) 4 Page - Eudyna Devices Inc

  FRM3Z121KT Datasheet HTML 1Page - Eudyna Devices Inc FRM3Z121KT Datasheet HTML 2Page - Eudyna Devices Inc FRM3Z121KT Datasheet HTML 3Page - Eudyna Devices Inc FRM3Z121KT Datasheet HTML 4Page - Eudyna Devices Inc FRM3Z121KT Datasheet HTML 5Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
InGaAs-PIN/Preamp
Receiver
FRM3Z121KT/LT
Fig. 5 Bit Error Rate at 1,310nm and a 156Mbps NRZ
223-1 PRBS for various case temperture
λ=1,310nm
156Mb/s
NRZ
Vss=-5.2V
VR=GND
Received Optical Power (dBm)
10-3
10-4
10-5
10-6
10-7
10-8
10-9
10-10
10-11
10-12
-45
-40
-35
-30
Ta=25
°C
85
°C
-40
°C
2-C1.5
8.4
±0.2
4.2
±0.2
2.0
±0.1
VR
OUT
GND
VSS
10.0 MIN
2.5
±0.1
4.4 MAX
32.0 MAX
1000 MIN
GND
VSS
VR
OUT
“KT” PACKAGE
7.6 MAX
2.5
±0.1
GND
VSS
VR
OUT
10.0 MIN
1.0
±0.1
32.0 MAX
1000 MIN
VR
OUT
GND
VSS
“LT” PACKAGE
UNIT: mm
UNIT: mm


Similar Part No. - FRM3Z121KT

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FRM3Z231KT EUDYNA-FRM3Z231KT Datasheet
330Kb / 5P
   InGaAs-PIN/Preamp Receiver
FRM3Z231LT EUDYNA-FRM3Z231LT Datasheet
330Kb / 5P
   InGaAs-PIN/Preamp Receiver
FRM3Z232BS EUDYNA-FRM3Z232BS Datasheet
609Kb / 4P
   InGaAs-PIN/Preamp Preamp
FRM3Z232BS-A EUDYNA-FRM3Z232BS-A Datasheet
609Kb / 4P
   InGaAs-PIN/Preamp Preamp
FRM3Z232HY EUDYNA-FRM3Z232HY Datasheet
201Kb / 4P
   InGaAs-PIN/Preamp Receiver
More results

Similar Description - FRM3Z121KT

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FRM5J142GW EUDYNA-FRM5J142GW Datasheet
315Kb / 4P
   InGaAs-PIN/Preamp Receiver
FRM3Z232LY EUDYNA-FRM3Z232LY Datasheet
224Kb / 4P
   InGaAs-PIN/Preamp Receiver
FRM5J141GW EUDYNA-FRM5J141GW Datasheet
308Kb / 4P
   InGaAs-PIN/Preamp Receiver
FRM3Z232HY EUDYNA-FRM3Z232HY Datasheet
201Kb / 4P
   InGaAs-PIN/Preamp Receiver
FRM3Z231KT EUDYNA-FRM3Z231KT Datasheet
330Kb / 5P
   InGaAs-PIN/Preamp Receiver
logo
List of Unclassifed Man...
FRM3Z621KT ETC1-FRM3Z621KT Datasheet
278Kb / 5P
   InGaAs-PIN/Preamp Receiver
logo
Eudyna Devices Inc
FRM3Z232BS EUDYNA-FRM3Z232BS Datasheet
609Kb / 4P
   InGaAs-PIN/Preamp Preamp
FRM5N142GW EUDYNA-FRM5N142GW Datasheet
339Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5W231KT EUDYNA-FRM5W231KT Datasheet
321Kb / 5P
   InGaAs-APD/Preamp Receiver
FRM5J141GT EUDYNA-FRM5J141GT Datasheet
304Kb / 4P
   InGaAs-APD/Preamp Receiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com