Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FRM3Z232LY Datasheet(PDF) 2 Page - Eudyna Devices Inc

Part # FRM3Z232LY
Description  InGaAs-PIN/Preamp Receiver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FRM3Z232LY Datasheet(HTML) 2 Page - Eudyna Devices Inc

  FRM3Z232LY Datasheet HTML 1Page - Eudyna Devices Inc FRM3Z232LY Datasheet HTML 2Page - Eudyna Devices Inc FRM3Z232LY Datasheet HTML 3Page - Eudyna Devices Inc FRM3Z232LY Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
InGaAs-PIN/Preamp
Receiver
FRM3Z232LY
Parameter
PIN-PD Responsivity
AC Transimpedance
Maximum Overload
Symbol
R13
OPTICAL & ELECTRICAL CHARACTERISTICS
(Tc=25°C, λ=1,550nm, VR=+5.0V, VDD=+3.3V, unless otherwise specified)
Zt
Bandwidth
Sensitivity
BW
Pr
Pmax
A/W
Unit
GHz
dBm
Limits
-
-
-22
Max.
0.75
0.80
-
2.2
1800
2600
-
-24
dBm
-
0-
-25
2.5
Equivalent Input
Noise Current Density
in
pA/
Hz
11.0
-
9.5
2200
0.80
0.85
Power Supply Current
IDD
mA
45
70
-
Min.
Typ.
-24
-
Test Conditions
Optical Return Loss
ORL
dB
-
30
-
λ = 1,310nm, M=1
λ = 1,550nm, M=1
V
3.30
Power Supply Voltage
VDD
3.45
3.15
2.488Gb/s, NRZ,
PRBS=223-1,
B.E.R.=10-10,
Saturated Output Voltage
Tc=-40 to +85
°C
2.488Gb/s, NRZ,
PRBS=223-1,
B.E.R.=10-10,
Rext=-14dB,
Tc=25
°C
Average within 2.2GHz
Pin=-20dBm,
-3dBm from 1MHz
Pin=-20dBm, f=100MHz,
Single-ended
λ = 1,610nm, M=1
-
0.70
-
Lower Cut-off Frequency
fcl
-
50
75
kHz
Peaking
dpk
Pin=-20dBm, from 1MHz
--
2
dB
Group Delay Deviation
GD
Pin=-20dBm,
from 500MHz to 1.75GHz
-
60
-
psec
Output Return Loss
S22
Up to 1.75GHz
10
-
-
dB
Up to 2.5GHz
5
-
-
(Note 2)
-3
-
-
Maximum Output Voltage Swing
Vclip
450
550
800
mV
Note 1: All the parameters are measured with 50
Ω AC-coupled.
Note 2: Defined by a 10% distortion of the wave form.
R15
R16


Similar Part No. - FRM3Z232LY

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FRM3Z232BS EUDYNA-FRM3Z232BS Datasheet
609Kb / 4P
   InGaAs-PIN/Preamp Preamp
FRM3Z232BS-A EUDYNA-FRM3Z232BS-A Datasheet
609Kb / 4P
   InGaAs-PIN/Preamp Preamp
FRM3Z232HY EUDYNA-FRM3Z232HY Datasheet
201Kb / 4P
   InGaAs-PIN/Preamp Receiver
More results

Similar Description - FRM3Z232LY

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FRM3Z121KT EUDYNA-FRM3Z121KT Datasheet
121Kb / 5P
   InGaAs-PIN/Preamp Receiver
FRM5J142GW EUDYNA-FRM5J142GW Datasheet
315Kb / 4P
   InGaAs-PIN/Preamp Receiver
FRM5J141GW EUDYNA-FRM5J141GW Datasheet
308Kb / 4P
   InGaAs-PIN/Preamp Receiver
FRM3Z232HY EUDYNA-FRM3Z232HY Datasheet
201Kb / 4P
   InGaAs-PIN/Preamp Receiver
FRM3Z231KT EUDYNA-FRM3Z231KT Datasheet
330Kb / 5P
   InGaAs-PIN/Preamp Receiver
logo
List of Unclassifed Man...
FRM3Z621KT ETC1-FRM3Z621KT Datasheet
278Kb / 5P
   InGaAs-PIN/Preamp Receiver
logo
Eudyna Devices Inc
FRM3Z232BS EUDYNA-FRM3Z232BS Datasheet
609Kb / 4P
   InGaAs-PIN/Preamp Preamp
FRM5N142GW EUDYNA-FRM5N142GW Datasheet
339Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5W231KT EUDYNA-FRM5W231KT Datasheet
321Kb / 5P
   InGaAs-APD/Preamp Receiver
FRM5J141GT EUDYNA-FRM5J141GT Datasheet
304Kb / 4P
   InGaAs-APD/Preamp Receiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com