Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66222SP Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M66222SP
Description  128 x 8-BIT x 2 MAIL-BOX
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66222SP Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

  M66222SP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M66222SP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M66222SP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M66222SP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66222SP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M66222SP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M66222SP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M66222SP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MITSUBISHI
〈DIGITAL ASSP〉
M66222SP/FP
128
× 8-BIT × 2 MAIL-BOX
8
SWITCHING CHARACTERISTICS MEASUREMENT CIRCUIT
Input pulse level
: VIH = 3.0V, VIL = 0V
Input pulse rise/fall time
: tr/tf = 5ns
Input timing reference voltage : 1.5V
Output timing decision voltage : 1.5V
Output load
: Figure 3 ~ 4 (The capacitance includes stray wiring capacitance and the probe input capacitance.)
Fig 4. Output Load (to ten, tdis)
+ 5V
1250
100pF
775
I/O
5V
1250
5pF
775
I/O
Fig 3. Output Load
+


Similar Part No. - M66222SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66222SP RENESAS-M66222SP Datasheet
1Mb / 9P
   128*8-BIT*2 MAIL-BOX
More results

Similar Description - M66222SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66222SP RENESAS-M66222SP Datasheet
1Mb / 9P
   128*8-BIT*2 MAIL-BOX
logo
Mitsubishi Electric Sem...
M66220SP MITSUBISHI-M66220SP Datasheet
138Kb / 11P
   256 x 8-BIT MAIL-BOX
M66221SP MITSUBISHI-M66221SP Datasheet
119Kb / 11P
   256 x 9-BIT MAIL-BOX
logo
Renesas Technology Corp
M66220SP RENESAS-M66220SP Datasheet
2Mb / 12P
   256*8-BIT MAIL-BOX
logo
Xicor Inc.
X76F100 XICOR-X76F100 Datasheet
275Kb / 16P
   1K 128 x 8 Bit
logo
Toshiba Semiconductor
TC9WMB1FK TOSHIBA-TC9WMB1FK Datasheet
158Kb / 15P
   1024-Bit (128 x 8 Bit) / 2048-Bit (256 x 8 Bit) 2-Wire Serial E2PROM
logo
ATMEL Corporation
AT88SC1616C ATMEL-AT88SC1616C Datasheet
176Kb / 11P
   8 x 128 x 16 CryptoMemory?
logo
Hitachi Semiconductor
HM628128B HITACHI-HM628128B Datasheet
627Kb / 19P
   1 M SRAM (128-KWORD X 8 BIT)
HM628128 HITACHI-HM628128 Datasheet
124Kb / 20P
   1 M SRAM (128-kword x 8-bit)
logo
Intersil Corporation
CDP1823 INTERSIL-CDP1823 Datasheet
28Kb / 7P
   128-Word x 8-Bit LSI Static RAM
March 1997
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com