Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM1141GF Datasheet(PDF) 4 Page - Eudyna Devices Inc

Part # FTM1141GF
Description  Driver Integrated 10Gb/s MI-DFB LD Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FTM1141GF Datasheet(HTML) 4 Page - Eudyna Devices Inc

  FTM1141GF Datasheet HTML 1Page - Eudyna Devices Inc FTM1141GF Datasheet HTML 2Page - Eudyna Devices Inc FTM1141GF Datasheet HTML 3Page - Eudyna Devices Inc FTM1141GF Datasheet HTML 4Page - Eudyna Devices Inc FTM1141GF Datasheet HTML 5Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
PD
PD
LD
NC
NC
TEC
GND
GND
Blocking
Capacitor
Ex. 0.1µF
Din
GND
DinB
GND
Vx1
Vx2
Cross Point Control
Bias Voltage Control
Supply Voltage
Modulation Voltage Control
VSS
Vm
Vb
Ther r
TEC
Chip
Capacitor
0.1µF
Chip
Capacitor
0.1µF
Typical Application for Driver IC
For stable operation:
8-1. To prevent a dependence of “Cross point” on the supply voltage VSS,
(1) Use an external voltage source of -3.8V for “Vx2”, or
(2) Control the voltage of “Vx1”, so that the voltage difference “Vx1-Vx2” remain constant.
8-2. To prevent a dependence of “Modulation control voltage” on the supply voltage VSS,
control the voltage of “Vm”, so that the difference “Vm-VSS” remain constant.
8-3. To prevent a dependence of “Bias control voltage” on the supply voltage VSS,
control the voltage of “Vb”, so that the difference “Vb-VSS” remain constant.
Driver Integrated 10Gb/s
MI-DFB LD Module
FTM1141GF


Similar Part No. - FTM1141GF

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FTM1141GF-C EUDYNA-FTM1141GF-C Datasheet
521Kb / 5P
   Driver Integrated 10Gb/s MI-DFB LD Module
More results

Similar Description - FTM1141GF

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FTM1141GF-C EUDYNA-FTM1141GF-C Datasheet
521Kb / 5P
   Driver Integrated 10Gb/s MI-DFB LD Module
logo
NEC
OD-S559 NEC-OD-S559 Datasheet
251Kb / 3P
   1310nm DFB-LD Module
logo
Mitsubishi Electric Sem...
FU-641SEA-1MX MITSUBISHI-FU-641SEA-1MX Datasheet
129Kb / 4P
   1.55 um EA MODULATOR INTEGRATED DFB-LD MODULE (7 PIN PACKAGE WITH K CONNECTOR, 10GB/s DIGITAL APPLICATION)
logo
Eudyna Devices Inc
FLD5F20CE-E EUDYNA-FLD5F20CE-E Datasheet
424Kb / 6P
   1,550nm MI DFB Laser with Integrated Wavelength Locker
logo
Optoway Technology Inc
DL-5300-1650 OPTOWAY-DL-5300-1650_09 Datasheet
80Kb / 4P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-CXX0 OPTOWAY-DL-5300-CXX0_09 Datasheet
81Kb / 4P
   1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
DL-5340-CXX0 OPTOWAY-DL-5340-CXX0 Datasheet
95Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
DL-5300-1490 OPTOWAY-DL-5300-1490 Datasheet
91Kb / 2P
   1490 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1650 OPTOWAY-DL-5300-1650 Datasheet
91Kb / 2P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1625 OPTOWAY-DL-5300-1625 Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com