Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P0120002P Datasheet(PDF) 8 Page - Eudyna Devices Inc

Part # P0120002P
Description  250mW GaAs Power FET (Pb-Free Type)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

P0120002P Datasheet(HTML) 8 Page - Eudyna Devices Inc

Back Button P0120002P Datasheet HTML 4Page - Eudyna Devices Inc P0120002P Datasheet HTML 5Page - Eudyna Devices Inc P0120002P Datasheet HTML 6Page - Eudyna Devices Inc P0120002P Datasheet HTML 7Page - Eudyna Devices Inc P0120002P Datasheet HTML 8Page - Eudyna Devices Inc P0120002P Datasheet HTML 9Page - Eudyna Devices Inc P0120002P Datasheet HTML 10Page - Eudyna Devices Inc P0120002P Datasheet HTML 11Page - Eudyna Devices Inc P0120002P Datasheet HTML 12Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Specifications and information are subject to change without notice.
2003-11
Sumitomo Electric Industries, Ltd. 1,Taya-cho, Sakae-ku, Yokohama, 244-8588 Japan
Phone: +81-45-853-7263 Fax: +81-45-853-1291
e-mail : GaAsIC-ml@ml.sei.co.jp Web Site: www.sei.co.jp/GaAsIC/
-8-
Technical Note
P0120002P
250mW GaAs Power FET (Pb-Free Type)
SUMITOMO ELECTRIC
[Typical Performance]
KP022JApplication Circuit
Vds=6V, Ids=100mA, Tc=25°C
Frequency characteristics were measured with Pout at 13dBm.
31
32
33
34
35
36
2100
2120
2140
2160
2180
IP3 vs Frequency
Frequency (MHz)
Vds=6V
Vds=5V
Vds=4V
31
32
33
34
35
36
2100
2120
2140
2160
2180
IP3 vs Frequency
Frequency (MHz)
Vds=6V
Vds=5V
Vds=4V
31
32
33
34
35
36
2100
2120
2140
2160
2180
IP3 vs Frequency
Frequency (MHz)
Vds=6V
Vds=5V
Vds=4V
14.5
14.7
14.9
15.1
15.3
15.5
2100
2120
2140
2160
2180
Gain vs Frequency
Frequency (MHz)
Vds=4V
Vds=5V
Vds=6V
14.5
14.7
14.9
15.1
15.3
15.5
2100
2120
2140
2160
2180
Gain vs Frequency
Frequency (MHz)
Vds=4V
Vds=5V
Vds=6V
14.5
14.7
14.9
15.1
15.3
15.5
2100
2120
2140
2160
2180
Gain vs Frequency
Frequency (MHz)
Ids=60mA
Ids=80mA
Ids=100mA
14.5
14.7
14.9
15.1
15.3
15.5
2100
2120
2140
2160
2180
Gain vs Frequency
Frequency (MHz)
Ids=60mA
Ids=80mA
Ids=100mA
Pout, Gain, IP3, Ids vs Pin
85
90
95
100
105
110
5
10
15
20
25
30
35
40
80
115
-10 -8
-6
-4
-2
0
2
4
Pin (dBm)
IP3
Ids
Gain
Pout
Pout, Gain, IP3, Ids vs Pin
85
90
95
100
105
110
5
10
15
20
25
30
35
40
80
115
-10 -8
-6
-4
-2
0
2
4
Pin (dBm)
IP3
Ids
Gain
Pout
80
115
-10 -8
-6
-4
-2
0
2
4
Pin (dBm)
IP3
Ids
Gain
Pout
6
IM3, Im5 vs Pout
-70
-60
-50
-40
-30
-20
8
1012
14
1618
20
Pout (dBm)
IM3
IM5
6
IM3, Im5 vs Pout
-70
-60
-50
-40
-30
-20
8
1012
14
1618
20
Pout (dBm)
IM3
IM5
26
28
30
32
34
36
2100
2120
2140
2160
2180
IP3 vs Frequency
Frequency (MHz)
Ids=100mA
Ids=80mA
Ids=60mA
26
28
30
32
34
36
2100
2120
2140
2160
2180
IP3 vs Frequency
Frequency (MHz)
Ids=100mA
Ids=80mA
Ids=60mA


Similar Part No. - P0120002P

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
P0120003P EUDYNA-P0120003P Datasheet
845Kb / 13P
   800mW GaAs Power FET (Pb-Free Type)
P0120004P EUDYNA-P0120004P Datasheet
821Kb / 13P
   1.5W GaAs Power FET (Pb-Free Type)
P0120007P EUDYNA-P0120007P Datasheet
778Kb / 13P
   250mW GaAs Power FET (Pb-Free Type)
P0120008P EUDYNA-P0120008P Datasheet
833Kb / 13P
   1W GaAs Power FET (Pb-Free Type)
P0120009P EUDYNA-P0120009P Datasheet
818Kb / 13P
   2W GaAs Power FET (Pb-Free Type)
More results

Similar Description - P0120002P

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
P0120007P EUDYNA-P0120007P Datasheet
778Kb / 13P
   250mW GaAs Power FET (Pb-Free Type)
P0120009P EUDYNA-P0120009P Datasheet
818Kb / 13P
   2W GaAs Power FET (Pb-Free Type)
P0120008P EUDYNA-P0120008P Datasheet
833Kb / 13P
   1W GaAs Power FET (Pb-Free Type)
P0120004P EUDYNA-P0120004P Datasheet
821Kb / 13P
   1.5W GaAs Power FET (Pb-Free Type)
P0120003P EUDYNA-P0120003P Datasheet
845Kb / 13P
   800mW GaAs Power FET (Pb-Free Type)
logo
OSRAM GmbH
SFH4511 OSRAM-SFH4511 Datasheet
228Kb / 8P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
LD242 OSRAM-LD242 Datasheet
209Kb / 7P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH400 OSRAM-SFH400 Datasheet
231Kb / 8P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
logo
LUXPIA
LIB1000 LUXPIA-LIB1000 Datasheet
616Kb / 15P
   Pb-Free Reflow
logo
Taiwan Semiconductor Co...
TSM2NB60CP TSC-TSM2NB60CP Datasheet
840Kb / 9P
   Pb-free plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com