Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KP028J Datasheet(PDF) 7 Page - Eudyna Devices Inc

Part # KP028J
Description  1W GaAs Power FET (Pb-Free Type)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

KP028J Datasheet(HTML) 7 Page - Eudyna Devices Inc

Back Button KP028J Datasheet HTML 3Page - Eudyna Devices Inc KP028J Datasheet HTML 4Page - Eudyna Devices Inc KP028J Datasheet HTML 5Page - Eudyna Devices Inc KP028J Datasheet HTML 6Page - Eudyna Devices Inc KP028J Datasheet HTML 7Page - Eudyna Devices Inc KP028J Datasheet HTML 8Page - Eudyna Devices Inc KP028J Datasheet HTML 9Page - Eudyna Devices Inc KP028J Datasheet HTML 10Page - Eudyna Devices Inc KP028J Datasheet HTML 11Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Specifications and information are subject to change without notice.
2003-11
Sumitomo Electric Industries, Ltd. 1,Taya-cho, Sakae-ku, Yokohama, 244-8588 Japan
Phone: +81-45-853-7263 Fax: +81-45-853-1291
e-mail : GaAsIC-ml@ml.sei.co.jp Web Site: www.sei.co.jp/GaAsIC/
-7-
Technical Note
P0120008P
1W GaAs Power FET (Pb-Free Type)
SUMITOMO ELECTRIC
♦Application Circuit : 2110-2170MHz
C7
R1
C2
C5
L1
C6
C3
C4
L2
C1
C8
C7
R1
C2
C5
L1
C6
C3
C4
L2
C1
C8
RF in (Rs=50Ω)
Vg
Vd
D.U.T
RF out (RL=50Ω)
Z1
Z2
Z3
Z4
Z5
Z6
Z7
C9
C10
RF in
KP028J
RF out
Vg
(-0.7~-2V)
Vd
(+8V)
L2
L1
C5
C4
R1
C6
C7
C8
C9
C1
C2
C3
C10
RF in
KP028J
RF out
Vg
(-0.7~-2V)
Vd
(+8V)
L2
L1
C5
C4
R1
C6
C7
C8
C9
C1
C2
C3
C10
Ref. Des.
Value
Part Number
R1
82Ω
SUSUMU
RR0816 series
C1
2pF
C2
0.5pF
C3
0.5pF
C4
1pF
C5
2pF
C6
1µF
C7
1µF
C8
4pF
C9
0.5pF
C10
0.5pF
L1
22nH
L2
22nH
MURATA
GRM18 series
TOKO LL1608
series
Ref.
Designator
Electrical length
@ 2.1GHz (deg)
Z1
3.86
Z2
27.9
Z3
4.08
Z4
13.61
Z5
8.62
Z6
6.38
Z7
45.37
All microstrip lines have a line impedance of 50
Ω.
1.9
2.0
2.1
2.2
2.3
Frequency (GHz)
-30
-20
-10
0
10
20
S12
S11
S22
S21
1.9
2.0
2.1
2.2
2.3
Frequency (GHz)
-30
-20
-10
0
10
20
S12
S11
S22
S21
1.9
2.0
2.1
2.2
2.3
Frequency (GHz)
-30
-20
-10
0
10
20
S12
S11
S22
S21


Similar Part No. - KP028J

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
KP0215ACAKG03 NKK-KP0215ACAKG03 Datasheet
1Mb / 8P
   General Specifications
KP0215ACAKG03 NKK-KP0215ACAKG03 Datasheet
363Kb / 12P
   General Specifications
KP0215ACAKG036CF-1FJB NKK-KP0215ACAKG036CF-1FJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
KP0215ACAKG036CF-1SJB NKK-KP0215ACAKG036CF-1SJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
KP0215ACAKG036CF-1TJB NKK-KP0215ACAKG036CF-1TJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
More results

Similar Description - KP028J

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
P0120009P EUDYNA-P0120009P Datasheet
818Kb / 13P
   2W GaAs Power FET (Pb-Free Type)
P0120002P EUDYNA-P0120002P Datasheet
840Kb / 13P
   250mW GaAs Power FET (Pb-Free Type)
P0120004P EUDYNA-P0120004P Datasheet
821Kb / 13P
   1.5W GaAs Power FET (Pb-Free Type)
P0120003P EUDYNA-P0120003P Datasheet
845Kb / 13P
   800mW GaAs Power FET (Pb-Free Type)
P0120007P EUDYNA-P0120007P Datasheet
778Kb / 13P
   250mW GaAs Power FET (Pb-Free Type)
logo
Mitsubishi Electric Sem...
MGFK30V4045 MITSUBISHI-MGFK30V4045_05 Datasheet
251Kb / 3P
   14.0-14.5GHz BAND 1W INTERNALLY MATCHED GaAs FET
MGFK30V4045 MITSUBISHI-MGFK30V4045 Datasheet
80Kb / 2P
   14.0-14.5GHz BAND 1W INTERNALLY MATCHED GaAs FET?
logo
OSRAM GmbH
SFH4511 OSRAM-SFH4511 Datasheet
228Kb / 8P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
LD242 OSRAM-LD242 Datasheet
209Kb / 7P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH400 OSRAM-SFH400 Datasheet
231Kb / 8P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com