Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KP028J Datasheet(PDF) 4 Page - Eudyna Devices Inc

Part # KP028J
Description  1W GaAs Power FET (Pb-Free Type)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

KP028J Datasheet(HTML) 4 Page - Eudyna Devices Inc

  KP028J Datasheet HTML 1Page - Eudyna Devices Inc KP028J Datasheet HTML 2Page - Eudyna Devices Inc KP028J Datasheet HTML 3Page - Eudyna Devices Inc KP028J Datasheet HTML 4Page - Eudyna Devices Inc KP028J Datasheet HTML 5Page - Eudyna Devices Inc KP028J Datasheet HTML 6Page - Eudyna Devices Inc KP028J Datasheet HTML 7Page - Eudyna Devices Inc KP028J Datasheet HTML 8Page - Eudyna Devices Inc KP028J Datasheet HTML 9Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Technical Note
P0120008P
1W GaAs Power FET (Pb-Free Type)
SUMITOMO ELECTRIC
Ids=220mA
Ids=180mA
-100
-80
-60
-40
-20
0
20
40
60
80
-15
-10
-5
0
5
10
15
20
Pin (dBm)
Pout
Gain
IP3
ηadd
IM3
IM3/Pout
-100
-80
-60
-40
-20
0
20
40
60
80
-15
-10
-5
0
5
10
15
20
Pin (dBm)
Pout
Gain
IP3
ηadd
IM3
IM3/Pout
-100
-80
-100
-80
-60
-40
-20
0
20
40
60
80
-15
-10
-5
0
5
10
15
20
Pin (dBm)
Pout
Gain
IP3
ηadd
IM3
IM3/Pout
-60
-40
-20
0
20
40
60
80
-15
-10
-5
0
5
10
15
20
Pin (dBm)
Pout
Gain
IP3
ηadd
IM3
IM3/Pout
Device: P0120008P
Frequency: f1=2.1GHz f2=2.101GHz
Bias: Vds=8V, Ids=220mA
Source Matching: Mag 0.75 Ang -169.5°
Load Matching: Mag 0.36 Ang 175.9°
Device: P0120008P
Frequency: f1=2.1GHz f2=2.101GHz
Bias: Vds=8V, Ids=180mA
Source Matching: Mag 0.75 Ang -169.5°
Load Matching: Mag 0.32 Ang 144.6°
[Note] Pout and η add are measured by one signal.
The data for the figures above were measured with the load impedance matched to IP3.
Id=220mA
Pin
(dBm)
Pout
(dBm)
Gain
(dB)
IM3
(dBm)
IM3/Pout
(dBc)
IP3
(dBm)
Id
(mA)
ηadd
(%)
-10.0
4.4
14.4
-68.1
-72.5
40.6
178.4
0.2
-5.0
9.5
14.5
-57.4
-66.8
42.9
173.4
0.6
0.0
14.5
14.5
-41.8
-56.3
42.7
165.8
2.0
5.0
19.5
14.5
-25.5
-45.0
41.8
162.8
6.6
10.0
24.5
14.5
-2.4
-26.8
37.4
170.3
19.8
15.0
29.3
14.3
13.8
-15.5
34.6
202.3
50.6
Id=180mA
Pin
(dBm)
Pout
(dBm)
Gain
(dB)
IM3
(dBm)
IM3/Pout
(dBc)
IP3
(dBm)
Id
(mA)
ηadd
(%)
-10.0
4.4
14.4
-66.3
-70.7
39.9
164.9
0.2
-5.0
9.5
14.5
-56.0
-65.5
42.3
159.6
0.7
0.0
14.6
14.6
-41.4
-56.0
42.6
151.8
2.3
5.0
19.6
14.6
-23.7
-43.3
41.3
147.5
7.5
10.0
24.6
14.6
0.8
-23.8
36.0
156.1
22.2
15.0
29.3
14.3
13.6
-15.7
34.6
189.3
53.6
Specifications and information are subject to change without notice.
2003-11
Sumitomo Electric Industries, Ltd. 1,Taya-cho, Sakae-ku, Yokohama, 244-8588 Japan
Phone: +81-45-853-7263 Fax: +81-45-853-1291
e-mail : GaAsIC-ml@ml.sei.co.jp
-4-
Web Site: www.sei.co.jp/GaAsIC/


Similar Part No. - KP028J

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
KP0215ACAKG03 NKK-KP0215ACAKG03 Datasheet
1Mb / 8P
   General Specifications
KP0215ACAKG03 NKK-KP0215ACAKG03 Datasheet
363Kb / 12P
   General Specifications
KP0215ACAKG036CF-1FJB NKK-KP0215ACAKG036CF-1FJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
KP0215ACAKG036CF-1SJB NKK-KP0215ACAKG036CF-1SJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
KP0215ACAKG036CF-1TJB NKK-KP0215ACAKG036CF-1TJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
More results

Similar Description - KP028J

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
P0120009P EUDYNA-P0120009P Datasheet
818Kb / 13P
   2W GaAs Power FET (Pb-Free Type)
P0120002P EUDYNA-P0120002P Datasheet
840Kb / 13P
   250mW GaAs Power FET (Pb-Free Type)
P0120004P EUDYNA-P0120004P Datasheet
821Kb / 13P
   1.5W GaAs Power FET (Pb-Free Type)
P0120003P EUDYNA-P0120003P Datasheet
845Kb / 13P
   800mW GaAs Power FET (Pb-Free Type)
P0120007P EUDYNA-P0120007P Datasheet
778Kb / 13P
   250mW GaAs Power FET (Pb-Free Type)
logo
Mitsubishi Electric Sem...
MGFK30V4045 MITSUBISHI-MGFK30V4045_05 Datasheet
251Kb / 3P
   14.0-14.5GHz BAND 1W INTERNALLY MATCHED GaAs FET
MGFK30V4045 MITSUBISHI-MGFK30V4045 Datasheet
80Kb / 2P
   14.0-14.5GHz BAND 1W INTERNALLY MATCHED GaAs FET?
logo
OSRAM GmbH
SFH4511 OSRAM-SFH4511 Datasheet
228Kb / 8P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
LD242 OSRAM-LD242 Datasheet
209Kb / 7P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH400 OSRAM-SFH400 Datasheet
231Kb / 8P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com