Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1550COTR Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1550COTR
Description  Low-Noise Synchronous PWM Step-Down DC/DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1550COTR Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1550COTR Datasheet HTML 1Page - Analog Intergrations Corporation AIC1550COTR Datasheet HTML 2Page - Analog Intergrations Corporation AIC1550COTR Datasheet HTML 3Page - Analog Intergrations Corporation AIC1550COTR Datasheet HTML 4Page - Analog Intergrations Corporation AIC1550COTR Datasheet HTML 5Page - Analog Intergrations Corporation AIC1550COTR Datasheet HTML 6Page - Analog Intergrations Corporation AIC1550COTR Datasheet HTML 7Page - Analog Intergrations Corporation AIC1550COTR Datasheet HTML 8Page - Analog Intergrations Corporation AIC1550COTR Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AIC1550
TYPICAL APPLICATION CIRCUIT
SS12
*
R2
560K
R1
820K
L1
6.8
µH
CO
22
µF
CIN
22
µF
CF
12P
CBP
0.1
µF
LX
BP
SYNC/
MODE
FB
RT
Optional
VOUT = 1.8V
IN= 2.5V to 6.5V
SHDN
AIC1550
GND
VIN
BP
1
2
3
4
5
6
7
8
* Note: Efficiency can boost 2% to 4% if D1 is connected.
CIN: TAIYO YUDEN LMK316F226ZL-T Ceramic capacitor
CO1: TAIYO YUDEN LMK316F226ZL-T Ceramic capacitor
L1: TDK SLF6025-6R8M1R3
D1: GS SS12
D1
V
ORDERING INFORMATION
PACKING TYPE
TR: TAPE & REEL
TB: TUBE
PACKAGING TYPE
O:MSOP8
C: Commercial Degree
P: Lead Free
PIN CONFIGURATION
TOP VIEW
AIC1550XXXX
SYNC/MODE
LX
GND
RT
SHDN
BP
FB
VIN 1
3
4
2
8
6
5
7
Example: AIC1550COTR
In MSOP Package & Taping &
Reel Packing Type
AIC1550POTR
In MSOP Lead Free Package &
Taping & Reel Packing Type
2


Similar Part No. - AIC1550COTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1553 AIC-AIC1553 Datasheet
391Kb / 9P
   Compact 500KHz PWM/PFM, Step-Down DC/DC Converters
AIC1553CV AIC-AIC1553CV Datasheet
391Kb / 9P
   Compact 500KHz PWM/PFM, Step-Down DC/DC Converters
AIC1553CVBG AIC-AIC1553CVBG Datasheet
391Kb / 9P
   Compact 500KHz PWM/PFM, Step-Down DC/DC Converters
AIC1553CVTR AIC-AIC1553CVTR Datasheet
391Kb / 9P
   Compact 500KHz PWM/PFM, Step-Down DC/DC Converters
AIC1554 AIC-AIC1554 Datasheet
789Kb / 15P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
More results

Similar Description - AIC1550COTR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6550 SSC-SS6550 Datasheet
403Kb / 13P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
logo
Analog Intergrations Co...
AIC1555 AIC-AIC1555 Datasheet
717Kb / 15P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
AIC1554 AIC-AIC1554 Datasheet
789Kb / 15P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
logo
Linear Technology
LT1612 LINER-LT1612_1 Datasheet
252Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612_15 Datasheet
257Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612 Datasheet
176Kb / 8P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
List of Unclassifed Man...
RT9226B ETC-RT9226B Datasheet
139Kb / 6P
   SYNCHRONOUS PWM STEP-DOWN DC/DC CONVERTER CONTROLLER
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
   high efficiency synchronous PWM step down DC/DC converter
ELM600XB ELM-TECH-ELM600XB_17 Datasheet
1Mb / 7P
   high efficiency synchronous PWM step down DC/DC converter
logo
RICOH electronics devic...
R1232D RICOH-R1232D Datasheet
845Kb / 24P
   PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com