Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT86RF401E Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT86RF401E
Description  Smart RF Wireless Data Microtransmitter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF401E Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT86RF401E Datasheet HTML 2Page - ATMEL Corporation AT86RF401E Datasheet HTML 3Page - ATMEL Corporation AT86RF401E Datasheet HTML 4Page - ATMEL Corporation AT86RF401E Datasheet HTML 5Page - ATMEL Corporation AT86RF401E Datasheet HTML 6Page - ATMEL Corporation AT86RF401E Datasheet HTML 7Page - ATMEL Corporation AT86RF401E Datasheet HTML 8Page - ATMEL Corporation AT86RF401E Datasheet HTML 9Page - ATMEL Corporation AT86RF401E Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
6
AT86RF401
1424F–RKE–12/03
XTALB
11
Crystal Output: Output from the inverting oscillator amplifier
IO3
12
Input/Output 3: General-purpose I/O and button input
IO4
13
Input/Output 4: General-purpose I/O and button input
IO5
14
Input/Output 5: General-purpose I/O and button input
DGND
15
Digital Ground
AGND
16
Analog Ground
DVDD
17
Digital Voltage Supply
Table 2. Pin Descriptions – 20-lead TSSOP (Continued)
40 pF
40 pF
10
11
V
DD
V
DD
Data
Enable
Data
Enable
12
35 k
To AVR
V
DD
V
DD
Data
Enable
Data
Enable
13
35 k
To AVR
V
DD
V
DD
Data
Enable
Data
Enable
14
35 k
To AVR


Similar Part No. - AT86RF401E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT86RF210 ATMEL-AT86RF210 Datasheet
104Kb / 10P
   Z-Link Transceiver
AT86RF211 ATMEL-AT86RF211 Datasheet
582Kb / 48P
   FSK Transceiver for ISM Radio Applications
AT86RF211DAI ATMEL-AT86RF211DAI Datasheet
582Kb / 48P
   FSK Transceiver for ISM Radio Applications
AT86RF211DAI-R ATMEL-AT86RF211DAI-R Datasheet
582Kb / 48P
   FSK Transceiver for ISM Radio Applications
AT86RF211S ATMEL-AT86RF211S Datasheet
135Kb / 15P
   Transceiver for ISM Radio Applications
More results

Similar Description - AT86RF401E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5423_0601 ATMEL-ATA5423_0601 Datasheet
182Kb / 2P
   SMART RF INTEGRATED WIRELESS DATA TRANSCEIVER
logo
LAPIS Semiconductor Co....
MK71251-01 LAPIS-MK71251-01 Datasheet
1Mb / 29P
   Bluetooth Smart wireless module
logo
ATMEL Corporation
SAM-R21E ATMEL-SAM-R21E_14 Datasheet
762Kb / 22P
   SMART ARM-Based Wireless Microcontroller
SAM-R21G ATMEL-SAM-R21G_14 Datasheet
762Kb / 22P
   SMART ARM-Based Wireless Microcontroller
logo
SHENZHEN KYL COMMUNICAT...
KYL-600M KYL-KYL-600M Datasheet
308Kb / 4P
   Wireless Data/AudioModule
logo
AAEON Technology
SCA-RF AAEON-SCA-RF Datasheet
501Kb / 2P
   SCA-RF is an RF Module with Wireless Capabilities, Suitable for Smart City/ Industrial Applications
logo
Zarlink Semiconductor I...
WL102B ZARLINK-WL102B Datasheet
369Kb / 10P
   Wireless Data Controller
logo
Pulse A Technitrol Comp...
B5004 PULSE-B5004 Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
logo
Mitel Networks Corporat...
WL102B MITEL-WL102B Datasheet
138Kb / 9P
   Wireless Data Controller
logo
SHENZHEN KYL COMMUNICAT...
KYL-200I KYL-KYL-200I Datasheet
174Kb / 1P
   Wireless Data Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com